Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV4992TT Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LV4992TT
Description  Bi-CMOS IC For Portable Audio Equipment Stereo SE Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV4992TT Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LV4992TT Datasheet HTML 2Page - Sanyo Semicon Device LV4992TT Datasheet HTML 3Page - Sanyo Semicon Device LV4992TT Datasheet HTML 4Page - Sanyo Semicon Device LV4992TT Datasheet HTML 5Page - Sanyo Semicon Device LV4992TT Datasheet HTML 6Page - Sanyo Semicon Device LV4992TT Datasheet HTML 7Page - Sanyo Semicon Device LV4992TT Datasheet HTML 8Page - Sanyo Semicon Device LV4992TT Datasheet HTML 9Page - Sanyo Semicon Device LV4992TT Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
LV4992TT
No.A0932-6/10
Usage Note
1. Input coupling capacitor (C3 and C5)
Since the high pass filter is formated by the input coupling capacitor C3, C5 and the input resistance R1, R4, low
frequency attenuates. Therefore, it is necessary to select the capacitance value with due considelation of passband. The
capacitance value influences a shock noise when the switch is turned on, caution is demanded because the level of
shock noise becomes large when a bigger capacitance value is set.
2. The 3rd pin capacitor (C4)
The power supply ripple is reduced by the 3rd pin capacitor C4. The Ripple rejection ratio improves when the
capacitance value is large. However, this capacitor influences the shock noise and rise time of amplifier.
Please design with both characteristics in mind.
3. Standby pin (pin 2)
The standby mode and the operation mode can be switched by controlling the standby pin.
Standby mode
⇒ V2 = 0 to 0.3V
Operation mode
⇒ V2 = 1.9 to VCCV
In addition, caution is necesssary since the current IST flows to the standby pin when the standby pin is used by
working with power supply as shown in FIG.1.
IST =
VCC−1.4V
R3+21k
Ω
(Approximate value)
Fig. 1
4. Power supply bypass capacitor (C2)
The bypass capacitor must be inserted, as close as possible to the power supply pin (pin 7).
5. Short-circuit between terminals
Turning on the power supply with the short-circuit between terminals leads to the deterioration and destruction of IC.
When fixing the IC to the substrate, please check that the solder is not short-circuited between the terminals before
turning on the power.
6. Load Short-circuit
Leaving the IC in the load short-circuit for many hours leads to the deterioration and destruction of the IC.
The load must not be short-circuited absolutely.
7. Maximum rating
When the rated value used is just below to the absolute maximum ratings value, there is a possibillity to exceed the
maxixmum rating value with slight extrusion variable. Also, it can be a destructive accident.
Please use within the absolute maximum ratings with sufficient variation margin of supply voltage.
VCC
R3
VCC
STBY
7
2


Similar Part No. - LV4992TT

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV4991M SANYO-LV4991M Datasheet
173Kb / 11P
   Monaural BTL Power Amplifier
LV4991TH SANYO-LV4991TH Datasheet
150Kb / 11P
   Bi-CMOS IC For Portable Audio Equipment Monaural BTL Power Amplifier
LV4991TT SANYO-LV4991TT Datasheet
189Kb / 11P
   Bi-CMOS IC For Portable Audio Equipment Monaural BTL Power Amplifier
LV4991TT SANYO-LV4991TT Datasheet
196Kb / 11P
   For Portable Audio Equipment Monaural BTL Power Amplifier
LV4991TT SANYO-LV4991TT_08 Datasheet
196Kb / 11P
   For Portable Audio Equipment Monaural BTL Power Amplifier
More results

Similar Description - LV4992TT

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV4991TH SANYO-LV4991TH Datasheet
150Kb / 11P
   Bi-CMOS IC For Portable Audio Equipment Monaural BTL Power Amplifier
LV4991TT SANYO-LV4991TT Datasheet
189Kb / 11P
   Bi-CMOS IC For Portable Audio Equipment Monaural BTL Power Amplifier
LV24030LP SANYO-LV24030LP Datasheet
176Kb / 14P
   Bi-CMOS IC FM Tuner IC for Small Portable Equipment
LV24100LP SANYO-LV24100LP Datasheet
199Kb / 18P
   Bi-CMOS IC FM and AM Tuner IC for Small Portable Equipment
logo
Panasonic Semiconductor
AN7535NSA PANASONIC-AN7535NSA Datasheet
80Kb / 9P
   Headphone amplifier IC for portable equipment
logo
Sanyo Semicon Device
LV4993M SANYO-LV4993M Datasheet
524Kb / 13P
   For Portable Audio Equipment Monaural BTL Power Amplifier
LV4991TT SANYO-LV4991TT_08 Datasheet
196Kb / 11P
   For Portable Audio Equipment Monaural BTL Power Amplifier
LV4993TH SANYO-LV4993TH Datasheet
563Kb / 13P
   For Portable Audio Equipment Monaural BTL Power Amplifier
logo
Panasonic Semiconductor
AN7531SA PANASONIC-AN7531SA Datasheet
178Kb / 10P
   Headphone amplifier IC for portable equipment
logo
Sanyo Semicon Device
LV24230LP SANYO-LV24230LP Datasheet
133Kb / 17P
   Bi-CMOS LSI Compact Portable Equipment 1-Chip FM Tuner IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com