Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV5124T Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LV5124T
Description  CMOS IC 2-Cell Lithium-Ion Secondary Battery Protection IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5124T Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LV5124T Datasheet HTML 1Page - Sanyo Semicon Device LV5124T Datasheet HTML 2Page - Sanyo Semicon Device LV5124T Datasheet HTML 3Page - Sanyo Semicon Device LV5124T Datasheet HTML 4Page - Sanyo Semicon Device LV5124T Datasheet HTML 5Page - Sanyo Semicon Device LV5124T Datasheet HTML 6Page - Sanyo Semicon Device LV5124T Datasheet HTML 7Page - Sanyo Semicon Device LV5124T Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LV5124T
No.A1153-2/8
Specifications
Absolute Maximum Ratings
at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Power supply voltage
VDD
-0.3 to +12
V
Input voltage
Charger minus voltage
V-
VDD-28 to VDD+0.3
V
Cout pin voltage
Vcout
VDD-28 to VDD+0.3
V
Output voltage
Dout pin voltage
Vdout
VSS-0.3 to VDD+0.3
V
Allowable power dissipation
Pd max
Independent IC
170
mW
Operating ambient temperature
Topr
-30 to +85
°C
Storage temperature
Tstg
-40 to +125
°C
Electrical Characteristics
at Ta = 25
°C, unless especially specified.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Operation input voltage
Vcell
Between VDD and VSS
1.5
10
V
0V cell charging minimum operation
voltage
Vmin
Between VDD-VSS =0 and VDD-V-
1.5
V
Over-charge detection voltage
Vd1
4.325
4.350
4.375
V
V-
≤ Vd3
4.100
4.150
4.200
V
Over-charge release voltage
Vr1
V- > Vd3
4.250
4.360
V
Over-charge detection delay time
td1
VDD-Vc=3.5V→4.5V, Vc-VSS=3.5V
0.5
1.0
1.5
s
Over-charge release delay time
tr1
VDD-Vc=4.5V→3.5V, Vc-VSS=3.5V
20.0
40.0
60.0
ms
Over-discharge detection voltage
Vd2
2.20
2.30
2.40
V
Over-discharge release
hysteresis voltage
Vh2
10.0
20.0
40.0
mV
Over-discharge detection delay time
td2
VDD-Vc=3.5V→2.2V, Vc-VSS=3.5V
50
100
150
ms
Over-discharge release delay time
tr2
VDD-Vc=2.2V→3.5V, Vc-VSS=3.5V
0.5
1.0
1.5
ms
Over-current detection voltage
Vd3
VDD-Vc=3.5V, Vc-VSS=3.5V
0.18
0.20
0.22
V
Over-current release
hysteresis voltage
Vh3
VDD-Vc=3.5V, Vc-VSS=3.5V
5.0
10.0
20.0
mV
Over-current detection delay time
td3
VDD-Vc=3.5V, Vc-VSS=3.5V
2.5
5.0
7.5
ms
Over-current release delay time
tr3
VDD-Vc=3.5V, Vc-VSS=3.5V
0.5
1.0
1.5
ms
Short circuit detection voltage
Vd4
VDD-Vc=3.5V, Vc-VSS=3.5V
1.0
1.3
1.6
V
Short circuit detection delay time
td4
VDD-Vc=3.5V, Vc-VSS=3.5V
0.2
0.5
0.8
ms
Standby release voltage
Vstb
VDD-Vc=2.0V, Vc-VSS=2.0V
(V-)-VSS
VDD×0.4
VDD×0.5
VDD×0.6
V
Internal resistance (connect to VDD)
RDD
100
200
400
k
Internal resistance (connect to VSS)
RSS
0.5
1.0
1.5
M
Cout Nch ON voltage
VOL1
IOL=50µA, VDD-Vc=4.4V, Vc-VSS=4.4V
0.5
V
Cout Pch ON voltage
VOH1
IOL=50µA, VDD-Vc=3.9V, Vc-VSS=3.9V
VDD-0.5
V
Dout Nch ON voltage
VOL2
IOL=50µA, VDD-Vc=Vd2(min),
Vc-VSS=Vd2(min)
0.5
V
Dout Pch ON voltage
VOH2
IOL=50µA, VDD-Vc=3.9V, Vc-VSS=3.9V
VDD-0.5
V
Vc input current
Ivc
VDD-Vc=3.5V, Vc-VSS=3.5V
0.0
1.0
µA
Current consumption
IDD
VDD-Vc=3.5V, Vc-VSS=3.5V
6.0
13.0
µA
Standby current
Istb
VDD-Vc=2.2V, Vc-VSS=3.5V
0.2
µA
T-terminal input ON voltage
Vtest
VDD-Vc=3.5V, Vc-VSS=3.5V
VDD×0.4
VDD×0.5
VDD×0.6
V


Similar Part No. - LV5124T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5122T SANYO-LV5122T Datasheet
179Kb / 10P
   CMOS IC 2-Cell Lithium-Ion Secondary Battery Protection IC
More results

Similar Description - LV5124T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV51131T SANYO-LV51131T Datasheet
170Kb / 8P
   CMOS IC 2-Cell Lithium-Ion Secondary Battery Protection IC
LV51138T SANYO-LV51138T Datasheet
170Kb / 8P
   CMOS IC 2-Cell Lithium-Ion Secondary Battery Protection IC
LV51134T SANYO-LV51134T Datasheet
168Kb / 8P
   CMOS IC 2-Cell Lithium-Ion Secondary Battery Protection IC
LV51137T SANYO-LV51137T Datasheet
170Kb / 8P
   CMOS IC 2-Cell Lithium-Ion Secondary Battery Protection IC
LV5122T SANYO-LV5122T Datasheet
179Kb / 10P
   CMOS IC 2-Cell Lithium-Ion Secondary Battery Protection IC
LV51130T SANYO-LV51130T Datasheet
170Kb / 8P
   CMOS IC 2-Cell Lithium-Ion Secondary Battery Protection IC
LV5113T SANYO-LV5113T Datasheet
168Kb / 8P
   CMOS IC 2-Cell Lithium-Ion Secondary Battery Protection IC
LV51135T SANYO-LV51135T Datasheet
171Kb / 8P
   CMOS IC 2-Cell Lithium-Ion Secondary Battery Protection IC
LV51134T SANYO-LV51134T_11 Datasheet
188Kb / 8P
   2-Cell Lithium-Ion Secondary Battery Protection IC
LV51132T SANYO-LV51132T Datasheet
155Kb / 9P
   2-Cell Lithium-Ion Secondary Battery Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com