Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL209327271E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MAL209327271E3
Description  Aluminum Capacitors Power Miniaturized General Purpose Snap-In
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL209327271E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  MAL209327271E3 Datasheet HTML 1Page - Vishay Siliconix MAL209327271E3 Datasheet HTML 2Page - Vishay Siliconix MAL209327271E3 Datasheet HTML 3Page - Vishay Siliconix MAL209327271E3 Datasheet HTML 4Page - Vishay Siliconix MAL209327271E3 Datasheet HTML 5Page - Vishay Siliconix MAL209327271E3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 28383
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 12-Aug-08
1
Aluminum Capacitors
Power Miniaturized General Purpose Snap-In
093 PMG-SI
Vishay BCcomponents
FEATURES
• Polarized aluminum electrolytic capacitors,
non-solid electrolyte
• Large types, miniaturized dimensions, cylindrical
aluminum case insulated with a blue sleeve
• Useful life: 2000 hours at 85 °C
APPLICATIONS
• Consumer electronics
• Whitegood motor control
• Electronic drives
• Smps/ups
MARKING
The capacitors are marked (where possible) with the
following information:
• Rated capacitance (in µF)
• Tolerance on rated capacitance, code letter in accordance
with IEC 60062 (M for ± 20 %)
• Rated voltage (in V)
• Date code
• Name of manufacturer
• ‘-’ sign to identify the negative terminal, visible from the top
and side of the capacitor
• Code number (last 8 digits)
• Maximum operating temperature
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case size (Ø D x L in mm)
22 x 25 to 35 x 50
Rated capacitance range, CR
68 µF to 2200 µF
Tolerence on CR
± 20 %
Rated voltage range, UR
200 V to 450 V
Category temperature range
- 25 °C to + 85 °C
Useful life at 85 °C
2000 hours
Useful life at 40 °C and
1.4 x IR applied
36 000 hours
Shelf life at 0 V, 85 °C
500 hours
Based on sectional specification
IEC 60384-4/EN130300/W
of JISC5141
Fig.1 Component outlines
094
199
197
159
157
093
105 °C
105 °C
105 °C
Smaller
dimensions
Smaller
dimensions
Longer
life
Longer
life
RoHS
COMPLIANT
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(µF)
UR (V)
200
250
400
420
450
68
-
-
22 x 25
-
-
82
--
--
22 x 25
100
-
-
22 x 25
22 x 25
22 x 30
120
-
--
-
22 x 30
-
25 x 25
150
-
-
22 x 30
-
22 x 35
25 x 25
180
-
-
22 x 35
25 x 30
22 x 35
25 x 30
22 x 40
25 x 30
30 x 25
220
22 x 25
22 x 40
25 x 35
30 x 25
22 x 50
-
25 x 30
25 x 35
30 x 25
30 x 25
270
22 x 25
22 x 30
22 x 50
22 x 50
30 x 30
30 x 30
30 x 25
35 x 25


Similar Part No. - MAL209327271E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL209010472E3 VISHAY-MAL209010472E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
MAL209011222E3 VISHAY-MAL209011222E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
MAL209011332E3 VISHAY-MAL209011332E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
MAL209012102E3 VISHAY-MAL209012102E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
MAL209012821E3 VISHAY-MAL209012821E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
More results

Similar Description - MAL209327271E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
093PMG-SI VISHAY-093PMG-SI_11 Datasheet
105Kb / 6P
   Aluminum Capacitors Power Miniaturized General Purpose Snap-In
Revision: 23-Nov-11
256PMG-SI VISHAY-256PMG-SI_15 Datasheet
102Kb / 5P
   Aluminum Capacitors Power Miniaturized General Purpose - Snap-In
Revision: 20-May-15
093PMGSI VISHAY-093PMGSI_15 Datasheet
101Kb / 6P
   Aluminum Electrolytic Capacitors Power Miniaturized General Purpose Snap-In
Revision: 21-May-15
256PMG-SI VISHAY-256PMG-SI_V01 Datasheet
115Kb / 6P
   Aluminum Electrolytic Capacitors Power Miniaturized General Purpose - Snap-In
01-Jan-2023
256PMG-SI-V02 VISHAY-256PMG-SI-V02 Datasheet
116Kb / 6P
   Aluminum Electrolytic Capacitors Power Miniaturized General Purpose - Snap-In
Revision: 17-Oct-16
256PMG-SI VISHAY-256PMG-SI Datasheet
117Kb / 6P
   Aluminum Electrolytic Capacitors Power Miniaturized General Purpose - Snap-In
Revision: 17-Oct-16
093PMG-SI VISHAY-093PMG-SI_16 Datasheet
114Kb / 7P
   Aluminum Electrolytic Capacitors Power Miniaturized General Purpose Snap-In
Revision: 11-Nov-16
093PMG-SI VISHAY-093PMG-SI_V01 Datasheet
94Kb / 7P
   Aluminum Electrolytic Capacitors Power Miniaturized General Purpose Snap-In
01-Jan-2023
197PGP-SI VISHAY-197PGP-SI_11 Datasheet
103Kb / 8P
   Aluminum Capacitors Power General Purpose Snap-In
Revision: 12-Oct-11
197PGP-SI VISHAY-197PGP-SI Datasheet
109Kb / 8P
   Aluminum Capacitors Power General Purpose Snap-In
Revision: 18-Aug-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com