Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENA0966B Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # ENA0966B
Description  Bi-CMOS LSI Eight-Channel Switching Regulator Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA0966B Datasheet(HTML) 1 Page - Sanyo Semicon Device

  ENA0966B Datasheet HTML 1Page - Sanyo Semicon Device ENA0966B Datasheet HTML 2Page - Sanyo Semicon Device ENA0966B Datasheet HTML 3Page - Sanyo Semicon Device ENA0966B Datasheet HTML 4Page - Sanyo Semicon Device ENA0966B Datasheet HTML 5Page - Sanyo Semicon Device ENA0966B Datasheet HTML 6Page - Sanyo Semicon Device ENA0966B Datasheet HTML 7Page - Sanyo Semicon Device ENA0966B Datasheet HTML 8Page - Sanyo Semicon Device ENA0966B Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
O0108 MS 20080918-S00002 / D1207 MS 20071113-S00006 / O3107 MS PC 20071022-S00010 No.A0966-1/12
LV5604T
Overview
The LV5604T is a eight-channel switching regulator controller.
Features
• Low-voltage (3V) operation
• Reference voltage precision : ±1%
• Independent standby functions for each of the eight channels
• Is capable of driving MOS transistors
• Synchronous rectification : channel 1 and channel 2
• Supports inverting step-up operation.
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
16
V
Allowable power dissipation
Pd max
1W
Operating temperature
Topr
-30 to +85
°C
Storage temperature
Tstg
-55 to +125
°C
Recommended Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC
3 to 15
V
Supply voltage
VBIAS
3 to 15
V
Timing resistor
RT
7 to 30
k
Timing capacitor
CT
100 to 1000
pF
Triangle wave frequency
fOSC
0.1 to 1.3
MHz
Bi-CMOS LSI
Eight-Channel Switching Regulator
Controller
Ordering number : ENA0966B


Similar Part No. - ENA0966B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA0963 SANYO-ENA0963 Datasheet
60Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
ENA0963A SANYO-ENA0963A Datasheet
491Kb / 7P
   General-Purpose Switching Device Applications
logo
ON Semiconductor
ENA0964 ONSEMI-ENA0964 Datasheet
452Kb / 43P
   Duty Dot Matrix LCD Display Controllers
July, 2013
logo
Sanyo Semicon Device
ENA0965 SANYO-ENA0965 Datasheet
183Kb / 25P
   CMOS IC Internal 96K/80K/64K/48K-byte ROM 4096-byte RAM 8-bit 1-chip Microcontroller
ENA0967 SANYO-ENA0967 Datasheet
228Kb / 21P
   Bi-CMOS LSI PWM Constant-Current Control Stepping Motor Driver and Switching Regulator Controller
More results

Similar Description - ENA0966B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5604TA SANYO-LV5604TA Datasheet
185Kb / 12P
   Bi-CMOS LSI Eight-Channel Switching Regulator Controller
LV5603T SANYO-LV5603T Datasheet
127Kb / 12P
   Bi-CMOS LSI Six-Channel Switching Regulator Controller
LV5743V SANYO-LV5743V Datasheet
75Kb / 6P
   Bi-CMOS LSI 2-channel Step-down Switching Regulator
LV5744V SANYO-LV5744V Datasheet
77Kb / 6P
   Bi-CMOS LSI 2-channel Step-down Switching Regulator
LV5604T SANYO-LV5604T_09 Datasheet
155Kb / 12P
   Eight-Channel Switching Regulator Controller
LV8747T SANYO-LV8747T Datasheet
228Kb / 21P
   Bi-CMOS LSI PWM Constant-Current Control Stepping Motor Driver and Switching Regulator Controller
LV8743V SANYO-LV8743V Datasheet
268Kb / 21P
   Bi-CMOS LSI PWM Constant-Current Control Stepping Motor Driver and Switching Regulator Controller
LV1117 SANYO-LV1117 Datasheet
225Kb / 3P
   Bi-CMOS LSI
LV5254LG SANYO-LV5254LG Datasheet
141Kb / 14P
   Bi-CMOS LSI Inverting Charge Pump Regulator IC
LV8085CL SANYO-LV8085CL Datasheet
64Kb / 5P
   Bi-CMOS LSI Two-channel H-Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com