Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30CTH02SPBF Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 30CTH02SPBF
Description  Hyperfast Rectifier,2 x 15 A FRED PtTM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

30CTH02SPBF Datasheet(HTML) 5 Page - Vishay Siliconix

  30CTH02SPBF Datasheet HTML 1Page - Vishay Siliconix 30CTH02SPBF Datasheet HTML 2Page - Vishay Siliconix 30CTH02SPBF Datasheet HTML 3Page - Vishay Siliconix 30CTH02SPBF Datasheet HTML 4Page - Vishay Siliconix 30CTH02SPBF Datasheet HTML 5Page - Vishay Siliconix 30CTH02SPBF Datasheet HTML 6Page - Vishay Siliconix 30CTH02SPBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 94015
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 21-Jul-08
5
30CTH02SPbF/30CTH02-1PbF
Hyperfast Rectifier,
2 x 15 A FRED PtTM
Vishay High Power Products
Fig. 9 - Reverse Recovery Parameter Test Circuit
Fig. 10 - Reverse Recovery Waveform and Definitions
IRFP250
D.U.T.
L = 70 µH
V
R = 200 V
0.01
Ω
G
D
S
dI
F/dt
adjust
Q
rr
0.5 I
RRM
dI
(rec)M/dt
0.75 I
RRM
I
RRM
t
rr
t
b
t
a
I
F
dI
F/dt
0
(1)
(2)
(3)
(4)
(5)
(1) dI
F/dt - rate of change of current
through zero crossing
(2) I
RRM - peak reverse recovery current
(3) t
rr - reverse recovery time measured
from zero crossing point of negative
going I
F to point where a line passing
through 0.75 I
RRM and 0.50 IRRM
extrapolated to zero current.
(4) Q
rr - area under curve defined by trr
and I
RRM
t
rr x IRRM
2
Q
rr =
(5) dI
(rec)M/dt - peak rate of change of
current during t
b portion of trr


Similar Part No. - 30CTH02SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30CTH02SPBF IRF-30CTH02SPBF Datasheet
287Kb / 8P
   Hyperfast Rectifier
logo
Vishay Siliconix
30CTH02SPBF VISHAY-30CTH02SPBF Datasheet
173Kb / 9P
   Hyperfast Rectifier, 2 x 15 A FRED Pt
Revision: 11-Mar-10
30CTH02SPBF VISHAY-30CTH02SPBF_10 Datasheet
173Kb / 9P
   Hyperfast Rectifier, 2 x 15 A FRED Pt
Revision: 11-Mar-10
More results

Similar Description - 30CTH02SPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30CTH03PBF VISHAY-30CTH03PBF Datasheet
108Kb / 7P
   Hyperfast Rectifier, 2 x 15 A FRED PtTM
Revision: 11-Sep-08
30CTH02PBF VISHAY-30CTH02PBF Datasheet
115Kb / 7P
   Hyperfast Rectifier, 2 x 15 A FRED PtTM
Revision: 11-Sep-08
30CTH02S VISHAY-30CTH02S Datasheet
122Kb / 7P
   Hyperfast Rectifier, 2 x 15 A FRED PtTM
Revision: 08-Sep-08
30CTH03 VISHAY-30CTH03 Datasheet
114Kb / 7P
   Hyperfast Rectifier, 2 x 15 A FRED PtTM
Revision: 28-Jul-08
30CTH02 VISHAY-30CTH02 Datasheet
116Kb / 7P
   Hyperfast Rectifier, 2 x 15 A FRED PtTM
Revision: 05-Sep-08
15ETH03 VISHAY-15ETH03 Datasheet
114Kb / 7P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 20-Jun-08
15ETX06S VISHAY-15ETX06S Datasheet
126Kb / 7P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 08-Sep-08
30ETH06PBF VISHAY-30ETH06PBF Datasheet
108Kb / 7P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 07-Apr-08
15ETH03SPBF VISHAY-15ETH03SPBF Datasheet
117Kb / 7P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 21-May-08
15ETH06 VISHAY-15ETH06 Datasheet
130Kb / 7P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 01-Jul-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com