Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30CTH02-1TRRPBF Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 30CTH02-1TRRPBF
Description  Hyperfast Rectifier,2 x 15 A FRED PtTM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

30CTH02-1TRRPBF Datasheet(HTML) 6 Page - Vishay Siliconix

  30CTH02-1TRRPBF Datasheet HTML 1Page - Vishay Siliconix 30CTH02-1TRRPBF Datasheet HTML 2Page - Vishay Siliconix 30CTH02-1TRRPBF Datasheet HTML 3Page - Vishay Siliconix 30CTH02-1TRRPBF Datasheet HTML 4Page - Vishay Siliconix 30CTH02-1TRRPBF Datasheet HTML 5Page - Vishay Siliconix 30CTH02-1TRRPBF Datasheet HTML 6Page - Vishay Siliconix 30CTH02-1TRRPBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94015
6
Revision: 21-Jul-08
30CTH02SPbF/30CTH02-1PbF
Vishay High Power Products
Hyperfast Rectifier,
2 x 15 A FRED PtTM
ORDERING INFORMATION TABLE
Device code
1
-
Current rating (30 A)
2
-
C = Common cathode
3
-
T = TO-220, D2PAK
4
-
H = Hyperfast rectifier
5
-
Voltage rating (02 = 200 V)
6
-
S = D2PAK
-1 = TO-262
7
-
None = Tube (50 pieces)
6
TRL = Tape and reel (left oriented, for D2PAK package)
TRR = Tape and reel (right oriented, for D2PAK package)
8
-
None = Standard production
PbF = Lead (Pb)-free
5
13
24
67
8
30
C
T
H
02
S
TRL PbF
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95014
Part marking information
http://www.vishay.com/doc?95008
Packaging information
http://www.vishay.com/doc?95032


Similar Part No. - 30CTH02-1TRRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30CTH02-1TRRPBF IRF-30CTH02-1TRRPBF Datasheet
287Kb / 8P
   Hyperfast Rectifier
logo
Vishay Siliconix
30CTH02-1TRRPBF VISHAY-30CTH02-1TRRPBF Datasheet
173Kb / 9P
   Hyperfast Rectifier, 2 x 15 A FRED Pt
Revision: 11-Mar-10
More results

Similar Description - 30CTH02-1TRRPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30CTH03PBF VISHAY-30CTH03PBF Datasheet
108Kb / 7P
   Hyperfast Rectifier, 2 x 15 A FRED PtTM
Revision: 11-Sep-08
30CTH02PBF VISHAY-30CTH02PBF Datasheet
115Kb / 7P
   Hyperfast Rectifier, 2 x 15 A FRED PtTM
Revision: 11-Sep-08
30CTH02S VISHAY-30CTH02S Datasheet
122Kb / 7P
   Hyperfast Rectifier, 2 x 15 A FRED PtTM
Revision: 08-Sep-08
30CTH03 VISHAY-30CTH03 Datasheet
114Kb / 7P
   Hyperfast Rectifier, 2 x 15 A FRED PtTM
Revision: 28-Jul-08
30CTH02 VISHAY-30CTH02 Datasheet
116Kb / 7P
   Hyperfast Rectifier, 2 x 15 A FRED PtTM
Revision: 05-Sep-08
15ETH03 VISHAY-15ETH03 Datasheet
114Kb / 7P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 20-Jun-08
15ETX06S VISHAY-15ETX06S Datasheet
126Kb / 7P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 08-Sep-08
30ETH06PBF VISHAY-30ETH06PBF Datasheet
108Kb / 7P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 07-Apr-08
15ETH03SPBF VISHAY-15ETH03SPBF Datasheet
117Kb / 7P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 21-May-08
15ETH06 VISHAY-15ETH06 Datasheet
130Kb / 7P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 01-Jul-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com