Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENA1133 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # ENA1133
Description  Bi-CMOS LSI Constant-voltage Control 1-channel Forward/Reverse Motor Driver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA1133 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  ENA1133 Datasheet HTML 1Page - Sanyo Semicon Device ENA1133 Datasheet HTML 2Page - Sanyo Semicon Device ENA1133 Datasheet HTML 3Page - Sanyo Semicon Device ENA1133 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LV8075LP
No.A1133-2/4
Allowable Operating Range at Ta = 25
°C, SGND = PGND = 0V
Parameter
Symbol
Conditions
Ratings
Unit
Control power-supply voltage
VCC
2.5 to 5.5
V
Load power-supply voltage
VM
2.5 to 5.5
V
Output control input voltage
Vcont
VC pin
0 to VCC-1
V
Input pin “H” voltage
VINH
IN1, 2,EN pin
VCC × 0.6 to VCC
V
Input pin “L” voltage
VINL
IN1, 2,EN pin
-0.1 to VCC × 0.2
V
Electrical Characteristics at Ta = 25°C, VCC = VM = 3.0V, PGND = SGND = 0V, unless otherwise specified.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Standby currfent consumption 1
ICCO
EN, IN1, 2 = H/L/L or EN = L
1
µA
Standby current consumption 1
IMO
EN, IN1, 2 = H/L/L or EN = L
1
µA
Operating current consumption
VCC1
EN = H, IN1 or IN2 = H
0.5
1.0
mA
H-level input current
IINH
200k
Ω pull-down, VIN = 3V
10
15
20
µA
L-level input current
IINL
VIN = 0V
0
1
µA
Reference voltage output
VREF
IREF = 500
µF
1.4
1.5
1.6
V
Output on-resistance
Ron1
Total of top and bottom
1.75
2.5
Constant-voltage control output
voltage
VOUT
VC = 1.0V
1.94
2.0
2.06
V
Under-voltage detection
operating voltage
VCS
VCC Voltage
2.1
2.2
2.35
V
Thermal protection temperature
TSD
Design guarantee value*
150
180
210
°C
Output rise time
Tr
(Note)
1.6
3.0
µs
Output fall time
Tf
(Note)
0.2
1.0
µs
* Design guarantee value and no measurement is made.
Note : Specify rising control start time
→ 90% of OUT output voltage, and falling control start time → 10% of OUT output voltage.
Package Dimensions
unit : mm (typ)
3318
2.6
0.25
SIDE VIEW
SIDE VIEW
BOTTOM VIEW
TOP VIEW
LASER MARKED
INDEX
0.5
(0.55)
(C0.116)
(0.125)
1
2
SANYO : VCT16(2.6X2.6)
-30 -20
0
20
40
60
8085
100
0.2
0
0.8
0.6
0.4
0.7
0.36
Pd max -- Ta
Specified board : 40.0
×50.0×0.8mm3
4-layer grass epoxy
Ambient temperature, Ta --
°C


Similar Part No. - ENA1133

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA1133A SANYO-ENA1133A Datasheet
109Kb / 4P
   Constant-voltage Control 1-channel Forward/Reverse Motor Driver
More results

Similar Description - ENA1133

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8086T SANYO-LV8086T Datasheet
71Kb / 6P
   Bi-CMOS LSI Forward/Reverse Motor Driver
logo
ON Semiconductor
LV8075LP-E ONSEMI-LV8075LP-E Datasheet
62Kb / 4P
   Constant-voltage Control 1-channel Forward/Reverse Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8075LP SANYO-LV8075LP_10 Datasheet
118Kb / 4P
   Constant-voltage Control 1-channel Forward/Reverse Motor Driver
LV8075LP SANYO-LV8075LP_11 Datasheet
109Kb / 4P
   Constant-voltage Control 1-channel Forward/Reverse Motor Driver
logo
ON Semiconductor
LV8075LP ONSEMI-LV8075LP Datasheet
62Kb / 4P
   Constant-voltage Control 1-channel Forward/Reverse Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8731V SANYO-LV8731V Datasheet
342Kb / 26P
   Bi-CMOS LSI PWM Constant-Current Control Stepping Motor Driver
LV8741V SANYO-LV8741V Datasheet
195Kb / 24P
   Bi-CMOS LSI PWM Constant-Current Control Stepping Motor Driver
LV8761V SANYO-LV8761V Datasheet
127Kb / 12P
   Bi-CMOS LSI Forward/Reverse H-bridge Driver
LV8746V SANYO-LV8746V Datasheet
407Kb / 24P
   Bi-CMOS LSI PWM Constant-Current Control Stepping Motor Driver
LV8760T SANYO-LV8760T Datasheet
118Kb / 10P
   Bi-CMOS LSI Forward/Reverse H-bridge Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com