Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VTF100-267ABX Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VTF100-267ABX
Description  Decade Divider, Single In-Line Network
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VTF100-267ABX Datasheet(HTML) 1 Page - Vishay Siliconix

  VTF100-267ABX Datasheet HTML 1Page - Vishay Siliconix VTF100-267ABX Datasheet HTML 2Page - Vishay Siliconix VTF100-267ABX Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Decade Divider, Single In-Line Network
100-267
Vishay Thin Film
www.vishay.com
For technical questions, contact: thin-film@vishay.com
Document Number: 60044
88
Revision: 03-Aug-07
Precision resistor networks comprised of series-connected
decade values are provided in single-in-line style with
edgemounted leads on 100 mil centers. Integrated thin film
construction, laser-trimmed to extremely tight tolerances,
insures exceptionally close tracking over temperature and
throughout operating life, in either voltage division or current
monitoring
mode.
Voltage
coefficient
and
noise
are
extremely low. Designers gain several advantages over the
use of discrete resistor sets, including smaller size, better
overall tracking, greater reliability, and lower cost.
FEATURES
• Lead (Pb)-free available
• Tight Ratio Tolerance (0.01 %)
• 5 Decade Ratio Divider
• High Voltage Capability (300 V)
TYPICAL PERFORMANCE
SCHEMATIC
* Pb containing terminations are not RoHS compliant, exemptions may apply
ABS
TRACKING
TCR
25
2
ABS
RATIO
TOL
0.1
0.01
123456
100 900
9K 90K 900K
100-267 Style
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITIONS
Model
100 - 267
TCR:
Tracking
± 5 ppm/°C
0 °C to + 70 °C
Absolute
± 25 ppm/°C
0 °C to + 70 °C
Tolerance:
Ratio
± 0.01 % to ± 0.1 %
+ 25 °C
Absolute
± 0.1 %
+ 25 °C
Power Rating:
Resistor
100 mW
Max. at + 70 °C
Package
500 mW
Max. at + 70 °C
Stability:
ΔR Ratio
1000 ppm absolute
2000 hours at + 70 °C
Voltage Coefficient
0.1 ppm/V
Working Voltage
300 V
Operating Temperature Range
0 °C to + 70 °C
Storage Temperature Range
- 55 °C to + 125 °C
Noise
- 20 dB
Thermal EMF
0.08 µV/°C
Shelf Life Stability:
Absolute
100 ppm
1 year at + 25 °C
Ratio
20 ppm
1 year at + 25 °C
Available
Pb-free
RoHS*
COMPLIANT


Similar Part No. - VTF100-267ABX

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VTF100-267AUF VISHAY-VTF100-267AUF Datasheet
70Kb / 3P
   Decade Divider, Single In-Line, Thin Film Divider, Through Hole Resistor Network
01-Jan-2022
More results

Similar Description - VTF100-267ABX

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
100267 VISHAY-100267 Datasheet
70Kb / 3P
   Decade Divider, Single In-Line, Thin Film Divider, Through Hole Resistor Network
01-Jan-2022
CNS471 VISHAY-CNS471 Datasheet
348Kb / 2P
   Decade Divider, Single-In-Line Thin Film Resistor Networks (Standard)
Revision: 12-Jul-06
CNS471 VISHAY-CNS471_08 Datasheet
322Kb / 3P
   Decade Divider, Single-In-Line Thin Film Resistor Networks (Standard)
Revision: 12-Jul-06
CNS471 VISHAY-CNS471_17 Datasheet
91Kb / 3P
   Decade Divider, Single-In-Line Through Hole Thin Film Resistor Networks (Standard)
Revision: 28-Aug-13
CNS471 VISHAY-CNS471_V01 Datasheet
84Kb / 3P
   Decade Divider, Single-In-Line Through Hole Thin Film Resistor Networks (Standard)
01-Jan-2022
logo
STMicroelectronics
M74HC4017 STMICROELECTRONICS-M74HC4017 Datasheet
375Kb / 12P
   DECADE COUNTER/DIVIDER
logo
Toshiba Semiconductor
TC4017BP TOSHIBA-TC4017BP_07 Datasheet
387Kb / 9P
   Decade Counter/Divider
logo
Hitachi Semiconductor
HD74HC4017 HITACHI-HD74HC4017 Datasheet
50Kb / 8P
   Decade Counter/Divider
HD14017B HITACHI-HD14017B Datasheet
102Kb / 8P
   Decade Counter/Divider
logo
Texas Instruments
CD4017BC TI1-CD4017BC Datasheet
415Kb / 10P
[Old version datasheet]   Decade Counter/Divider
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com