Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENA1352 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # ENA1352
Description  Bi-CMOS IC For Mini Component, receiver 1-chip Tuner IC Incorporating PLL
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA1352 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  ENA1352 Datasheet HTML 1Page - Sanyo Semicon Device ENA1352 Datasheet HTML 2Page - Sanyo Semicon Device ENA1352 Datasheet HTML 3Page - Sanyo Semicon Device ENA1352 Datasheet HTML 4Page - Sanyo Semicon Device ENA1352 Datasheet HTML 5Page - Sanyo Semicon Device ENA1352 Datasheet HTML 6Page - Sanyo Semicon Device ENA1352 Datasheet HTML 7Page - Sanyo Semicon Device ENA1352 Datasheet HTML 8Page - Sanyo Semicon Device ENA1352 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
N0508 MS PC 20081020-S00019 No.A1352-1/17
LV23015T
Overview
The LV23015T is a Single-chip tuner IC with built-in PLL for mini component, receiver.
Functions
• AM tuner
• FM tuner
• MPX stereo decoder
• PLL frequency synthesizer
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
VCC
7.0
V
VIN1 max
CE, CI, CL
7.0
V
Maximum input voltage
VIN2 max
XIN
*1 Vreg2+0.3
V
VO1 max
DO
7.0
V
VO2 max
XOUT, PD
Vreg2+0.3
V
Maximum output voltage
VO3 max
BO1, AOUT
12.0
V
Allowable power dissipation
Pd max
Ta
≤70°C *2
400
mW
Operating temperature
Topr
-20 to +70
°C
Storage temperature
Tstg
-40 to +125
°C
*1 Vreg2 : 21 pin output voltage (Reference voltage of PLL) Reference value (3.0V
±0.2V)
*2 Specified board : 114.3mm
×76.1mm×1.6mm, glass epoxy board.
Ordering number : ENA1352
Bi-CMOS IC
For Mini Component, receiver
1-chip Tuner IC
Incorporating PLL
CCB is a registered trademark of SANYO Electric Co., Ltd.
CCB is SANYO Semiconductor's original bus format. All bus addresses are managed by SANYO
Semiconductor for this format.


Similar Part No. - ENA1352

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA1350 SANYO-ENA1350 Datasheet
260Kb / 4P
   NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
ENA1353A SANYO-ENA1353A Datasheet
209Kb / 7P
   General-Purpose Switching Device Applications
ENA1357 SANYO-ENA1357 Datasheet
281Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
ENA1358 SANYO-ENA1358 Datasheet
372Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device Applications
logo
ON Semiconductor
ENA1359A ONSEMI-ENA1359A Datasheet
161Kb / 27P
   7ch x 17ch LED Driver
August, 2013
More results

Similar Description - ENA1352

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV23014T SANYO-LV23014T Datasheet
215Kb / 17P
   Bi-CMOS IC For Mini Component, receiver 1-chip Tuner IC Incorporating PLL
LV23002M SANYO-LV23002M Datasheet
457Kb / 4P
   Bi-CMOS IC For Radio Cassette and Mini Component System 1-chip Tuner IC Incorporating PLL
LV23200T SANYO-LV23200T Datasheet
322Kb / 17P
   Bi-CMOS IC For Home Stereo System 1-chip Tuner IC Incorporating PLL
LV23100V SANYO-LV23100V Datasheet
317Kb / 12P
   For Portable Audio System 1-chip Tuner IC Incorporating PLL
LV23401V SANYO-LV23401V Datasheet
601Kb / 24P
   For Home Stereo System 1-chip Tuner IC Incorporating PLL
LV25300M SANYO-LV25300M Datasheet
68Kb / 4P
   Bi-CMOS IC 1-chip Tuner IC
LV23401V SANYO-LV23401V_11 Datasheet
601Kb / 24P
   For Home Stereo System 1-chip Tuner IC Incorporating PLL
LV25200M SANYO-LV25200M Datasheet
522Kb / 45P
   Bi-CMOS IC Single chip Tuner IC for Car Radio
LV24030LP SANYO-LV24030LP Datasheet
176Kb / 14P
   Bi-CMOS IC FM Tuner IC for Small Portable Equipment
LV24230LP SANYO-LV24230LP Datasheet
133Kb / 17P
   Bi-CMOS LSI Compact Portable Equipment 1-Chip FM Tuner IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com