Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENA0891A Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # ENA0891A
Description  Bi-CMOS LSI Compact Portable Equipment 1-Chip FM Tuner IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA0891A Datasheet(HTML) 5 Page - Sanyo Semicon Device

  ENA0891A Datasheet HTML 1Page - Sanyo Semicon Device ENA0891A Datasheet HTML 2Page - Sanyo Semicon Device ENA0891A Datasheet HTML 3Page - Sanyo Semicon Device ENA0891A Datasheet HTML 4Page - Sanyo Semicon Device ENA0891A Datasheet HTML 5Page - Sanyo Semicon Device ENA0891A Datasheet HTML 6Page - Sanyo Semicon Device ENA0891A Datasheet HTML 7Page - Sanyo Semicon Device ENA0891A Datasheet HTML 8Page - Sanyo Semicon Device ENA0891A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
LV24230LP-A
No.A0891-5/17
Pin Function
Pin No.
Pin name
Description
Pin voltage
Supplement
1
FM-ANT1
Antenna input
1V
Antenna input pin
2
FM-ANT2
Antenna GND
1V
Antenna input pin. For pin 1 single input, pin 2 is set to AC_GND
via capacity
3
VI/O
Digital interface supply voltage
Power pin dedicated to the interface input/output elements
4
VDD
Digital supply voltage
Power pin for digital block
5
INT
Interrupt line
Output pin dedicated to interrupt
(hardware output: used for options)
Addition of pull-up or pull-down resistor recommended to cope
with initial instability
6
SDA
Digital interface DATA ine)
Bidirectional data line. Pull up to Vio line with 2.2k resistor
7
SCL
Digital interface Clock line)
Clock wire. Pull up to Vio line with 2.2k resistor
8
Package-GND
GND for package-shield
BND pin for package shield
9
Package-GND
GND for package-shield
BND pin for package shield
10
Package-GND
GND for package-shield
BND pin for package shield
11
Package-GND
GND for package-shield
BND pin for package shield
12
Ext_CLK_IN
Reference clock-source input
for measurement
External standard CLK input pin. Connect X’tal, if used, to GND.
(CITIZEN CFS-206, CM31S recommended)
13
VCC
Analog supply voltage
Power pin for analog (tuner) block
14
NC
Keep this open.
15
Vstabi.
Stabilizer voltage
2.6V
Local oscillator reference bias pin. NC pin to be used
16
NC
Keep this open.
17
MPX
MPX-signal output
2.3V
Stereo decoder input monitor pin. NC pin to be used
18
LINE-OUT-R
Radio Rch Line-output
1.2V
Audio R_ch output
19
LINE-OUT-L
Radio Lch Line-output
1.2V
Audio L_ch output
20
Package-GND
GND for package-shield
GND pin for package shield
21
Package-GND
GND for package-shield
GND pin for package shield
22
Package-GND
GND for package-shield
GND pin for package shield
23
Package-GND
GND for package-shield
GND pin for package shield
24
GND
GND (Analog and Digital GND)
GND pin for analog (FM tuner) block and digital (control) block


Similar Part No. - ENA0891A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA0892 SANYO-ENA0892 Datasheet
171Kb / 22P
   CMOS IC FROM FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller with Full-Speed USB
logo
ON Semiconductor
ENA0892B ONSEMI-ENA0892B Datasheet
166Kb / 22P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
More results

Similar Description - ENA0891A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV24010LP SANYO-LV24010LP Datasheet
446Kb / 18P
   Bi-CMOS LSI Compact Portable Equipment 1-Chip FMRDS Tuner IC
LV24230LS SANYO-LV24230LS Datasheet
189Kb / 17P
   Compact Portable Equipment 1-Chip FM Tuner IC
LV24250LS SANYO-LV24250LS Datasheet
328Kb / 18P
   Compact Portable Equipment 1-Chip FM Tuner IC
LV24030LP SANYO-LV24030LP Datasheet
176Kb / 14P
   Bi-CMOS IC FM Tuner IC for Small Portable Equipment
LV24100LP SANYO-LV24100LP Datasheet
199Kb / 18P
   Bi-CMOS IC FM and AM Tuner IC for Small Portable Equipment
LV24230LP-A SANYO-LV24230LP-A Datasheet
138Kb / 17P
   Compact Portable Equipment1-Chip FM Tuner IC
LV25300M SANYO-LV25300M Datasheet
68Kb / 4P
   Bi-CMOS IC 1-chip Tuner IC
LC01700PW SANYO-LC01700PW Datasheet
141Kb / 18P
   CMOS LSI FM tuner IC for VICS
logo
Wuxi Youda electronics ...
YD2149 YOUDA-YD2149 Datasheet
133Kb / 7P
   AM/FM 1 CHIP TUNER IC
logo
ON Semiconductor
LV25810PEB ONSEMI-LV25810PEB Datasheet
1Mb / 28P
   Bi-CMOS LSI Car DSP Tuner
June, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com