Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENA0976 Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # ENA0976
Description  Bi-CMOS IC Single chip Tuner IC for Car Radio
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA0976 Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button ENA0976 Datasheet HTML 4Page - Sanyo Semicon Device ENA0976 Datasheet HTML 5Page - Sanyo Semicon Device ENA0976 Datasheet HTML 6Page - Sanyo Semicon Device ENA0976 Datasheet HTML 7Page - Sanyo Semicon Device ENA0976 Datasheet HTML 8Page - Sanyo Semicon Device ENA0976 Datasheet HTML 9Page - Sanyo Semicon Device ENA0976 Datasheet HTML 10Page - Sanyo Semicon Device ENA0976 Datasheet HTML 11Page - Sanyo Semicon Device ENA0976 Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
LV25200M
No.A0976-8/45
Pin Function
Pin No.
Function name
Block
Pin-No.
Function name
Block
1
FM-ANT-D
FE
41
MRC-AC-IN
MRC
2
FM-RF-AGC
FE
42
Mute-Drive
IF
3
GND (FE)
---
43
AFC
IF
4
AM-MIX-IN2
AM
44
QD-Cap.
IF
5
OSC-VCC
---
45
QD-Cap.
IF
6
AM/FM-OSC (B)
FE
46
Vref 2.7V
Common
7
AM/FM-OSC (C)
FE
47
IF-Det-OUT
IF
8
PLL-LPF
PLL
48
NC-IN
NC
9
FM FET
PLL
49
Mod.-Index
NC
10
AM FET
PLL
50
VCC 5V (Analog)
---
11
CPAM
PLL
51
Interfering signal detected
FIL
12
CPFM
Common
52
RDS-OUT
IF
13
PLL VDD
MPX
53
PLL-TEST
PLL
14
ST/SD, VCO monitor and PLL-TEST
PLL
54
IF Filter OUT
FIL
15
Sep.-ADJ.
MPX
55
AM-IFAGC (load for Vt setting)
AM
16
GND (Analog)
---
56
Pilot-Det/AM-LC
MPX/AM
17
CE
PLL
57
IF-AGC
AM
18
DI
PLL
58
AM-W-AGC
AM
19
CL
PLL
59
AM-RF-AGC (BYPASS)
AM
20
DO
PLL
60
AM-IF-IN
AM
21
VCC (X'tal)
---
61
AM-IN-IN2
AM
22
X'tal-OUT
X'tal
62
FM-IF-IN (BYPASS)
IF
23
X'tal-IN
X'tal
63
FM-IF-IN
AM-2nd-MIX-IN
IF
AM
24
GND (X'tal)
---
64
AM-RF-AGC
AM
25
MPX-L-OUT
MPX
65
1st-IF-OUT
FE
26
MPX-R-OUT
MPX
66
AM-MIX2-OUT
AM
27
VCC 5V (Digital)
---
67
Vref 4.9V
Common
28
SNC
MPX
68
RF-DAC1
FM
29
HCC
MPX
69
AM-2nd-MIX-IN (BYPASS)
AM
30
MPX-PCO1
MPX
70
RF-DAC2
FM
31
MPX-PCO2
MPX
71
IF-IN(BIAS)
FE
32
GND (Digital)
---
72
FM-1st-IF-IN
FE
33
NC-Gate- monitor
NC
73
AM-ANT-D and PLL-TEST
AM
34
MPX-PLL-IN
MPX
74
N-AGC-IN
FE
35
HCC capacity
MPX
75
MIX-OUT
FE
36
Noise-Sens.
NC
76
MIX-OUT
FE
37
Noise-AGC
NC
77
VCC (8V)
---
38
Vsm (Main)
IF
78
AM-MIX-IN
AM
39
MRC-OUT
MRC
79
FM-MIX-IN
FE
40
Vsm2 (Sub)
IF
80
FM-MIX-IN
FE


Similar Part No. - ENA0976

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA0970B SANYO-ENA0970B Datasheet
190Kb / 27P
   CMOS IC 8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
logo
ON Semiconductor
ENA0970B ONSEMI-ENA0970B Datasheet
192Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
logo
Sanyo Semicon Device
ENA0972 SANYO-ENA0972 Datasheet
582Kb / 17P
   Monolithic Linear IC 2-Channel Power Amplifier
ENA0973A SANYO-ENA0973A Datasheet
119Kb / 10P
   Bi-CMOS IC FM Transmitter IC with Stereo Modulation
ENA0974A SANYO-ENA0974A Datasheet
118Kb / 10P
   Bi-CMOS IC FM Transmitter IC with Stereo Modulation
More results

Similar Description - ENA0976

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV25200M SANYO-LV25200M_10 Datasheet
523Kb / 45P
   Single chip Tuner IC for Car Radio
LV25700PM SANYO-LV25700PM Datasheet
751Kb / 68P
   For Car Radio Single chip Tuner IC
LV25300M SANYO-LV25300M Datasheet
68Kb / 4P
   Bi-CMOS IC 1-chip Tuner IC
LA1776M SANYO-LA1776M_09 Datasheet
544Kb / 41P
   Single-Chip Tuner IC for Car Radios
LA1781M SANYO-LA1781M Datasheet
567Kb / 50P
   Single-Chip Tuner IC for Car Radios
LA1787M SANYO-LA1787M Datasheet
606Kb / 54P
   Single-Chip Tuner IC for Car Radios
LA1784M SANYO-LA1784M Datasheet
568Kb / 50P
   Single-Chip Tuner IC for Car Radios
LA1781M SANYO-LA1781M_09 Datasheet
514Kb / 48P
   For Car Radios Single-Chip Tuner IC
LA1787M SANYO-LA1787M_09 Datasheet
600Kb / 54P
   Single-Chip Tuner IC for Car Radios
LA1780M SANYO-LA1780M Datasheet
764Kb / 38P
   Single-Chip Tuner IC for Car Radios
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com