Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENA1000 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # ENA1000
Description  N-Channel Silicon MOSFET General-Purpose Switching Device Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA1000 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  ENA1000 Datasheet HTML 1Page - Sanyo Semicon Device ENA1000 Datasheet HTML 2Page - Sanyo Semicon Device ENA1000 Datasheet HTML 3Page - Sanyo Semicon Device ENA1000 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MCH3475
No. A1000-3/4
IS -- VSD
yfs⏐ -- ID
Drain Current, ID -- A
Diode Forward Voltage, VSD -- V
SW Time -- ID
Ciss, Coss, Crss -- VDS
A S O
VGS -- Qg
Drain-to-Source Voltage, VDS -- V
Total Gate Charge, Qg -- nC
Drain Current, ID -- A
Drain-to-Source Voltage, VDS -- V
0
0.2
0.6
1.0
0.4
0.8
2.0
1.4
1.2
1.6
1.8
0
1
2
7
5
4
3
9
8
6
10
IT13115
IT13116
2
3
5
7
2
3
5
7
2
2
3
5
7
0.1
1.0
10
0.01
2
23
5 7
23
5 7
1.0
2
35 7 10
0.1
0.1
Operation in this
area is limited by RDS(on).
100ms
100
µs
10ms
DC
operation
(T
a=25
°C
)
1ms
35
VDS=10V
ID=1.8A
IDP=7.2A
ID=1.8A
IT13111
7
1.0
10
5
3
2
2
5
3
IT13113
23
5
0.1
1.0
35
2
7
td(on)
td(off)
tf
tr
VDD=15V
VGS=10V
0.001
1.0
0.01
23
5
7
2
0.1
35
7
2
1.0
35
7
2
7
5
3
2
3
0.1
0.01
2
7
7
5
3
VDS=10V
25°
C
Ta=
--25
°C
75°
C
010
30
15
20
525
100
10
5
3
7
5
7
2
3
2
IT13114
Ciss
Coss
Crss
f=1MHz
IT13112
0.2
0.4
0.6
0.8
1.0
1.2
0.001
0.01
0.1
1.0
7
5
3
2
7
5
3
2
7
5
3
2
3
2
VGS=0V
PW
≤10
µs
Ta=25
°C
Single pulse
Mounted on a ceramic board (900mm2
✕0.8mm)
RDS(on) -- Ta
RDS(on) -- VGS
Gate-to-Source Voltage, VGS -- V
Ambient Temperature, Ta --
°C
IT13110
02
4
6
8
16
10
12
14
IT13109
390
90
150
120
180
240
300
210
270
330
360
390
60
90
150
120
180
240
300
210
270
330
360
Ta=25
°C
--60
--40
--20
0
20
40
60
80
100
120
140
160
VGS
=10V
, ID
=0.9A
V GS
=4V
, I D
=0.5A
ID=0.5A
0.9A


Similar Part No. - ENA1000

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA1000A SANYO-ENA1000A Datasheet
211Kb / 7P
   General-Purpose Switching Device Applications
More results

Similar Description - ENA1000

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH3421 SANYO-MCH3421 Datasheet
46Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6428 SANYO-MCH6428 Datasheet
53Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4085LS SANYO-2SK4085LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4086LS SANYO-2SK4086LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3460 SANYO-MCH3460 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
BFL4004 SANYO-BFL4004 Datasheet
320Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
BFL4026 SANYO-BFL4026 Datasheet
321Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3459 SANYO-MCH3459 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK2628FG SANYO-2SK2628FG Datasheet
326Kb / 6P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK3830 SANYO-2SK3830_04 Datasheet
42Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
3HN04SS SANYO-3HN04SS Datasheet
55Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com