Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCH4021 Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # MCH4021
Description  NPN Epitaxial Planar Silicon Transistor High Frequency Low-Noise Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

MCH4021 Datasheet(HTML) 8 Page - Sanyo Semicon Device

  MCH4021 Datasheet HTML 1Page - Sanyo Semicon Device MCH4021 Datasheet HTML 2Page - Sanyo Semicon Device MCH4021 Datasheet HTML 3Page - Sanyo Semicon Device MCH4021 Datasheet HTML 4Page - Sanyo Semicon Device MCH4021 Datasheet HTML 5Page - Sanyo Semicon Device MCH4021 Datasheet HTML 6Page - Sanyo Semicon Device MCH4021 Datasheet HTML 7Page - Sanyo Semicon Device MCH4021 Datasheet HTML 8Page - Sanyo Semicon Device MCH4021 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MCH4021
No. A1281-8/9
S Parameters (Common emitter)
VCE=5V, IC=10mA
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
200
0.674
-68.7
19.895
138.9
0.032
61.8
0.826
-41.4
400
0.653
-112.8
14.318
114.0
0.047
49.2
0.632
-67.8
600
0.651
-133.4
10.744
100.5
0.057
45.9
0.560
-79.3
800
0.626
-148.8
8.133
91.4
0.062
45.3
0.466
-88.2
1000
0.613
-159.3
6.522
84.8
0.067
46.0
0.415
-95.5
1200
0.610
-167.2
5.440
79.6
0.072
47.5
0.382
-100.9
1400
0.607
-173.5
4.659
74.9
0.078
48.7
0.363
-105.3
1600
0.606
-179.1
4.091
70.7
0.084
50.5
0.349
-109.4
1800
0.608
176.2
3.630
66.9
0.090
51.6
0.344
-112.7
2000
0.609
172.2
3.280
63.2
0.096
52.7
0.341
-116.0
2200
0.608
168.1
2.988
59.7
0.103
53.5
0.343
-118.8
2400
0.608
164.5
2.749
56.2
0.110
54.2
0.347
-121.6
2600
0.608
160.9
2.553
52.9
0.118
54.6
0.353
-124.4
2800
0.610
157.5
2.377
49.6
0.125
54.9
0.361
-126.4
3000
0.607
154.0
2.225
46.5
0.133
54.9
0.372
-128.8
3200
0.606
150.5
2.095
43.2
0.141
54.9
0.385
-130.8
3400
0.607
146.9
1.979
40.2
0.150
54.6
0.398
-132.6
3600
0.607
143.3
1.875
37.1
0.158
54.2
0.414
-134.3
3800
0.607
139.7
1.780
34.1
0.167
53.6
0.430
-136.0
4000
0.608
135.9
1.697
31.1
0.175
52.9
0.446
-137.4
4200
0.610
132.0
1.623
28.3
0.184
52.1
0.461
-138.8
4400
0.612
128.3
1.549
25.5
0.193
51.1
0.477
-140.0
4600
0.613
124.5
1.484
22.8
0.202
50.1
0.492
-141.1
4800
0.617
120.7
1.419
20.0
0.210
49.1
0.507
-142.0
5000
0.620
117.1
1.364
17.5
0.218
48.0
0.520
-143.0
VCE=5V, IC=50mA
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
200
0.489
-128.9
33.664
121.6
0.019
61.0
0.625
-65.5
400
0.568
-154.7
19.269
100.2
0.028
61.3
0.449
-94.0
600
0.579
-163.6
13.271
90.3
0.038
64.6
0.404
-102.5
800
0.583
-172.3
9.829
84.2
0.047
66.7
0.350
-112.6
1000
0.584
-178.7
7.784
79.6
0.056
67.8
0.325
-119.9
1200
0.589
176.2
6.443
75.8
0.066
68.5
0.308
-125.6
1400
0.591
171.8
5.505
72.3
0.076
68.4
0.300
-129.7
1600
0.593
167.9
4.817
69.1
0.085
68.1
0.295
-133.2
1800
0.595
164.3
4.280
66.0
0.095
67.6
0.292
-136.3
2000
0.596
161.2
3.857
63.1
0.105
67.0
0.294
-138.9
2200
0.596
157.8
3.517
60.1
0.115
66.1
0.296
-141.1
2400
0.596
154.7
3.234
57.2
0.124
65.1
0.300
-142.9
2600
0.595
151.7
3.000
54.3
0.134
63.9
0.306
-144.7
2800
0.596
148.5
2.799
51.5
0.144
62.8
0.313
-145.9
3000
0.593
145.4
2.625
48.7
0.154
61.6
0.323
-147.3
3200
0.591
142.2
2.472
45.9
0.163
60.2
0.334
-148.3
3400
0.591
138.8
2.340
43.1
0.173
59.0
0.344
-149.0
3600
0.589
135.4
2.221
40.4
0.182
57.7
0.358
-149.6
3800
0.589
131.9
2.114
37.6
0.191
56.2
0.371
-150.2
4000
0.588
128.3
2.017
34.9
0.201
54.6
0.385
-150.6
4200
0.588
124.7
1.929
32.2
0.209
53.1
0.399
-150.9
4400
0.589
121.1
1.847
29.6
0.218
51.7
0.412
-151.3
4600
0.590
117.5
1.773
27.1
0.227
50.1
0.426
-151.5
4800
0.590
113.9
1.702
24.4
0.235
48.6
0.438
-151.7
5000
0.592
110.6
1.642
22.0
0.243
47.0
0.450
-152.0


Similar Part No. - MCH4021

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCH4021 ONSEMI-MCH4021 Datasheet
188Kb / 9P
   RF Transistor
August, 2013
More results

Similar Description - MCH4021

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH4020 SANYO-MCH4020_12 Datasheet
470Kb / 11P
   NPN Epitaxial Planar Silicon Transistor High Frequency Low-Noise Amplifier
CPH6001A SANYO-CPH6001A Datasheet
58Kb / 6P
   NPN Epitaxial Planar Silicon Transistor High-Frequency Low-Noise Amplifier Applications
logo
NEC
2SC2570A NEC-2SC2570A Datasheet
119Kb / 8P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Renesas Technology Corp
UPA800T RENESAS-UPA800T Datasheet
211Kb / 8P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
UPA801T RENESAS-UPA801T Datasheet
217Kb / 8P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
UPA810T RENESAS-UPA810T Datasheet
223Kb / 8P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
NEC
2SC3355 NEC-2SC3355 Datasheet
102Kb / 8P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Renesas Technology Corp
UPA802T RENESAS-UPA802T Datasheet
216Kb / 8P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
UPA811T RENESAS-UPA811T Datasheet
219Kb / 8P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Sanyo Semicon Device
FH102A SANYO-FH102A Datasheet
69Kb / 6P
   NPN Epitaxial Planar Silicon Composite Transistor High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com