Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL210619102E3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MAL210619102E3
Description  Aluminum Capacitors Power Eurodin Screw Terminals
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL210619102E3 Datasheet(HTML) 5 Page - Vishay Siliconix

  MAL210619102E3 Datasheet HTML 1Page - Vishay Siliconix MAL210619102E3 Datasheet HTML 2Page - Vishay Siliconix MAL210619102E3 Datasheet HTML 3Page - Vishay Siliconix MAL210619102E3 Datasheet HTML 4Page - Vishay Siliconix MAL210619102E3 Datasheet HTML 5Page - Vishay Siliconix MAL210619102E3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
106 PED-ST
Vishay BCcomponents
Aluminum Capacitors
Power Eurodin Screw Terminals
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28384
182
Revision: 31-Oct-08
RIPPLE CURRENT AND USEFUL LIFE
Table 3
Table 4
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.5
0.0
40
50
60
70
80
90
100
(1)
I
A
I
R
lifetime multiplier
CCC205-05
T
amb (°C)
IA = actual ripple current at 100 Hz
IR = actual ripple current at 100 Hz and 85 °C
With an absolute maximum of 50 A at 85 °C
(1) Useful life at 85 °C and IR applied:
20 000 hours
Fig. 3 Multiplier of useful life as a function of ambient temperature and ripple current load
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY (Hz)
IR MULTIPLIER
50
0.83
100
1.00
200
1.10
400
1.15
1000
1.19
≥ 2000
1.20
TEST PROCEDURES AND REQUIREMENTS
TEST
PROCEDURE
(quick reference)
REQUIREMENTS
NAME OF TEST
REFERENCE
Endurance
IEC 60384-4/
EN130300
subclause 4.13
Tamb = 85 °C; UR applied;
8000 hours
ΔC/C: ± 15 %
tan
δ≤ 1.3 x spec. limit
Z
≤ 2 x spec. limit
IL5 ≤ spec. limit
Useful life
CECC 30301
subclause 1.8.1
Tamb = 85 °C; UR and IR applied;
20 000 hours
ΔC/C: ± 4 5 %
tan
δ≤ 3 x spec. limit
Z
≤ 3 x spec. limit
IL5 ≤ spec. limit
no short or open circuit,
no visible damage
total failure percentage
≤ 1 %
Shelf life
(storage at
high temperature)
IEC 60384-4/
EN130300
subclause 4.17
Tamb = 85 °C; no voltage applied;
500 hours
after test: UR to be applied for 30 minutes,
24 hours to 48 hours before measurement
ΔC/C: ± 10 %
tan
δ≤ 1.2 x spec. limit
IL5
≤ 2 x spec. limit


Similar Part No. - MAL210619102E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL210116104E3 VISHAY-MAL210116104E3 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
MAL210116153E3 VISHAY-MAL210116153E3 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
MAL210116154E3 VISHAY-MAL210116154E3 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
MAL210116223E3 VISHAY-MAL210116223E3 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
MAL210116224E3 VISHAY-MAL210116224E3 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
More results

Similar Description - MAL210619102E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
106PED-ST VISHAY-106PED-ST_11 Datasheet
104Kb / 7P
   Aluminum Capacitors, Power Eurodin, Screw Terminals
Revision: 28-Oct-11
106PED-ST VISHAY-106PED-ST_V01 Datasheet
98Kb / 7P
   Aluminum Electrolytic Capacitors, Power Eurodin, Screw Terminals
01-Jan-2023
106PED-ST VISHAY-106PED-ST_17 Datasheet
118Kb / 7P
   Aluminum Electrolytic Capacitors, Power Eurodin, Screw Terminals
Revision: 06-Sep-17
050PED-PW VISHAY-050PED-PW Datasheet
179Kb / 12P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 02-Aug-11
052PED-PW VISHAY-052PED-PW Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
500PGP-ST VISHAY-500PGP-ST Datasheet
101Kb / 5P
   Aluminum Capacitors Power General Purpose Screw Terminals
Revision: 31-Oct-08
050PED-PW VISHAY-050PED-PW_V01 Datasheet
158Kb / 12P
   Aluminum Electrolytic Capacitors Power Eurodin Printed Wiring
01-Jan-2023
500PGP-ST VISHAY-500PGP-ST_17 Datasheet
139Kb / 7P
   Aluminum Capacitors, Power General Purpose Screw Terminals
Revision: 28-Sep-17
500PGP-ST VISHAY-500PGP-ST_13 Datasheet
103Kb / 6P
   Aluminum Capacitors, Power General Purpose Screw Terminals
Revision: 08-May-13
500PGP-ST VISHAY-500PGP-ST_V01 Datasheet
139Kb / 7P
   Aluminum Capacitors, Power General Purpose Screw Terminals
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com