Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL210619222E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MAL210619222E3
Description  Aluminum Capacitors Power Eurodin Screw Terminals
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL210619222E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  MAL210619222E3 Datasheet HTML 1Page - Vishay Siliconix MAL210619222E3 Datasheet HTML 2Page - Vishay Siliconix MAL210619222E3 Datasheet HTML 3Page - Vishay Siliconix MAL210619222E3 Datasheet HTML 4Page - Vishay Siliconix MAL210619222E3 Datasheet HTML 5Page - Vishay Siliconix MAL210619222E3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
106 PED-ST
Vishay BCcomponents
Aluminum Capacitors
Power Eurodin Screw Terminals
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28384
180
Revision: 31-Oct-08
Note
• Unless otherwise specified, all electrical values in tables 2 and 3
apply at Tamb = 20 °C, P = 86 to 106 kPa, RH = 45 to 75 %
ORDERING EXAMPLE
Electrolytic capacitor 106 PED-ST series
10 000 µF/25 V; - 10/+ 30 %
Nominal case size: Ø 35 x 80 mm; ST version
Table 2
76 x 105 HC
2B
105.8 110.2
76.4
31.8
5.5
3.5
18.3
13.0
M6
8.5
M12
16.0
700
12
76 x 114
2A
115.8 121.7
76.4
31.8
7.0
4.6
11.7
7.9
M5
9.5
M12
16.0
800
12
76 x 114 HC
2B
115.8 120.2
76.4
31.8
5.5
3.5
18.3
13.0
M6
8.5
M12
16.0
800
12
76 x 146
2A
145.8 151.7
76.4
31.8
7.0
4.6
11.7
7.9
M5
9.5
M12
16.0
1000
12
76 x 146 HC
2B
145.8 150.2
76.4
31.8
5.5
3.5
18.3
13.0
M6
8.5
M12
16.0
1000
12
76 x 220
2A
219.8 225.7
76.4
31.8
7.0
4.6
11.7
7.9
M5
9.5
M12
16.0
1500
10
76 x 220 HC
2B
219.8 224.2
76.4
31.8
5.5
3.5
18.3
13.0
M6
8.5
M12
16.0
1500
10
90 x 146 HC
2B
150.1 155.4
89.4
31.8
7.9
0.0
13.0
13.0
M6
10.0 M12
16.0
1300
10
90 x 220 HC
2B
218.1 223.4
89.4
31.8
7.9
0.0
13.0
13.0
M6
10.0 M12
16.0
2000
10
Notes
• For bolt version holds:
1. L = L standard - 0.5 mm
2. Lt = Lt standard - 0.5 mm
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
DESIGN
DRAWING L ± 1
Lt ± 1 D ± 1 P ± 0.3 T ± 0.2 H ± 0.3 B ± 0.3 d1 ± 0.1
MS - 0
Mb
lb ± 0.1
MASS
(g)
PACKING
QTY
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
Rated capacitance at 100 Hz, tolerance - 10 to + 30
IR
Rated RMS ripple current at 100 Hz, 85 °C
IL5
Max. leakage current after 5 minutes at UR
ESR
Max. equivalent series resistance at 100 Hz
Z
Impedance at 20 kHz
Ordering code: MAL2 106 16103 E3
Former 12NC: 2222 106 16103
ELECTRICAL DATA AND ORDERING INFORMATION
UR
[V]
CR
100 Hz
[µF]
NOMINAL
CASE
SIZE
Ø D x L
[mm]
IR
100Hz
85 °C
[A]
IL5
5min
[mA]
ESR
max.
100 Hz
[m
Ω]
Z
max.
20 kHz
[m
Ω]
STANDARD HIGH POST M5 DISC
HIGH CURRENT M6 DISC
ST
ORDERING
CODE
MAL2106.......
ST BOLT NUT
ORDERING
CODE
MAL2106.......
ST
ORDERING
CODE
MAL2106.......
ST BOLT NUT
ORDERING
CODE
MAL2106.......
25
4700
35 x 60
6.0
0.24
53
32
16472E3
56472E3
-
-
6800
35 x 60
6.5
0.34
43
29
16682E3
56682E3
-
-
10 000
35 x 80
7.9
0.50
32
22
16103E3
56103E3
-
-
15 000
35 x 105
9.3
0.75
25
18
16153E3
56153E3
-
-
22 000
50 x 80
14.0
1.10
15
11
16223E3
56223E3
-
-
33 000
50 x 105
16.4
1.65
12
9
16333E3
56333E3
-
-
47 000
65 x 105
23.2
3.35
8
6
16473E3
56473E3
36473E3
76473E3
68 000
65 x 105
23.5
3.40
8
6
16683E3
56683E3
36683E3
76683E3
100 000
76 x 105
30.1
5.00
6
5
16104E3
56104E3
36104E3
76104E3
150 000
76 x 146
34.5
7.5
5
5
16154E3
56154E3
36154E3
76154E3
220 000
76 x 220
40.8
11.0
5
5
16224E3
56224E3
36224E3
76224E3
220 000
90 x 146
50
11.0
5
5
-
-
46224E3
86224E3
330 000
90 x 220
50
16.5
5
5
-
-
46334E3
86334E3
40
3300
35 x 60
5.7
0.27
56
32
17332E3
57332E3
-
-
4700
35 x 60
6.0
0.38
48
31
17472E3
57472E3
-
-
6800
35 x 80
7.3
0.55
36
24
17682E3
57682E3
-
-
10 000
35 x 105
10.9
0.80
19
11
17103E3
57103E3
-
-
15 000
50 x 80
13.0
1.20
17
12
17153E3
57153E3
-
-
22 000
50 x 105
15.2
1.76
13
10
17223E3
57223E3
-
-


Similar Part No. - MAL210619222E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL210116104E3 VISHAY-MAL210116104E3 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
MAL210116153E3 VISHAY-MAL210116153E3 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
MAL210116154E3 VISHAY-MAL210116154E3 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
MAL210116223E3 VISHAY-MAL210116223E3 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
MAL210116224E3 VISHAY-MAL210116224E3 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
More results

Similar Description - MAL210619222E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
106PED-ST VISHAY-106PED-ST_11 Datasheet
104Kb / 7P
   Aluminum Capacitors, Power Eurodin, Screw Terminals
Revision: 28-Oct-11
106PED-ST VISHAY-106PED-ST_V01 Datasheet
98Kb / 7P
   Aluminum Electrolytic Capacitors, Power Eurodin, Screw Terminals
01-Jan-2023
106PED-ST VISHAY-106PED-ST_17 Datasheet
118Kb / 7P
   Aluminum Electrolytic Capacitors, Power Eurodin, Screw Terminals
Revision: 06-Sep-17
050PED-PW VISHAY-050PED-PW Datasheet
179Kb / 12P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 02-Aug-11
052PED-PW VISHAY-052PED-PW Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
500PGP-ST VISHAY-500PGP-ST Datasheet
101Kb / 5P
   Aluminum Capacitors Power General Purpose Screw Terminals
Revision: 31-Oct-08
050PED-PW VISHAY-050PED-PW_V01 Datasheet
158Kb / 12P
   Aluminum Electrolytic Capacitors Power Eurodin Printed Wiring
01-Jan-2023
500PGP-ST VISHAY-500PGP-ST_17 Datasheet
139Kb / 7P
   Aluminum Capacitors, Power General Purpose Screw Terminals
Revision: 28-Sep-17
500PGP-ST VISHAY-500PGP-ST_13 Datasheet
103Kb / 6P
   Aluminum Capacitors, Power General Purpose Screw Terminals
Revision: 08-May-13
500PGP-ST VISHAY-500PGP-ST_V01 Datasheet
139Kb / 7P
   Aluminum Capacitors, Power General Purpose Screw Terminals
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com