Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENA1017 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # ENA1017
Description  P-Channel Silicon MOSFET General-Purpose Switching Device Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA1017 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  ENA1017 Datasheet HTML 1Page - Sanyo Semicon Device ENA1017 Datasheet HTML 2Page - Sanyo Semicon Device ENA1017 Datasheet HTML 3Page - Sanyo Semicon Device ENA1017 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MCH6331
No. A1017-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Input Capacitance
Ciss
VDS=--10V, f=1MHz
250
pF
Output Capacitance
Coss
VDS=--10V, f=1MHz
65
pF
Reverse Transfer Capacitance
Crss
VDS=--10V, f=1MHz
46
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
5.4
ns
Rise Time
tr
See specified Test Circuit.
12
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
26
ns
Fall Time
tf
See specified Test Circuit.
19
ns
Total Gate Charge
Qg
VDS=--10V, VGS=--10V, ID=--3.5A
5.0
nC
Gate-to-Source Charge
Qgs
VDS=--10V, VGS=--10V, ID=--3.5A
1.0
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=--10V, VGS=--10V, ID=--3.5A
1.2
nC
Diode Forward Voltage
VSD
IS=--3.5A, VGS=0V
--0.86
--1.5
V
Package Dimensions
Switching Time Test Circuit
unit : mm (typ)
7022A-009
1 : Drain
2 : Drain
3 : Gate
4 : Source
5 : Drain
6 : Drain
SANYO : MCPH6
2.0
0.3
0.65
0.15
0 to 0.02
65
4
12
3
65
4
12
3
PW=10μs
D.C.≤1%
P.G
50Ω
G
S
D
ID= --1.5A
RL=10Ω
VDD= --15V
VOUT
MCH6331
VIN
0V
--10V
VIN
ID -- VDS
ID -- VGS
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
0
--0.5
--1.0
--3.0
--2.5
--2.0
--1.5
0
--0.2
--0.4
--0.6
--0.8
--1.0
--0.1
--0.3
--0.5
--0.7
--0.9
IT13185
0
--1.0
--0.5
--1.5
--3.5
--2.5
--2.0
--3.0
0
--1
--2
--3
--4
IT13186
--3.0V
--3.5V
VDS= --10V
VGS= --2.5V


Similar Part No. - ENA1017

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA1017A SANYO-ENA1017A Datasheet
491Kb / 7P
   General-Purpose Switching Device Applications
More results

Similar Description - ENA1017

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FW156 SANYO-FW156 Datasheet
37Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3322 SANYO-MCH3322 Datasheet
38Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3374 SANYO-MCH3374 Datasheet
55Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
EMH1307 SANYO-EMH1307 Datasheet
336Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
EMH1303 SANYO-EMH1303 Datasheet
59Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6325 SANYO-MCH6325 Datasheet
58Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6655 SANYO-MCH6655 Datasheet
60Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
SCH2311 SANYO-SCH2311 Datasheet
59Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
SMP3003 SANYO-SMP3003 Datasheet
242Kb / 3P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
EC4306C SANYO-EC4306C Datasheet
58Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
EC4309C SANYO-EC4309C Datasheet
58Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com