Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCH6438 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # MCH6438
Description  P-Channel Silicon MOSFET General-Purpose Switching Device Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

MCH6438 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  MCH6438 Datasheet HTML 1Page - Sanyo Semicon Device MCH6438 Datasheet HTML 2Page - Sanyo Semicon Device MCH6438 Datasheet HTML 3Page - Sanyo Semicon Device MCH6438 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MCH6438
No. A0889-3/4
0
0.1
0.3
0.5
0.2
0.4
1.0
0.7
0.6
0.8
0.9
0
0.5
1.0
3.0
2.0
1.5
3.5
2.5
4.0
IT11281
7
10
100
5
3
2
3
2
7
1000
5
3
2
IT11279
IT11278
0.001
0.01
23
5
2
72
3
5
7
0.1
35
2
7
010
3050
15
35
55
20
40
525
45
60
10
5
3
7
3
2
2
7
5
1.0
IT11280
td(on)
td(off)
tf
tr
VDD=30V
VGS=4V
Ciss
Coss
Crss
VDS=30V
ID=200mA
0.1
1.0
1.0
23
5
7
2
10
35
7
2
100
35
7
10
7
5
3
2
2
100
7
5
3
2
VDS=10V
25°
C
Ta=75
°C
--25
°C
f=1MHz
1000
7
5
3
VGS -- Qg
SW Time -- ID
Ciss, Coss, Crss -- VDS
yfs -- ID
Drain Current, ID -- A
Drain Current, ID -- mA
Drain-to-Source Voltage, VDS -- V
Total Gate Charge, Qg -- nC
IS -- VSD
Diode Forward Voltage, VSD -- V
IT11322
0.3
0.4
0.5
0.6
0.7
0.9
0.8
1.0
1.1
0.1
1.0
10
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
100
VGS=0V
1000
IT11277
02468
10
IT11276
10
0
2
1
3
5
7
4
6
8
9
Ta=25
°C
--60
0
3
4
5
1
6
2
7
--40
--20
0
20
40
60
80
100
120
140
160
VGS
=2.5V
, ID
=50mA
V GS
=1.5V
, I D
=10mA
VGS
=4.0V
, ID
=100mA
ID=10mA
100mA
50mA
RDS(on) -- VGS
RDS(on) -- Ta
Gate-to-Source Voltage, VGS -- V
Ambient Temperature, Ta --
°C
A S O
Drain-to-Source Voltage, VDS -- V
IT12773
2
3
5
7
2
0.1
0.01
2
23
5
7 1.0
2
35
7 10
0.1
IDP=0.8A
ID=0.2A
Operation in this
area is limited by RDS(on).
3
5
7
2
1.0
35
7 100
PW
≤10µs
Ta=25
°C
Single pulse
Mounted on a ceramic board (1200mm2
✕0.8mm)


Similar Part No. - MCH6438

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH6431 SANYO-MCH6431 Datasheet
90Kb / 4P
   General-Purpose Switching Device Applications
MCH6431 SANYO-MCH6431 Datasheet
498Kb / 7P
   General-Purpose Switching Device Applications
logo
ON Semiconductor
MCH6431 ONSEMI-MCH6431 Datasheet
382Kb / 5P
   Single N-Channel Power MOSFET
March 2015 - Rev. 3
MCH6431-TL-H ONSEMI-MCH6431-TL-H Datasheet
382Kb / 5P
   Single N-Channel Power MOSFET
March 2015 - Rev. 3
MCH6431-TL-W ONSEMI-MCH6431-TL-W Datasheet
382Kb / 5P
   Single N-Channel Power MOSFET
March 2015 - Rev. 3
More results

Similar Description - MCH6438

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FW156 SANYO-FW156 Datasheet
37Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3322 SANYO-MCH3322 Datasheet
38Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3374 SANYO-MCH3374 Datasheet
55Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
EMH1307 SANYO-EMH1307 Datasheet
336Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
EMH1303 SANYO-EMH1303 Datasheet
59Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6325 SANYO-MCH6325 Datasheet
58Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6655 SANYO-MCH6655 Datasheet
60Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
SCH2311 SANYO-SCH2311 Datasheet
59Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
SMP3003 SANYO-SMP3003 Datasheet
242Kb / 3P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
EC4306C SANYO-EC4306C Datasheet
58Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
EC4309C SANYO-EC4309C Datasheet
58Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com