Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38500FDH-XXXFP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # M38500FDH-XXXFP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
Download  287 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38500FDH-XXXFP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button M38500FDH-XXXFP Datasheet HTML 2Page - Renesas Technology Corp M38500FDH-XXXFP Datasheet HTML 3Page - Renesas Technology Corp M38500FDH-XXXFP Datasheet HTML 4Page - Renesas Technology Corp M38500FDH-XXXFP Datasheet HTML 5Page - Renesas Technology Corp M38500FDH-XXXFP Datasheet HTML 6Page - Renesas Technology Corp M38500FDH-XXXFP Datasheet HTML 7Page - Renesas Technology Corp M38500FDH-XXXFP Datasheet HTML 8Page - Renesas Technology Corp M38500FDH-XXXFP Datasheet HTML 9Page - Renesas Technology Corp M38500FDH-XXXFP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 287 page
background image
BEFORE USING THIS MANUAL
This user’s manual consists of the following three chapters. Refer to the chapter appropriate to your conditions,
such as hardware design or software development. Chapter 3 also includes necessary information for
systems development. You must refer to that chapter.
1. Organization
q CHAPTER 1 HARDWARE
This chapter describes features of the microcomputer and operation of each peripheral function.
q CHAPTER 2 APPLICATION
This chapter describes usage and application examples of peripheral functions, based mainly on
setting examples of relevant registers.
q CHAPTER 3 APPENDIX
This chapter includes necessary information for systems development using the microcomputer, such
as the electrical characteristics, the notes, and the list of registers.
✽For the mask ROM confirmation form, the ROM programming confirmation form, and the mark
specifications, refer to the “Renesas Technology Corp.” Homepage (http://www.renesas.com/en/
rom).
2. Structure of register
The figure of each register structure describes its functions, contents at reset, and attributes as follows :
Note 2: Bit attributes.........The attributes of control register bits are classified into 3 bytes : read-only, write-
only and read and write. In the figure, these attributes are represented as follows :
: Bit in which nothing is arranged
0 1 :
Name
Function
At reset
RW
B
0
1
2
3
4
0
0
0
0
0
5
6
7
1
b0
b1
b2
b3
b4
b5
b6
b7
Contents immediately after reset release
Bit attributes
(Note 1)
Processor mode bits
Stack page selection bit
Nothing arranged for these bits. These are write disabled
bits. When these bits are read out, the contents are “0.”
Fix this bit to “0.”
Main clock (XIN-XOUT) stop bit
Internal system clock selection bit
0 0 : Single-chip mode
1 0 :
1 1 :
Not available
b1 b0
0 : 0 page
1 : 1 page
0 : Operating
1 : Stopped
0 : XIN-XOUT selected
1 : XCIN-XCOUT selected
: Bit that is not used for control of the corresponding function
0
Note 1:. Contents immediately after reset release
0....... “0” at reset release
1....... “1” at reset release
?.......Undefined at reset release
✽.......Contents determined by option at reset release
R....... Read
...... Read enabled
✕.......Read disabled
W......Write
..... Write enabled
✕...... Write disabled
(Note 2)
CPU mode register (CPUM) [Address : 3B16]
Bits


Similar Part No. - M38500FDH-XXXFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38500FDH-XXXFP RENESAS-M38500FDH-XXXFP Datasheet
837Kb / 88P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38500FDH-XXXFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
3804H_M RENESAS-3804H_M Datasheet
2Mb / 387P
   8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
3800 RENESAS-3800 Datasheet
1Mb / 174P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
38C3_M RENESAS-38C3_M Datasheet
1Mb / 224P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
7540_M RENESAS-7540_M Datasheet
4Mb / 366P
   8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
38B5_M RENESAS-38B5_M Datasheet
3Mb / 356P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
38B7_M RENESAS-38B7_M Datasheet
4Mb / 415P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
3802_M RENESAS-3802_M Datasheet
1Mb / 208P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
38K0UM RENESAS-38K0UM Datasheet
2Mb / 328P
   RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
38K2UM RENESAS-38K2UM Datasheet
2Mb / 358P
   RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
7480_M RENESAS-7480_M Datasheet
2Mb / 337P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com