Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL209667821E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MAL209667821E3
Description  Aluminum Capacitors Power Long Life 4-Terminal Snap-In
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL209667821E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  MAL209667821E3 Datasheet HTML 1Page - Vishay Siliconix MAL209667821E3 Datasheet HTML 2Page - Vishay Siliconix MAL209667821E3 Datasheet HTML 3Page - Vishay Siliconix MAL209667821E3 Datasheet HTML 4Page - Vishay Siliconix MAL209667821E3 Datasheet HTML 5Page - Vishay Siliconix MAL209667821E3 Datasheet HTML 6Page - Vishay Siliconix MAL209667821E3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
096 PLL-4TSI
Vishay BCcomponents
Aluminum Capacitors
Power Long Life 4-Terminal Snap-In
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28392
2
Revision: 08-Aug-08
DIMENSIONS in millimeters AND AVAILABLE FORMS
1200
35 x 70
40 x 60
35 x 80
40 x 70
35 x 80
40 x 70
45 x 60
40 x 70
40 x 80
45 x 70
45 x 100
1500
35 x 80
40 x 70
45 x 60
40 x 80
45 x 60
35 x 100
40 x 80
45 x 70
40 x 100
45 x 70
40 x 100
45 x 80
45 x 100
1800
40 x 80
45 x 60
40 x 100
45 x 70
40 x 100
45 x 80
40 x 100
45 x 80
45 x 100
2200
40 x 100
45 x 70
40 x 100
45 x 100
45 x 100
2700
45 x 100
45 x 100
45 x 100
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(µF)
UR (V)
350
385
400
420
450
500
MGB267-1
1.3
(4x)
2.5
1
2
3
-
17.5 ± 0.1
7.5 ± 0.1
15 ± 0.1
Fig.3 Mounting hole diagram viewed
from component side
Case Ø D = 35 mm
Case Ø D = 35 mm
Fig.2 Printed wiring
pin version
CCA976-1
L
Ø D
+ 1 max.
L +
5 max.
4.9
± 0.2
PRINTED WIRING
L
Ø D
+ 1 max.
L +
5 max.
5.1
± 0.1
1.3
(5x)
2.5
1
2
3
4
-
10 ± 0.1
20 ± 0.1
17.5 ± 0.1
20 ± 0.1
Case Ø D = 40 mm
Fig.5 Mounting hole diagram viewed
from component side
Case Ø D = 40 mm
Fig.4 Printed wiring
pin version
22.5
Ø D
60
°
60
°
Bottom view
L
max.
6.3 ± 1
Fig. 6 4-Terminal snap-in
Fig. 7 Mounting hole diagram
Dummy terminals (A and C) must be free from the electrical circuit
dummy
dummy
C
B
A
60
°
60
°
2 ± 0.1
(4x)
22.5
± 0.1
FOUR TERMINAL SNAP-IN


Similar Part No. - MAL209667821E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL209010472E3 VISHAY-MAL209010472E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
MAL209011222E3 VISHAY-MAL209011222E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
MAL209011332E3 VISHAY-MAL209011332E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
MAL209012102E3 VISHAY-MAL209012102E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
MAL209012821E3 VISHAY-MAL209012821E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
More results

Similar Description - MAL209667821E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
095PLL-4TSI VISHAY-095PLL-4TSI_11 Datasheet
112Kb / 7P
   Aluminum Capacitors Power Long Life 4-Terminal Snap-In
Revision: 10-Aug-11
095PLL-4TSI VISHAY-095PLL-4TSI Datasheet
104Kb / 7P
   Aluminum Capacitors Power Long Life 4 Terminal Snap-In
096PLL4TSI VISHAY-096PLL4TSI Datasheet
136Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 14-Oct-16
096-PLL-4TSI VISHAY-096-PLL-4TSI Datasheet
136Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 14-Oct-16
095PLL-4TSI VISHAY-095PLL-4TSI_V01 Datasheet
104Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
01-Jan-2023
096PLL-4TSI VISHAY-096PLL-4TSI_V01 Datasheet
105Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
01-Jan-2023
095PLL4TSI VISHAY-095PLL4TSI_15 Datasheet
107Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 21-May-15
095PLL-4TSI VISHAY-095PLL-4TSI_16 Datasheet
124Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 14-Oct-16
096PLL4TSI VISHAY-096PLL4TSI_15 Datasheet
109Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 21-May-15
096PLL-4TSI VISHAY-096PLL-4TSI_16 Datasheet
126Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 14-Oct-16
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com