Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30CTQ045-1PBF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 30CTQ045-1PBF
Description  Schottky Rectifier, 2 x 15 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

30CTQ045-1PBF Datasheet(HTML) 2 Page - Vishay Siliconix

  30CTQ045-1PBF Datasheet HTML 1Page - Vishay Siliconix 30CTQ045-1PBF Datasheet HTML 2Page - Vishay Siliconix 30CTQ045-1PBF Datasheet HTML 3Page - Vishay Siliconix 30CTQ045-1PBF Datasheet HTML 4Page - Vishay Siliconix 30CTQ045-1PBF Datasheet HTML 5Page - Vishay Siliconix 30CTQ045-1PBF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94188
2
Revision: 13-Aug-08
30CTQ...SPbF/30CTQ...-1PbF
Vishay High Power Products Schottky Rectifier, 2 x 15 A
Note
(1) Pulse width < 300 µs, duty cycle < 2 %
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum forward voltage drop per leg
See fig. 1
VFM (1)
15 A
TJ = 25 °C
0.62
V
30 A
0.76
15 A
TJ = 125 °C
0.56
30 A
0.70
Maximum reverse leakage current per leg
See fig. 2
IRM (1)
TJ = 25 °C
VR = Rated VR
2
mA
TJ = 125 °C
15
Maximum junction capacitance per leg
CT
VR = 5 VDC (test signal range 100 kHz to 1 MHz) 25 °C
900
pF
Typical series inductance per leg
LS
Measured lead to lead 5 mm from package body
8.0
nH
Maximum voltage rate of change
dV/dt
Rated VR
10 000
V/µs
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction and storage
temperature range
TJ, TStg
- 55 to 175
°C
Maximum thermal resistance,
junction to case per leg
RthJC
DC operation
See fig. 4
3.25
°C/W
Maximum thermal resistance,
junction to case per package
DC operation
1.63
Typical thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth and greased
0.50
Approximate weight
2g
0.07
oz.
Mounting torque
minimum
6 (5)
kgf
⋅ cm
(lbf
⋅ in)
maximum
12 (10)
Marking device
Case style D2PAK
30CTQ045S
Case style TO-262
30CTQ045-1


Similar Part No. - 30CTQ045-1PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30CTQ045-1PBF VISHAY-30CTQ045-1PBF Datasheet
128Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 12-Mar-10
More results

Similar Description - 30CTQ045-1PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-30CTQ060PBF VISHAY-VS-30CTQ060PBF Datasheet
166Kb / 7P
   Schottky Rectifier, 2 x 15 A
Revision: 11-Oct-11
VS-30CTQ100SPBF VISHAY-VS-30CTQ100SPBF Datasheet
124Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 15-Mar-10
STPS30L30CGPBF VISHAY-STPS30L30CGPBF_10 Datasheet
103Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 16-Mar-10
25CTQ VISHAY-25CTQ Datasheet
119Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 22-Aug-08
25CTQPBF VISHAY-25CTQPBF Datasheet
122Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 13-Aug-08
30CPQ150 VISHAY-30CPQ150 Datasheet
128Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 22-Aug-08
30CTQS VISHAY-30CTQS Datasheet
127Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 06-Oct-08
MBRB3030CTL VISHAY-MBRB3030CTL Datasheet
113Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 21-Aug-08
MBR2535CTPBF VISHAY-MBR2535CTPBF Datasheet
117Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 13-Aug-08
32CTQ030 VISHAY-32CTQ030 Datasheet
114Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 21-Aug-08
STPS30L30CTPBF VISHAY-STPS30L30CTPBF Datasheet
105Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 14-Aug-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com