Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

109D355X0075C0 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 109D355X0075C0
Description  Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors for Operation to 125 °C, Elastomer-Sealed
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

109D355X0075C0 Datasheet(HTML) 4 Page - Vishay Siliconix

  109D355X0075C0 Datasheet HTML 1Page - Vishay Siliconix 109D355X0075C0 Datasheet HTML 2Page - Vishay Siliconix 109D355X0075C0 Datasheet HTML 3Page - Vishay Siliconix 109D355X0075C0 Datasheet HTML 4Page - Vishay Siliconix 109D355X0075C0 Datasheet HTML 5Page - Vishay Siliconix 109D355X0075C0 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Document Number: 40023
For technical questions, contact: wettants@vishay.com
www.vishay.com
Revision: 17-Mar-08
15
109D
Wet Tantalum Capacitors Sintered Anode TANTALEX®
Capacitors for Operation to + 125 °C, Elastomer-Sealed
Vishay
EXTENDED RATINGS
CAPACITANCE
(µF)
CASE
CODE
PART NUMBER (1)
MAX. ESR
at
+ 25 °C
120 Hz
(
Ω)
MAX. IMP.
at
- 55 °C
120 Hz
(
Ω)
MAX. DCL (µA)
at
MAX. CAPACITANCE CHANGE (%)
at
+ 25 °C
+ 85 °C
+ 125 °C
- 55 °C
+ 85 °C
+ 125 °C
6 WVDC at + 85 °C . . . 4 WVDC at + 125 °C
820
F
109D827X0006F0
2.5
18
3
14
- 88
+ 16
+ 20
1500
T
109D158X0006T0
1.5
18
5
20
- 90
+ 20
+ 25
2200
K
109D228X0006K0
1
13
6
24
- 90
+ 25
+ 30
8 WVDC at + 85 °C . . . 5 WVDC at + 125 °C
680
F
109D687X0008F0
2.5
22
3
14
- 83
+ 16
+ 20
10 WVDC at + 85 °C . . . 7 WVDC at + 125 °C
120
C
109D127X0010C0
4
60
2
9
- 45
+ 13
+ 16
150
C
109D157X0010C0
3
54
2
9
- 55
+ 13
+ 16
470
F
109D477X0010F0
2.5
30
3
16
- 65
+ 16
+ 20
560
F
109D567X0010F0
2.5
27
3
16
- 77
+ 16
+ 20
1000
T
109D108X0010T0
1.5
20
5
20
- 75
+ 20
+ 25
1200
T
109D128X0010T0
1.5
18
5
20
- 88
+ 20
+ 25
1200
K
109D128X0010K0
1
18
7
25
- 75
+ 30
+ 30
1500
K
109D158X0010K0
1
15
7
25
- 88
+ 25
+ 30
15 WVDC at + 85 °C . . . 10 WVDC at + 125 °C
82
C
109D826X0015C0
4
80
2
9
- 38
+ 13
+ 16
100
C
109D107X0015C0
4
72
2
9
- 44
+ 13
+ 16
330
F
109D337X0015F0
2.5
35
3
16
- 60
+ 16
+ 20
390
F
109D397X0015F0
2.5
31
3
16
- 66
+ 16
+ 20
820
T
109D827X0015T0
1.8
22
6
24
- 77
+ 20
+ 25
820
K
109D827X0015K0
1.2
20
8
32
- 70
+ 30
+ 30
1000
K
109D108X0015K0
1.2
17
8
32
- 77
+ 25
+ 30
25 WVDC at + 85 °C . . . 15 WVDC at + 125 °C
68
C
109D686X0025C0
4.3
90
2
9
- 40
+ 12
+ 15
270
F
109D277X0025F0
2.7
33
3
16
- 62
+ 13
+ 16
560
T
109D567X0025T0
1.8
24
7
28
- 72
+ 20
+ 25
680
K
109D687X0025K0
1.2
19
8
32
- 72
+ 25
+ 30
30 WVDC at + 85 °C . . . 20 WVDC at + 125 °C
39
C
109D396X0030C0
5.2
110
2
- 28
+ 10
+ 12
47
C
109D476X0030C0
5.2
100
2
9
- 30
+ 10
+ 12
56
C
109D566X0030C0
5.2
100
2
9
- 38
+ 12
+ 15
150
F
109D157X0030F0
2.5
40
3
9
- 40
+ 12
+ 15
180
F
109D187X0030F0
2.5
40
3
16
- 45
+ 13
+ 16
220
F
109D227X0030F0
2.5
36
3
16
- 60
+ 13
+ 16
330
T
109D337X0030T0
1.8
28
8
16
- 45
+ 20
+ 25
390
T
109D397X0030T0
1.8
28
8
32
- 50
+ 20
+ 25
470
T
109D477X0030T0
1.8
25
8
32
- 65
+ 20
+ 25
560
K
109D567X0030K0
1.3
20
9
32
- 65
+ 25
+ 30
Note
(1) Part Numbers shown are for units with ± 20 % capacitance tolerance and uninsulated capacitors. For ± 10 % units, change the digit following
the letter “X” from “0” to “9”. For units with outer plastic-film insulation, substitute “2” for “0” at the end of the Part Number. For RoHS compliant
add “E3“.


Similar Part No. - 109D355X0075C0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
109D357X0025K0 VISHAY-109D357X0025K0 Datasheet
126Kb / 10P
   Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 28-Aug-17
More results

Similar Description - 109D355X0075C0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
109D VISHAY-109D Datasheet
94Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors For Operation to 125 °C, Elastomer-Sealed
Revision: 19-Jun-07
109D VISHAY-109D_17 Datasheet
126Kb / 10P
   Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 28-Aug-17
109D VISHAY-109D_V01 Datasheet
107Kb / 10P
   Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
01-Jan-2022
285D VISHAY-285D_07 Datasheet
77Kb / 4P
   Tantalum-Cased-Tantalum Sintered Anode TANTALEX® Capacitors for Operation to 125 °C
Revision: 07-Nov-07
138D VISHAY-138D_08 Datasheet
122Kb / 8P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision: 17-Mar-08
200D VISHAY-200D_05 Datasheet
133Kb / 11P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
Revision: 14-Oct-05
200D VISHAY-200D_V01 Datasheet
162Kb / 15P
   Wet Tantalum Capacitors, Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
01-Jan-2022
138D VISHAY-138D Datasheet
253Kb / 7P
   Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision 15-Oct-03
200D VISHAY-200D Datasheet
576Kb / 9P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
Revision 25-Jun-04
738D VISHAY-738D Datasheet
137Kb / 5P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Revision 20-Oct-03
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com