Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENA1346 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # ENA1346
Description  PNP Epitaxial Planar Silicon Transistor DC / DC Converter Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA1346 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  ENA1346 Datasheet HTML 1Page - Sanyo Semicon Device ENA1346 Datasheet HTML 2Page - Sanyo Semicon Device ENA1346 Datasheet HTML 3Page - Sanyo Semicon Device ENA1346 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PCP1103
No. A1346-2/4
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB= -30V, IE=0A
-0.1
μA
Emitter Cutoff Current
IEBO
VEB= -4V, IC=0A
-0.1
μA
DC Current Gain
hFE
VCE= -2V, IC= -100mA
200
560
Gain-Bandwidth Product
fT
VCE= -10V, IC= -300mA
450
MHz
Output Capacitance
Cob
VCB= -10V, f=1MHz
9
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC= -0.75A, IB= -15mA
-250
-375
mV
Base-to-Emitter Saturation Voltage
VBE(sat)
IC= -0.75A, IB= -15mA
-0.85
-1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC= -10μA, IE=0A
-30
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC= -1mA, RBE=∞
-30
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE= -10μA, IC=0A
-5
V
Turn-On Time
ton
See specified Test Circuit.
35
ns
Storage Time
tstg
See specified Test Circuit.
115
ns
Fall Time
tf
See specified Test Circuit.
30
ns
Package Dimensions
Switching Time Test Circuit
unit : mm (typ)
7007A-004
1 : Base
2 : Collector
3 : Emitter
SANYO : PCP
1.5
0.5
0.4
3.0
4.5
1.6
0.4
12
3
1.5
0.75
To p View
Bo tto m View
RB
VCC= --12V
IC=--20IB1=20IB2=--0.75A
+
50Ω
INPUT
OUTPUT
820μF
PW=50μs
IB1
D.C.1%
IB2
RL
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
--50mA
--40mA
--30mA
--20mA
--2.0
--1.4
--1.2
--1.6
--1.8
--1.0
--0.4
--0.2
--0.6
--0.8
0
0
--0.4
--0.8 --0.9 --1.0
--0.2
--0.6
--0.3
--0.7
--0.1
--0.5
IB=0mA
IT14106
--2mA
--4mA
--6mA
--10mA
--8mA
VCE= --2V
--1.6
--1.2
--0.6
--0.8
--1.4
--1.0
--0.2
--0.4
0
0
--0.2
--0.4
--0.6
--0.8
--1.2
--1.0
IT14107


Similar Part No. - ENA1346

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA1340A SANYO-ENA1340A Datasheet
71Kb / 6P
   Bi-CMOS IC 2ch Forward/Reverse Motor Driver
ENA1340D SANYO-ENA1340D Datasheet
128Kb / 6P
   2ch Forward/Reverse Motor Driver
ENA1341 SANYO-ENA1341 Datasheet
82Kb / 7P
   Bi-CMOS LSI For DSC, and Cell Phone Camera Modules H-Bridge 횞 2-channel Motor Driver
ENA1341B SANYO-ENA1341B Datasheet
138Kb / 7P
   For DSC, and Cell Phone Camera Modules H-Bridge 횞 2-channel Motor Driver
logo
ON Semiconductor
ENA1341B ONSEMI-ENA1341B Datasheet
104Kb / 7P
   For DSC, and Cell Phone Camera Modules H-Bridge 횞 2-channel Motor Driver
June, 2013
More results

Similar Description - ENA1346

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH6531 SANYO-CPH6531 Datasheet
53Kb / 4P
   PNP Epitaxial Planar Silicon Transistor DC / DC Converter Applications
2SA2126 SANYO-2SA2126 Datasheet
48Kb / 4P
   PNP Epitaxial Planar Silicon Transistor DC / DC Converter Applications
PCP1104 SANYO-PCP1104 Datasheet
259Kb / 4P
   PNP Epitaxial Planar Silicon Transistor DC / DC Converter Applications
VEC1106 SANYO-VEC1106 Datasheet
244Kb / 4P
   PNP Epitaxial Planar Silicon Transistor DC / DC Converter Applications
CPH3114 SANYO-CPH3114_11 Datasheet
66Kb / 5P
   PNP Epitaxial Planar Silicon Transistors DC / DC Converter Applications
CPH3236 SANYO-CPH3236 Datasheet
36Kb / 4P
   NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
MCH3217 SANYO-MCH3217 Datasheet
38Kb / 4P
   NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
2SC6013 SANYO-2SC6013 Datasheet
42Kb / 4P
   NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
2SC6015 SANYO-2SC6015 Datasheet
42Kb / 4P
   NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
2SC6016 SANYO-2SC6016 Datasheet
42Kb / 4P
   NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com