Electronic Components Datasheet Search |
|
RNRJ2152DMR64 Datasheet(PDF) 1 Page - Vishay Siliconix |
|
RNRJ2152DMR64 Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 3 page www.vishay.com For technical questions, contact: ff2bresistors@vishay.com Document Number: 31025 52 Revision: 08-Jul-08 ERC (Military RNC/RNR) Vishay Dale Metal Film Resistors, Military/Established Reliability, MIL-PRF-55182 Qualified, Type RNC, Characteristics J, H, K FEATURES • Meets requirements of MIL-PRF-55182 • Very low noise (- 40 dB) • Verified Failure Rate (Contact factory for current level) • 100 % stabilization and screening tests. Group A testing, if desired, to customer requirements • Controlled temperature coefficient • Epoxy coating provides superior moisture protection • Standard lead on RNC product is solderable and weldable • Traceability of materials and processing • Monthly acceptance testing • Vishay Dale has complete capability to develop specific reliability programs designed to customer requirements • Extensive stocking program at distributors and factory on RNC50, RNC55, RNC60 and RNC65 • For MIL-PRF-55182 Characteristics E and C product, see Vishay Angstrohm’s HDN (Military RNR/RNN) data sheet Note (1) Consult factory for current QPL failure rates Standard resistance tolerances: ± 0.1 % (B), ± 0.5 % (D) and ± 1 % (F). ± 0.1 % not applicable to Characteristic K STANDARD ELECTRICAL SPECIFICATIONS VISHAY DALE MODEL MIL-PRF-55182 TYPE POWER RATING RESISTANCE TOLERANCE % MAXIMUM WORKING VOLTAGE RESISTANCE RANGE ( Ω) (1) LIFE FAILURE RATE (1) P70 °C W P125 °C W 100 ppm/°C (K) 50 ppm/°C (H) 25 ppm/°C (J) ERC50 RNC50, RNR50 0.10 0.05 ± 0.1, ± 0.5, ± 1 200 10R - 796K 10R - 796K 10R - 796K M, P, R, S ERC55 RNC55, RNR55 0.125 0.10 ± 0.1, ± 0.5, ± 1 200 10R - 2M0 10R - 2M0 10R - 2M0 M, P, R, S ERC55..200 RNC60, RNR60 0.25 0.125 ± 0.1, ± 0.5, ± 1 250 10R - 3M01 10R - 3M01 10R - 3M01 M, P, R, S ERC65 RNC65, RNR65 0.50 0.25 ± 0.1, ± 0.5, ± 1 300 10R - 3M01 10R - 3M01 10R - 3M01 M, P, R ERC70 RNC70, RNR70 0.75 0.50 ± 0.1, ± 0.5, ± 1 350 10R - 3M01 10R - 3M01 10R - 3M01 M, P, R TECHNICAL SPECIFICATIONS PARAMETER UNIT CONDITION Voltage Coefficient, max. ppm/°C 5/V when measured between 10 % and full rated voltage Dielectric Strength VAC RNC50, RNC55 and RNC60 = 450; RNC65 and RNC70 = 900 Insulations Resistance Ω≥ 1011 dry; ≥ 109 after moisture test Operating Temperature Range °C - 65 to + 175 Terminal Strength lb 2 lb pull test on RNC50, RNC55, RNC60 and RNC65; 4.5 lb pull test on RNC70 Solderability Continuous satisfactory coverage when tested in accordance with MIL-STD-202, Method 208 Weight g RNC50 = 0.11; RNC55 = 0.35; RNC60 = 0.35; RNC65 = 0.84; RNC70 = 1.60 GLOBAL PART NUMBER INFORMATION MIL STYLE RESISTANCE VALUE CODE RNC = Solderable/ J = ± 25 ppm 3 digit significant B = ± 0.1 % D = ± 0.5 % F = ± 1 % M = 1.0 %/1000 h B14 = Tin/Lead, Bulk BSL = Tin/Lead, Bulk, Single Lot Date Code R36 = Tin/Lead, T/R (Full; 50, 55, 60) R64 = Tin/Lead, T/R (Full; 65, 70) RE6 = Tin/Lead, T/R (1000 pieces) RSL = Tin/Lead, T/R, Single Lot Date Code Weldable figure, followed P = 0.1 %/1000 h (Dash Number) RNR = Solderable by a multiplier R = 0.01 %/1000 h (up to 3 digits) only 10R0 = 10 Ω S = 0.001%/1000h From 1 - 999 2152 = 21.5 k Ω as applicable 3014 = 3.01 M Ω New Global Part Numbering: RNC55H2152FRR36 (preferred part numbering format) RN C 5 5 H 2 1 5 2 F R R 3 6 Historical Part Number example: RNC55H2152FR R36 (will continue to be accepted) RNC55 H 2152 F R R36 MIL STYLE CHARACTERISTIC RESISTANCE VALUE TOLERANCE CODE FAILURE RATE PACKAGING (see Standard Electrical Specifications table) Blank = Standard SPECIAL 4 = Hot Solder Dip (70’s) 31= Hot Solder Dip (50’s) 65 = Hot Solder Dip (55’s) 65 = Hot Solder Dip (65’s) 201= Hot Solder Dip (60’s) CHARACTERISTICS FAILURE RATE PACKAGING K = ± 100 ppm H = ± 50 ppm TOLERANCE |
Similar Part No. - RNRJ2152DMR64 |
|
Similar Description - RNRJ2152DMR64 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |