Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL210412681E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MAL210412681E3
Description  Aluminum Capacitors Power High Ripple Current Long Life Screw Terminals
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL210412681E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  MAL210412681E3 Datasheet HTML 1Page - Vishay Siliconix MAL210412681E3 Datasheet HTML 2Page - Vishay Siliconix MAL210412681E3 Datasheet HTML 3Page - Vishay Siliconix MAL210412681E3 Datasheet HTML 4Page - Vishay Siliconix MAL210412681E3 Datasheet HTML 5Page - Vishay Siliconix MAL210412681E3 Datasheet HTML 6Page - Vishay Siliconix MAL210412681E3 Datasheet HTML 7Page - Vishay Siliconix MAL210412681E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 28389
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 31-Oct-08
185
104 PHL-ST
Aluminum Capacitors
Power High Ripple Current
Long Life Screw Terminals
Vishay BCcomponents
Table 1
Note
1. Unless otherwise specified, all electrical values in table 2 apply
at Tamb = 20 °C, P = 86 to 106 kPa, RH = 45 to 75 %.
ORDERING EXAMPLE
Electrolytic capacitor 104 PHL-ST series
4700 µF/250 V; ± 20 %
Nominal case size: Ø 65 x 105 mm; ST version
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
DESIGN
DRAWING L ± 1
Lt ± 1 D ± 1 P ± 0.3 T ± 0.2 H ± 0.3 B ± 0.3 d1 ± 0.1
MS - 0
Mb
lb ± 0.1
MASS
(g)
PACKING
QTY
35 x 60
2A
63.3
68.7
35.3
12.8
7.0
4.6
11.0
7.9
M5
9.5
M8
12.0
75
50
35 x 80
2A
81.3
86.7
35.3
12.8
7.0
4.6
11.0
7.9
M5
9.5
M8
12.0
95
50
35 x 105
2A
103.3 108.7
35.3
12.8
7.0
4.6
11.0
7.9
M5
9.5
M8
12.0
130
50
50 x 80
2A
82.8
88.8
51.0
22.2
7.1
4.8
11.0
7.9
M5
9.5
M12
16.0
200
25
50 x 105
2A
104.8 110.8
51.0
22.2
7.1
4.8
11.0
7.9
M5
9.5
M12
16.0
300
25
65 x 105
2A
104.8 110.7
65.0
28.5
7.0
4.6
11.9
7.9
M5
9.5
M12
16.0
480
16
65 x 105 HC
2B
104.8 109.2
65.0
28.5
5.5
3.5
18.0
13.0
M6
8.5
M12
16.0
480
16
76 x 105
2A
105.8 111.7
76.4
31.8
7.0
4.6
11.7
7.9
M5
9.5
M12
16.0
700
12
76 x 105 HC
2B
105.8 110.2
76.4
31.8
5.5
3.5
18.3
13.0
M6
8.5
M12
16.0
700
12
76 x 114
2A
115.8 121.7
76.4
31.8
7.0
4.6
11.7
7.9
M5
9.5
M12
16.0
800
12
76 x 114 HC
2B
115.8 120.2
76.4
31.8
5.5
3.5
18.3
13.0
M6
8.5
M12
16.0
800
12
76 x 146
2A
145.8 151.7
76.4
31.8
7.0
4.6
11.7
7.9
M5
9.5
M12
16.0
1000
12
76 x 146 HC
2B
145.8 150.2
76.4
31.8
5.5
3.5
18.3
13.0
M6
8.5
M12
16.0
1000
12
76 x 220
2A
219.8 225.7
76.4
31.8
7.0
4.6
11.7
7.9
M5
9.5
M12
16.0
1500
10
76 x 220 HC
2B
219.8 224.2
76.4
31.8
5.5
3.5
18.3
13.0
M6
8.5
M12
16.0
1500
10
90 x 146 HC
2B
150.1 155.4
89.4
31.8
7.9
0.0
13.0
13.0
M6
10.0 M12
16.0
1300
10
90 x 220 HC
2B
218.1 223.4
89.4
31.8
7.9
0.0
13.0
13.0
M6
10.0 M12
16.0
2000
10
Notes
• For bolt version holds:
1. L = L standard - 0.5 mm
2. Lt = Lt standard - 0.5 mm
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
rated capacitance at 100 Hz, tolerance ± 20 %
IR
rated RMS ripple current at 100 Hz, 105 °C
IL5
max. leakage current after 5 minutes at UR
ESR
max. equivalent series resistance at 100 Hz
Z
impedance at 20 kHz
Ordering code: MAL2 104 13472 E3
Former 12NC:
2222 104 13472


Similar Part No. - MAL210412681E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL210116104E3 VISHAY-MAL210116104E3 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
MAL210116153E3 VISHAY-MAL210116153E3 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
MAL210116154E3 VISHAY-MAL210116154E3 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
MAL210116223E3 VISHAY-MAL210116223E3 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
MAL210116224E3 VISHAY-MAL210116224E3 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
More results

Similar Description - MAL210412681E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
104PHL-ST VISHAY-104PHL-ST_11 Datasheet
117Kb / 8P
   Aluminum Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 03-Mar-11
104-PHL-ST VISHAY-104-PHL-ST Datasheet
123Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 17-Oct-16
104PHL-ST VISHAY-104PHL-ST_V01 Datasheet
106Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
01-Jan-2023
104PHL-ST VISHAY-104PHL-ST_17 Datasheet
127Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 06-Sep-17
102PHR-ST VISHAY-102PHR-ST_08 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
101PHR-ST VISHAY-101PHR-ST Datasheet
358Kb / 10P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 22-Dec-05
101PHR-ST VISHAY-101PHR-ST_12 Datasheet
125Kb / 11P
   Aluminum Capacitors, Power High Ripple Current, Screw Terminals
Revision: 09-Mar-12
101PHR-ST VISHAY-101PHR-ST_17 Datasheet
141Kb / 12P
   Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
Revision: 06-Sep-17
101PHRST VISHAY-101PHRST Datasheet
134Kb / 12P
   Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
101102PHR-ST VISHAY-101102PHR-ST Datasheet
145Kb / 12P
   Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com