Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENA1026 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # ENA1026
Description  N-Channel Silicon MOSFET General-Purpose Switching Device Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA1026 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  ENA1026 Datasheet HTML 1Page - Sanyo Semicon Device ENA1026 Datasheet HTML 2Page - Sanyo Semicon Device ENA1026 Datasheet HTML 3Page - Sanyo Semicon Device ENA1026 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SCH2410
No. A1026-4/4
Note on usage : Since the SCH2410 is a MOSFET product, please avoid using this device in the vicinity
of highly charged objects.
This catalog provides information as of January, 2008. Specifications and information herein are subject
to change without notice.
PS
VGS -- Qg
Total Gate Charge, Qg -- nC
Ambient Temperature, Ta --
°C
PD -- Ta
0
0.1
0.3
0.5
0.2
0.4
1.0
0.7
0.6
0.8
0.9
0
0.5
1.0
3.0
2.0
1.5
3.5
2.5
4.0
IT11281
VDS=30V
ID=200mA
IT13234
IT13235
0
0
20
40
60
80
100
120
0.1
0.2
0.4
0.3
0.5
0.6
0.7
140
160
2
3
5
7
2
3
5
7
2
2
7
5
3
0.1
1.0
0.01
0.001
1.0
23
5
7
0.1
23
5
7
10
10
27
5
3
Operation in this
area is limited by RDS(on).
1ms
10ms
100ms
PW
≤10μs
DC
operation
(T
a=25
°C)
IDP=800mA
ID=200mA
100
μs
When mounted on ceramic substrate
(900mm2
✕0.8mm) 1unit
Ta=25
°C
Single pulse
When mounted on ceramic substrate (900mm2
✕0.8mm) 1unit
A S O
Drain-to-Source Voltage, VDS -- V
SANYO Semiconductor Co.,Ltd. assumes no responsibility for equipment failures that result from using
products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor Co.,Ltd.
products described or contained herein.
SANYO Semiconductor Co.,Ltd. strives to supply high-quality high-reliability products, however, any and all
semiconductor products fail or malfunction with some probability. It is possible that these probabilistic failures or
malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise
to smoke or fire, or accidents that could cause damage to other property. When designing equipment, adopt
safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not
limited to protective circuits and error prevention circuits for safe design, redundant design, and structural
design.
Upon using the technical information or products described herein, neither warranty nor license shall be granted
with regard to intellectual property rights or any other rights of SANYO Semiconductor Co.,Ltd. or any third
party. SANYO Semiconductor Co.,Ltd. shall not be liable for any claim or suits with regard to a third party’s
intellectual property rights which has resulted from the use of the technical information and products mentioned
above.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed
for volume production.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the
SANYO Semiconductor Co.,Ltd. product that you intend to use.
In the event that any or all SANYO Semiconductor Co.,Ltd. products described or contained herein are
controlled under any of applicable local export control laws and regulations, such products may require the
export license from the authorities concerned in accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise,
without the prior written consent of SANYO Semiconductor Co.,Ltd.


Similar Part No. - ENA1026

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA1021 SANYO-ENA1021 Datasheet
275Kb / 14P
   CMOS IC Digital Echo IC with Microphone Amplifier Circuit
ENA1024 SANYO-ENA1024 Datasheet
103Kb / 13P
   CMOS IC 1-Cell Lithium-Ion Battery Protection IC
ENA1025 SANYO-ENA1025 Datasheet
103Kb / 13P
   CMOS IC 1-Cell Lithium-Ion Battery Protection IC
ENA1028A SANYO-ENA1028A Datasheet
189Kb / 27P
   CMOS IC 8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
logo
ON Semiconductor
ENA1028D ONSEMI-ENA1028D Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.4
More results

Similar Description - ENA1026

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH3421 SANYO-MCH3421 Datasheet
46Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6428 SANYO-MCH6428 Datasheet
53Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4085LS SANYO-2SK4085LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4086LS SANYO-2SK4086LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3460 SANYO-MCH3460 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
BFL4004 SANYO-BFL4004 Datasheet
320Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
BFL4026 SANYO-BFL4026 Datasheet
321Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3459 SANYO-MCH3459 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK2628FG SANYO-2SK2628FG Datasheet
326Kb / 6P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK3830 SANYO-2SK3830_04 Datasheet
42Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
3HN04SS SANYO-3HN04SS Datasheet
55Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com