Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF-0402S Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SF-0402S
Description  Slow Blow Surface Mount Fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SF-0402S Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SF-0402S Datasheet HTML 1Page - Bourns Electronic Solutions SF-0402S Datasheet HTML 2Page - Bourns Electronic Solutions SF-0402S Datasheet HTML 3Page - Bourns Electronic Solutions SF-0402S Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Single blow fuse for overcurrent
protection
1005 (EIA 0402) miniature footprint
Slow blow fuse
UL certified
RoHS compliant* and
halogen free
Thin film chip fuse
Surface mount packaging for automated
assembly
Electrical Characteristics
SF-0402S Series - Slow Blow Surface Mount Fuses
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
“SinglFuse” is a trademark of Bourns, Inc.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
Model
Rated Current
(Amps)
Fusing Time
Resistance
(m
Ω) Typ.*
Rated
Voltage
Breaking
Capacity
Typical
I2t (A2s)
SF-0402S050
0.50
Open within 5
sec. at 250 %
rated current
235
DC 24 V
DC24 V 35 A
0.00370
SF-0402S080
0.80
86
0.00947
SF-0402S100
1.00
64
0.01479
SF-0402S125
1.25
45
0.02310
SF-0402S150
1.50
35
0.02400
SF-0402S160
1.60
32
0.03734
SF-0402S200
2.00
24
0.04040
SF-0402S250
2.50
19
0.06760
SF-0402S300
3.00
15
0.09860
SF-0402S315
3.15
14
0.10868
SF-0402S400
4.00
10.5
0.11450
*Resistance value was measured with less than 10 % of rated current.
Reliability Testing
Parameter
Requirement
Test Method
Carrying Capacity..................................... No fusing....................................................Rated current, 4 hours
Fusing Time .............................................. Within 1 minute ..........................................200 % of its rated current
Interrupting Ability .................................... No mechanical damages ...........................After the fuse is interrupted, rated voltage applied for
30 seconds again
Bending Test............................................. No mechanical damages ...........................Distance between holding points: 90 mm,
Bending: 3 mm,1time, 30 seconds
Resistance to Solder Heat........................ ±20 % ........................................................260 °C ±5 °C,10 seconds ±1 second
Solderability.............................................. 95 % coverage minimum...........................235 °C ±5 °C, 2 ±0.5 second
245 °C ±5 °C, 2 ±0.5 second (lead free)
Temperature Rise ..................................... <75 ° ..........................................................100 % of its rated current, measure of surface
temperature
Resistance to Dry Heat............................. ±20 % ........................................................105 °C ±5 °C,1000 hours
Resistance to Solvent............................... No evident damage on protective .............23 °C ±5 °C of isopropyl alcohol, 90 seconds coating
and marking
Residual Resistance ................................. 10k W or more ...........................................Measure DC resistance after fusing
Thermal Shock ......................................... DR < 10 % .................................................-20 °C / +25 °C /+125 °C /+25 °C, 10 cycles
Typical Part Marking
Represents total content. Layout may
vary.
How to Order
RATING CURRENT (A)
F = 0.50
K = 0.80
L = 1.00
M = 1.25
P = 1.50
N = 1.60
S = 2.00
T = 2.50
3 = 3.00
U = 3.15
W = 4.00
SF - 0402 S 050 - 2
SinglFuse™
Product Designator
SMD Footprint
1005 (EIA 0402) size
Fuse Blow Type
F = Fast acting
S = Slow blow
Rated Current
050-400 (500 mA - 4.00 A)
Packaging Type
- 2 = Tape & Reel (10,000 pcs./reel)
Asia-Pacific:
Tel: +886-2 2562-4117
Fax: +886-2 2562-4116
Europe:
Tel: +41-41 768 5555
Fax: +41-41 768 5510
The Americas:
Tel: +1-951 781-5500
Fax: +1-951 781-5700
www.bourns.com
SinglFuseSF-0402S Series Features


Similar Part No. - SF-0402S

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-0402S-M BOURNS-SF-0402S-M Datasheet
246Kb / 5P
   SF-0402S-M Series - Slow Blow Multilayer Surface Mount Fuses
REV. E 03/21
SF-0402S050 BOURNS-SF-0402S050 Datasheet
422Kb / 4P
   SF-0402S Series - Slow Blow Surface Mount Fuses
SF-0402S050-2 BOURNS-SF-0402S050-2 Datasheet
422Kb / 4P
   SF-0402S Series - Slow Blow Surface Mount Fuses
SF-0402S050M-2 BOURNS-SF-0402S050M-2 Datasheet
413Kb / 4P
   Slow Blow Multilayer Surface Mount Fuses
SF-0402S050M-2 BOURNS-SF-0402S050M-2 Datasheet
246Kb / 5P
   SF-0402S-M Series - Slow Blow Multilayer Surface Mount Fuses
REV. E 03/21
More results

Similar Description - SF-0402S

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-1206S050-2 BOURNS-SF-1206S050-2 Datasheet
353Kb / 4P
   Slow Blow Surface Mount Fuses
SF-0603S050 BOURNS-SF-0603S050 Datasheet
368Kb / 4P
   Slow Blow Surface Mount Fuses
SF-1206S BOURNS-SF-1206S Datasheet
415Kb / 4P
   Slow Blow Surface Mount Fuses
SF0603S BOURNS-SF0603S Datasheet
541Kb / 4P
   Slow Blow Surface Mount Fuses
SF-0603S BOURNS-SF-0603S Datasheet
364Kb / 4P
   Slow Blow Surface Mount Fuses
SF-1206SXXXM BOURNS-SF-1206SXXXM Datasheet
436Kb / 5P
   Slow Blow Multilayer Surface Mount Fuses
logo
List of Unclassifed Man...
F0603SB1000V032T ETC2-F0603SB1000V032T Datasheet
109Kb / 4P
   0603 Slow Blow Surface Mount Fuses
logo
Bourns Electronic Solut...
SF-0402SXXXM BOURNS-SF-0402SXXXM Datasheet
413Kb / 4P
   Slow Blow Multilayer Surface Mount Fuses
logo
List of Unclassifed Man...
F1206SB1000V063T ETC2-F1206SB1000V063T Datasheet
112Kb / 4P
   1206 Slow Blow Surface Mount Fuses
logo
Bourns Electronic Solut...
SF-0603SXXXM BOURNS-SF-0603SXXXM Datasheet
552Kb / 5P
   Slow Blow Multilayer Surface Mount Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com