Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

109D686X0025C0 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 109D686X0025C0
Description  Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors for Operation to 125 °C, Elastomer-Sealed
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

109D686X0025C0 Datasheet(HTML) 1 Page - Vishay Siliconix

  109D686X0025C0 Datasheet HTML 1Page - Vishay Siliconix 109D686X0025C0 Datasheet HTML 2Page - Vishay Siliconix 109D686X0025C0 Datasheet HTML 3Page - Vishay Siliconix 109D686X0025C0 Datasheet HTML 4Page - Vishay Siliconix 109D686X0025C0 Datasheet HTML 5Page - Vishay Siliconix 109D686X0025C0 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
109D
Vishay
Wet Tantalum Capacitors Sintered Anode TANTALEX®
Capacitors for Operation to + 125 °C, Elastomer-Sealed
www.vishay.com
For technical questions, contact: wettants@vishay.com
Document Number: 40023
12
Revision: 17-Mar-08
FEATURES
• Terminations:
standard
tin/lead
(SnPb),
100 % tin (RoHS compliant) available
• Vishay
Sprague
model
109D
tubular
elastomer-sealed, sintered anode TANTALEX®
capacitors fill the
basic
requirements
for
applications where a superior quality, reliable
design for industrial, automotive and telecommunications
application is desired.
Model 109D capacitors are the commercial equivalents of
Tansitor style WC, UWC, Mallory-NACC style TLS, TLH
and the Military Style CL64 and CL65, designed to meet
the performance requirements of Military Specification
MIL-DTL-3965.
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55 °C to + 85 °C.
(to + 125 °C with voltage derating.)
Capacitance Tolerance: At 120 Hz, + 25 °C. ± 20 %
standard. ± 10 %, ± 5 % available as special.
DC Leakage Current (DCL max.):
At + 25 °C, + 85 °C, + 125 °C: Leakage current shall not
exceed the values listed in the Standard Ratings Tables.
Life Test: Capacitors are capable of withstanding a
2000 h life test at a temperature of + 85 °C or + 125 °C at the
applicable DC working voltage.
Following the life test:
1. DCL shall not exceed the initial requirements or 1 µA,
whichever is greater.
2. The ESR shall meet the initial requirement.
3. Change in capacitance shall not exceed 10 % from the
initial measurement. For capacitors with voltage ratings of
15 WVDC and below, change in capacitance shall not
exceed + 10 %, - 25 % from the initial measurement.
Note
(1) Replaces previous W case.
* Pb containing terminations are not RoHS compliant, exemptions may apply
Available
Pb-free
RoHS*
COMPLIANT
ORDERING INFORMATION
109D
207
X0
006
C
0
E3
MODEL
CAPACITANCE
CAPACITANCE
TOLERANCE
DC VOLTAGE RATING
AT + 85
°C
CASE CODE
STYLE NUMBER
RoHS COMPLIANT
This is expressed
in picofarads. The
first two digits are
the significant
figures. The third
is the number of
zeros to follow
X0 = ± 20 %
X9 = ± 10 %
X5 = ± 5 %
Special Order
This is expressed in volts.
To complete the
three-digit block, zeros
precede the voltage
rating. A decimal point is
indicated by an “R”
(6R3 = 6.3 V)
See Ratings
and
Case Codes
Table
0 = No outer sleeve.
Standard
2 = Outer plastic film
insulation
E3 = 100 % tin termination
(RoHS compliant)
Blank = SnPb termination
(standard design)
Note
Packaging: The use of formed plastic trays for packaging these axial lead components is standard. Tape and reel is not recommended due to
the unit weight.
DIMENSIONS in inches [millimeters]
CASE
CODE
BARE TUBE
WITH PLASTIC-FILM
INSULATING SLEEVE
LEAD LENGTH
D
L
D Max.
L Max.
C
0.188 ± 0.016 [4.78 ± 0.41]
0.453 + 0.031 - 0.016 [11.51 + 0.79 - 0.41]
0.219 [5.56]
0.608 [15.45]
1.500 ± 0.250 [38.10 ± 6.35]
F
0.281 ± 0.016 [7.14 ± 0.41]
0.641 + 0.031 - 0.016 [16.28 + 0.79 - 0.41]
0.312 [7.92]
0.796 [20.22]
2.250 ± 0.250 [57.15 ± 6.35]
T
0.375 ± 0.016 [9.53 ± 0.41]
0.766 + 0.031 - 0.016 [19.46 + 0.79 - 0.41]
0.406 [10.31] 0.921 [23.40]
2.250 ± 0.250 [57.15 ± 6.35]
K (1)
0.375 ± 0.016 [9.53 ± 0.41]
1.062 + 0.031 - 0.016 [26.97 + 0.79 - 0.41]
0.406 [10.31] 1.217 [30.91]
2.250 ± 0.250 [57.15 ± 6.35]
-
+
0.025 [6.35] Dia. (No. 22 AWG)
Tinned Solderable Leads
D
0.250 [6.35]
Max.
L


Similar Part No. - 109D686X0025C0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
109D686X0006C0 VISHAY-109D686X0006C0 Datasheet
126Kb / 10P
   Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 28-Aug-17
109D686X0030F0 VISHAY-109D686X0030F0 Datasheet
126Kb / 10P
   Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 28-Aug-17
More results

Similar Description - 109D686X0025C0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
109D VISHAY-109D Datasheet
94Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors For Operation to 125 °C, Elastomer-Sealed
Revision: 19-Jun-07
109D VISHAY-109D_17 Datasheet
126Kb / 10P
   Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 28-Aug-17
109D VISHAY-109D_V01 Datasheet
107Kb / 10P
   Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
01-Jan-2022
285D VISHAY-285D_07 Datasheet
77Kb / 4P
   Tantalum-Cased-Tantalum Sintered Anode TANTALEX® Capacitors for Operation to 125 °C
Revision: 07-Nov-07
138D VISHAY-138D_08 Datasheet
122Kb / 8P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision: 17-Mar-08
200D VISHAY-200D_05 Datasheet
133Kb / 11P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
Revision: 14-Oct-05
200D VISHAY-200D_V01 Datasheet
162Kb / 15P
   Wet Tantalum Capacitors, Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
01-Jan-2022
138D VISHAY-138D Datasheet
253Kb / 7P
   Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision 15-Oct-03
200D VISHAY-200D Datasheet
576Kb / 9P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
Revision 25-Jun-04
738D VISHAY-738D Datasheet
137Kb / 5P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Revision 20-Oct-03
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com