Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF-0402S150 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SF-0402S150
Description  Slow Blow Surface Mount Fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SF-0402S150 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SF-0402S150 Datasheet HTML 1Page - Bourns Electronic Solutions SF-0402S150 Datasheet HTML 2Page - Bourns Electronic Solutions SF-0402S150 Datasheet HTML 3Page - Bourns Electronic Solutions SF-0402S150 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Portable memory
LCD monitors
Disk drives
PDAs
Digital cameras
DVDs
Cell phones
Rechargeable battery packs
Battery chargers
Set top boxes
Industrial controllers
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
SF-0402S Series - Slow Blow Surface Mount Fuses
Solder Reflow Recommendations
Peak: 250 +0/-5 °C
230 °C or higher
PRE-HEATING ZONE
SOLDERING ZONE
HEATING TIME
180 °C
250
200
150
100
50
150 °C
90 ± 30 Seconds
30 ± 10 Seconds
PEAK: 250 +0/-5 °C, 5 seconds
PRE-HEATING ZONE: 150 to 180 °C, 90 ± 30 seconds
SOLDERING ZONE: 230 °C or higher, 30 ± 10 seconds
Product Dimensions
Recommended Pad Layout
1.0 ± 0.1
(.039 ± .004)
0.2 ± 0.1
(.008 ± .004)
0.2 ± 0.1
(.008 ± .004)
0.52 ± 0.05
(.020 ± .002)
0.25 ± 0.1
(.010 ± .004)
0.25 ± 0.1
(.010 ± .004)
0.35 ± 0.05
(.014 ± .002)
DIMENSIONS:
MM
(INCHES)
Thermal Derating Curve
120
110
100
90
80
-20
0
20
40
AMBIENT TEMPERATURE (°C)
60
80
100
120
Construction & Material Content
OVERCOAT
Sn PLATING
CERAMIC SUBSTRATE
FUSE ELEMENT
Cu / Ni PLATING
0.558
(.022)
1.55
(.061)
0.381
(.015)
PACKAGING: 10,000 pcs./reel
SinglFuseSF-0402S Series Applications


Similar Part No. - SF-0402S150

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-0402S150 BOURNS-SF-0402S150 Datasheet
422Kb / 4P
   SF-0402S Series - Slow Blow Surface Mount Fuses
SF-0402S150M-2 BOURNS-SF-0402S150M-2 Datasheet
413Kb / 4P
   Slow Blow Multilayer Surface Mount Fuses
SF-0402S150M-2 BOURNS-SF-0402S150M-2 Datasheet
246Kb / 5P
   SF-0402S-M Series - Slow Blow Multilayer Surface Mount Fuses
REV. E 03/21
More results

Similar Description - SF-0402S150

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-1206S050-2 BOURNS-SF-1206S050-2 Datasheet
353Kb / 4P
   Slow Blow Surface Mount Fuses
SF-0603S050 BOURNS-SF-0603S050 Datasheet
368Kb / 4P
   Slow Blow Surface Mount Fuses
SF-1206S BOURNS-SF-1206S Datasheet
415Kb / 4P
   Slow Blow Surface Mount Fuses
SF0603S BOURNS-SF0603S Datasheet
541Kb / 4P
   Slow Blow Surface Mount Fuses
SF-0603S BOURNS-SF-0603S Datasheet
364Kb / 4P
   Slow Blow Surface Mount Fuses
SF-1206SXXXM BOURNS-SF-1206SXXXM Datasheet
436Kb / 5P
   Slow Blow Multilayer Surface Mount Fuses
logo
List of Unclassifed Man...
F0603SB1000V032T ETC2-F0603SB1000V032T Datasheet
109Kb / 4P
   0603 Slow Blow Surface Mount Fuses
logo
Bourns Electronic Solut...
SF-0402SXXXM BOURNS-SF-0402SXXXM Datasheet
413Kb / 4P
   Slow Blow Multilayer Surface Mount Fuses
logo
List of Unclassifed Man...
F1206SB1000V063T ETC2-F1206SB1000V063T Datasheet
112Kb / 4P
   1206 Slow Blow Surface Mount Fuses
logo
Bourns Electronic Solut...
SF-0603SXXXM BOURNS-SF-0603SXXXM Datasheet
552Kb / 5P
   Slow Blow Multilayer Surface Mount Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com