Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15C02SP Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 15C02SP
Description  Low-Frequency General-Purpose Amplifier Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

15C02SP Datasheet(HTML) 3 Page - Sanyo Semicon Device

  15C02SP Datasheet HTML 1Page - Sanyo Semicon Device 15C02SP Datasheet HTML 2Page - Sanyo Semicon Device 15C02SP Datasheet HTML 3Page - Sanyo Semicon Device 15C02SP Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
15C02SP
No.7356-3/4
0
0
100
Ambient Temperature, Ta --
°C
PC -- Ta
IT05048
200
400
300
500
40
20
100
120
60
80
140
160
0.1
0.1
Ron -- IB
IT06664
10
3
25
7
3
25
7
1.0
10
2
3
5
7
2
3
5
7
1.0
f=1MHz
OUT
IN
1k
1k
IB
Base Current, IB -- mA
fT -- IC
Cob -- VCB
VCE(sat) -- IC
Collector Current, IC -- mA
Collector Current, IC -- mA
Collector-to-Base Voltage, VCB -- V
VBE(sat) -- IC
Collector Current, IC -- mA
IT05041
1.0
1.0
10
2
2
3
5
73
2
3
5
7
10
1.0
23
5
7 10
23
5
7
23
5
7
100
1000
f=1MHz
IT05043
10
2
3
5
7
2
3
5
7
1000
100
Ta=75
°C
--25
°C
25
°C
1.0
23
5
7 10
23
5
7
23
5
7
100
1000
IT05044
3
2
5
7
3
1.0
Ta= --25°C
75°C
25°C
IC / IB=50
IC / IB=20
IT05040
1.0
23
5
7
23
5
7
23
5
7
10
100
1000
7
100
1000
2
3
5
7
VCE=2V


Similar Part No. - 15C02SP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
15C02S SANYO-15C02S Datasheet
28Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
15C02SS SANYO-15C02SS Datasheet
31Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
More results

Similar Description - 15C02SP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
EC3101C SANYO-EC3101C Datasheet
35Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
15C01SS SANYO-15C01SS_12 Datasheet
514Kb / 6P
   Low-Frequency General-Purpose Amplifier Applications
50C02CH SANYO-50C02CH Datasheet
56Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
logo
Unisonic Technologies
2SK303 UTC-2SK303_11 Datasheet
131Kb / 2P
   LOW-FREQUENCY GENERAL-PURPOSE AMPLIFIER APPLICATIONS
logo
Sanyo Semicon Device
12A02CH SANYO-12A02CH Datasheet
41Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
08C02SS SANYO-08C02SS Datasheet
30Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
12A01SS SANYO-12A01SS Datasheet
32Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
12A02MH SANYO-12A02MH Datasheet
32Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
50A02CH SANYO-50A02CH Datasheet
33Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
30A01SP SANYO-30A01SP Datasheet
31Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
12A02CH SANYO-12A02CH_12 Datasheet
520Kb / 6P
   Low-Frequency General-Purpose Amplifier Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com