Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

111RKI120PBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 111RKI120PBF
Description  Phase Control Thyristors (Stud Version), 110 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

111RKI120PBF Datasheet(HTML) 4 Page - Vishay Siliconix

  111RKI120PBF Datasheet HTML 1Page - Vishay Siliconix 111RKI120PBF Datasheet HTML 2Page - Vishay Siliconix 111RKI120PBF Datasheet HTML 3Page - Vishay Siliconix 111RKI120PBF Datasheet HTML 4Page - Vishay Siliconix 111RKI120PBF Datasheet HTML 5Page - Vishay Siliconix 111RKI120PBF Datasheet HTML 6Page - Vishay Siliconix 111RKI120PBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 94379
4
Revision: 11-Aug-08
110RKI...PbF/111RKI...PbF Series
Vishay High Power Products Phase Control Thyristors
(Stud Version), 110 A
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - On-State Power Loss Characteristics
Fig. 4 - On-State Power Loss Characteristics
80
90
110
120
130
100
140
Average On-State Current (A)
20
40
60
80
100
120
0
30°
60°
90°
120°
180°
111RKI Series
R
thJC (DC) = 0.27 K/W
Ø
Conduction angle
70
100
110
120
90
80
130
140
Average On-State Current (A)
40
20
60
80
160 180
100
120 140
0
DC
30°
60°
90°
120°
180°
111RKI Series
R
thJC (DC) = 0.27 K/W
Ø
Conduction period
0
20
40
60
80
100
120
140
160
Average On-State Current (A)
40
20
60
80
100
120
0
180°
120°
90°
60°
30°
RMS limit
111RKI Series
T
J = 140 °C
Ø
Conduction angle
0
20
40
60
80
100
120
140
160
Maximum Allowable
Ambient Temperature (°C)
40
20
60
80
100
140
120
0
1.5
K/W
4 K/W
5 K/W
0.6
K/W
0.8
K/W
1 K/W
2 K/W
0.6
K/W
0.8
K/W
1 K/W
1.5
K/W
2 K/W
4 K/W
5 K/W
Maximum Allowable
Ambient Temperature (°C)
40
20
60
80
100
120
140
0
20
40
60
80
100
120
140
180
200
220
0
160
DC
180°
120°
90°
60°
30°
RMS limit
111RKI Series
T
J = 140 °C
Ø
Conduction period
20
40
60
80
100
120
140
180
200
220
0
160
Average On-State Current (A)
40
20
60
80
100 120 140 160 180
0


Similar Part No. - 111RKI120PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
111RKI120 IRF-111RKI120 Datasheet
283Kb / 7P
   PHASE CONTROL THYRISTORS Stud Version
111RKI120 IRF-111RKI120 Datasheet
136Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
111RKI120 VISHAY-111RKI120 Datasheet
179Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 06-Jun-08
111RKI120 VISHAY-111RKI120 Datasheet
199Kb / 9P
   Phase Control Thyristors
Revision: 06-Jun-08
logo
International Rectifier
111RKI120S90 IRF-111RKI120S90 Datasheet
283Kb / 7P
   PHASE CONTROL THYRISTORS Stud Version
More results

Similar Description - 111RKI120PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
110RKI40 VISHAY-110RKI40 Datasheet
179Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 06-Jun-08
VS-110RKIPBF VISHAY-VS-110RKIPBF_V01 Datasheet
177Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
01-Jan-2022
ST110SPBF VISHAY-ST110SPBF_10 Datasheet
166Kb / 10P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 17-Aug-10
VS-110RKIPB VISHAY-VS-110RKIPB Datasheet
177Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
01-Jan-2022
ST110SPBF VISHAY-ST110SPBF Datasheet
136Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
110RKI40PBF VISHAY-110RKI40PBF_09 Datasheet
153Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 04-Nov-09
VS-110RKIPBF VISHAY-VS-110RKIPBF Datasheet
179Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 24-Jan-18
VS-ST110SPBF VISHAY-VS-ST110SPBF_V01 Datasheet
189Kb / 9P
   Phase Control Thyristors (Stud Version), 110 A
01-Jan-2022
ST300SPBF VISHAY-ST300SPBF_12 Datasheet
172Kb / 8P
   Phase Control Thyristors (Stud Version), 300 A
Revision: 11-Aug-08
VS-ST180SVPBF VISHAY-VS-ST180SVPBF Datasheet
193Kb / 8P
   Phase Control Thyristors (Stud Version), 200 A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com