Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSS802 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # FSS802
Description  N-Channel Silicon MOSFET General-Purpose Switching Device Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FSS802 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  FSS802 Datasheet HTML 1Page - Sanyo Semicon Device FSS802 Datasheet HTML 2Page - Sanyo Semicon Device FSS802 Datasheet HTML 3Page - Sanyo Semicon Device FSS802 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FSS802
No.8044-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Total Gate Charge
Qg
VDS=10V, VGS=10V, ID=12A
33
nC
Gate-to-Source Charge
Qgs
VDS=10V, VGS=10V, ID=12A
5
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=10V, VGS=10V, ID=12A
6
nC
Diode Forward Voltage
VSD
IS=12A, VGS=0
0.81
1.2
V
Package Dimensions
Switching Time Test Circuit
unit : mm
2116
1 : Source
2 : Source
3 : Source
4 : Gate
5 : Drain
6 : Drain
7 : Drain
8 : Drain
SANYO : SOP8
14
5
8
0.2
5.0
0.595
1.27
0.43
PW=10
µs
D.C.
≤1%
10V
0V
VIN
P.G
50
G
S
ID=12A
RL=1.25Ω
VDD=15V
VOUT
VIN
D
FSS802
10
8
6
4
2
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VGS=3.0V
0
12
14
18
16
10
8
6
4
2
0
0.5
1.0
1.5
2.0
2.5
3.5
3.0
VDS=10V
50
45
40
35
30
25
20
15
10
5
0
0
2
4
6
8
10
121416
IT04075
IT04076
IT04077
ID -- VDS
Drain-to-Source Voltage, VDS -- V
ID -- VGS
Gate-to-Source Voltage, VGS -- V
RDS(on) -- VGS
Gate-to-Source Voltage, VGS -- V
Ta=25
°C
12A
ID=6A
0
RDS(on) -- Ta
Ambient Temperature, Ta --
°C
30
25
20
15
10
5
IT04078
--60
--40
--20
0
20
40
60
80
100
120
140
160
VGS
=4.5V
, ID
=6A
V GS
=4.0V
, I D
=6A
VGS
=10.0V
, ID
=12A


Similar Part No. - FSS802

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FSS802 SANYO-FSS802 Datasheet
60Kb / 4P
   FSS802
More results

Similar Description - FSS802

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH3421 SANYO-MCH3421 Datasheet
46Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6428 SANYO-MCH6428 Datasheet
53Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4085LS SANYO-2SK4085LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4086LS SANYO-2SK4086LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3460 SANYO-MCH3460 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
BFL4004 SANYO-BFL4004 Datasheet
320Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
BFL4026 SANYO-BFL4026 Datasheet
321Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3459 SANYO-MCH3459 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK2628FG SANYO-2SK2628FG Datasheet
326Kb / 6P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK3830 SANYO-2SK3830_04 Datasheet
42Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
3HN04SS SANYO-3HN04SS Datasheet
55Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com