Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL210433103E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MAL210433103E3
Description  Aluminum Capacitors Power High Ripple Current Long Life Screw Terminals
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL210433103E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  MAL210433103E3 Datasheet HTML 1Page - Vishay Siliconix MAL210433103E3 Datasheet HTML 2Page - Vishay Siliconix MAL210433103E3 Datasheet HTML 3Page - Vishay Siliconix MAL210433103E3 Datasheet HTML 4Page - Vishay Siliconix MAL210433103E3 Datasheet HTML 5Page - Vishay Siliconix MAL210433103E3 Datasheet HTML 6Page - Vishay Siliconix MAL210433103E3 Datasheet HTML 7Page - Vishay Siliconix MAL210433103E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 28389
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 31-Oct-08
183
Aluminum Capacitors
Power High Ripple Current Long Life Screw Terminals
104 PHL-ST
Vishay BCcomponents
FEATURES
• Polarized aluminum electrolytic capacitors,
non-solid electrolyte
• Large types, cylindrical aluminum case,
insulated with a blue sleeve
• Also available in bolt version (104 PHL-STB)
• Pressure relief in the sealing
• Long useful life
APPLICATIONS
• Telecom and industrial, high temperature systems
• Smoothing and filtering
• Standard and switched mode power supplies
• Energy storage in pulse systems
MARKING
The capacitors are marked with the following information:
• Rated capacitance (in µF)
• Tolerance on rated capacitance, code letter in accordance
with IEC 60062 (± 20 %)
• Rated voltage (in V)
• Date code (YYMM)
• Name of manufacturer.
• Code for factory of origin
• '-' sign to identify the negative terminal, visible from the top
and side of the capacitor
• Code number
• Climatic category in accordance with IEC 60068
• “LL” for long life grade
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case size (Ø D x L in mm)
30 x 60 to 90 x 220
Rated capacitance range
(E6 series), CR
150 µF to
33 000 µF
Tolerance on CR
± 20 %
Rated voltage range, UR
200 V to 450 V
Category temperature range
- 40 °C to 105 °C
Endurance test at 105 °C
2000 hours
Useful life at 105 °C
5000 hours
Shelf life at 0 V, 105 °C
1000 hours
Based on sectional specification
IEC 60384-4/EN130300
Climatic category IEC 60068
40/105/56
ST
STB
Fig.1 Component outlines
102
PHR-ST
104
PHL-ST
85
°C
RoHS
COMPLIANT
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(µF)
UR (V)
200
250
350
400
450
150
-
-
-
-
35 x 60
220
-
-
-
35 x 60
35 x 80
330
-
-
35 x 60
35 x 80
35 x 105
470
-
-
35 x 80
35 x 80
50 x 80
680
35 x 60
35 x 60
35 x 105
50 x 80
50 x 105
35 x 60
35 x 80
50 x 80
50 x 105
50 x 105
1000
35 x 80
35 x 105
-
-
65 x 105
35 x 80
-
-
-
-
1500
35 x 80
35 x 105
50 x 105
50 x 105
65 x 105
35 x 105
50 x 80
-
65 x 105
76 x 105
2200
35 x 105
50 x 80
65 x 105
65 x 105
76 x 105
50 x 80
35 x 105
-
76 x 105
76 x 146


Similar Part No. - MAL210433103E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL210116104E3 VISHAY-MAL210116104E3 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
MAL210116153E3 VISHAY-MAL210116153E3 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
MAL210116154E3 VISHAY-MAL210116154E3 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
MAL210116223E3 VISHAY-MAL210116223E3 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
MAL210116224E3 VISHAY-MAL210116224E3 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
More results

Similar Description - MAL210433103E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
104PHL-ST VISHAY-104PHL-ST_11 Datasheet
117Kb / 8P
   Aluminum Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 03-Mar-11
104-PHL-ST VISHAY-104-PHL-ST Datasheet
123Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 17-Oct-16
104PHL-ST VISHAY-104PHL-ST_V01 Datasheet
106Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
01-Jan-2023
104PHL-ST VISHAY-104PHL-ST_17 Datasheet
127Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 06-Sep-17
102PHR-ST VISHAY-102PHR-ST_08 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
101PHR-ST VISHAY-101PHR-ST Datasheet
358Kb / 10P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 22-Dec-05
101PHR-ST VISHAY-101PHR-ST_12 Datasheet
125Kb / 11P
   Aluminum Capacitors, Power High Ripple Current, Screw Terminals
Revision: 09-Mar-12
101PHR-ST VISHAY-101PHR-ST_17 Datasheet
141Kb / 12P
   Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
Revision: 06-Sep-17
101PHRST VISHAY-101PHRST Datasheet
134Kb / 12P
   Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
101102PHR-ST VISHAY-101102PHR-ST Datasheet
145Kb / 12P
   Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com