Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL210473153E3 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # MAL210473153E3
Description  Aluminum Capacitors Power High Ripple Current Long Life Screw Terminals
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL210473153E3 Datasheet(HTML) 7 Page - Vishay Siliconix

  MAL210473153E3 Datasheet HTML 1Page - Vishay Siliconix MAL210473153E3 Datasheet HTML 2Page - Vishay Siliconix MAL210473153E3 Datasheet HTML 3Page - Vishay Siliconix MAL210473153E3 Datasheet HTML 4Page - Vishay Siliconix MAL210473153E3 Datasheet HTML 5Page - Vishay Siliconix MAL210473153E3 Datasheet HTML 6Page - Vishay Siliconix MAL210473153E3 Datasheet HTML 7Page - Vishay Siliconix MAL210473153E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Document Number: 28389
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 31-Oct-08
189
104 PHL-ST
Aluminum Capacitors
Power High Ripple Current
Long Life Screw Terminals
Vishay BCcomponents
Table 4
TEST PROCEDURES AND REQUIREMENTS
TEST
PROCEDURE
(quick reference)
REQUIREMENTS
NAME OF TEST
REFERENCE
Endurance
IEC 60384-4/
EN130300
subclause 4.13
Tamb =105 °C; UR applied;
2000 hours
ΔC/C: ± 10 %
ESR
≤ 1.3 x spec. limit
Z
≤ 2 x spec. limit
IL5 ≤ spec. limit
Useful life
CECC 30301
subclause 4.13
Tamb =105 °C; UR and IR applied;
5000 hours
ΔC/C: ± 30 %
ESR
≤ 3 x spec. limit
Z
≤ 3 x spec. limit
IL5 ≤ spec. limit
no short or open circuit,
no visible damage
total failure percentage
≤ 3 %
Shelf life
(storage at
high temperature)
IEC 60384-4/
EN130300
subclause 4.17
Tamb = 105 °C; no voltage applied;
1000 hours
after test: UR to be applied for 30 minutes,
24 to 48 hours before measurement
ΔC/C: ± 10 %
ESR
≤ 1.2 x spec. limit
IL5 ≤ 2 x spec. limit


Similar Part No. - MAL210473153E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL210116104E3 VISHAY-MAL210116104E3 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
MAL210116153E3 VISHAY-MAL210116153E3 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
MAL210116154E3 VISHAY-MAL210116154E3 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
MAL210116223E3 VISHAY-MAL210116223E3 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
MAL210116224E3 VISHAY-MAL210116224E3 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
More results

Similar Description - MAL210473153E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
104PHL-ST VISHAY-104PHL-ST_11 Datasheet
117Kb / 8P
   Aluminum Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 03-Mar-11
104-PHL-ST VISHAY-104-PHL-ST Datasheet
123Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 17-Oct-16
104PHL-ST VISHAY-104PHL-ST_V01 Datasheet
106Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
01-Jan-2023
104PHL-ST VISHAY-104PHL-ST_17 Datasheet
127Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 06-Sep-17
102PHR-ST VISHAY-102PHR-ST_08 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
101PHR-ST VISHAY-101PHR-ST Datasheet
358Kb / 10P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 22-Dec-05
101PHR-ST VISHAY-101PHR-ST_12 Datasheet
125Kb / 11P
   Aluminum Capacitors, Power High Ripple Current, Screw Terminals
Revision: 09-Mar-12
101PHR-ST VISHAY-101PHR-ST_17 Datasheet
141Kb / 12P
   Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
Revision: 06-Sep-17
101PHRST VISHAY-101PHRST Datasheet
134Kb / 12P
   Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
101102PHR-ST VISHAY-101102PHR-ST Datasheet
145Kb / 12P
   Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com