Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENA0851 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # ENA0851
Description  N-Channel Silicon MOSFET General-Purpose Switching Device Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA0851 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  ENA0851 Datasheet HTML 1Page - Sanyo Semicon Device ENA0851 Datasheet HTML 2Page - Sanyo Semicon Device ENA0851 Datasheet HTML 3Page - Sanyo Semicon Device ENA0851 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ECH8653
No. A0851-3/4
--60
--40
--20
0
20
40
80
120
60
100
140
160
0
10
20
30
40
VGS
=4V
, ID=4A
VGS
=8V, ID
=4A
Gate-to-Source Voltage, VGS -- V
RDS(on) -- VGS
Drain-to-Source Voltage, VDS -- V
ID -- VDS
Gate-to-Source Voltage, VGS -- V
ID -- VGS
Ambient Temperature, Ta --
°C
RDS(on) -- Ta
Drain Current, ID -- A
SW Time -- ID
Ciss, Coss, Crss -- VDS
Drain Current, ID -- A
yfs -- ID
Diode Forward Voltage, VSD -- V
IS -- VSD
Drain-to-Source Voltage, VDS -- V
5
2
2
100
7
5
3
3
1000
7
1.0
2
100
7
5
3
2
10
7
5
3
1000
7
5
3
2
0
IT12473
0
1.5
3.5
5.5
2.0
4.0
6.0
6.5
7.0
0.5
2.5
4.5
1.0
3.0
5.0
7.5
0
0
IT12471
IT12472
0.1
0.2
0.3
0.4
0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
0.2
0.4
0.6
0.8
1.0
1.2
1
4
7
2
5
8
3
6
9
10
26
48
10
0
10
20
30
40
60
50
70
80
VDS=10V
VGS=2.0V
2.5V
Ta=25
°C
ID=4A
IT12474
0.1
0.01
23
5 7
2
1.0
35 7
2
IT12477
IT12475
IT12476
048
12
16
26
10
14
18
20
0.01
0.1
7
5
3
2
2
1.0
7
5
3
2
IT12478
0.1
2
2
1.0
7
5
3
10
7
5
3
0.1
2
0.01
57
23
1.0
2
57
3
Ta=
--2
C
75
°C
25
°C
VDS=10V
VGS=0V
VDD=10V
VGS=8V
td(off)
td(on)
t r
tf
Ciss
Coss
Crss
f=1MHz
10
57
3
10
7
5
3
10
23
5 7


Similar Part No. - ENA0851

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA0851A SANYO-ENA0851A Datasheet
426Kb / 7P
   General-Purpose Switching Device Applications
More results

Similar Description - ENA0851

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH3421 SANYO-MCH3421 Datasheet
46Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6428 SANYO-MCH6428 Datasheet
53Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4085LS SANYO-2SK4085LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4086LS SANYO-2SK4086LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3460 SANYO-MCH3460 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
BFL4004 SANYO-BFL4004 Datasheet
320Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
BFL4026 SANYO-BFL4026 Datasheet
321Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3459 SANYO-MCH3459 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK2628FG SANYO-2SK2628FG Datasheet
326Kb / 6P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK3830 SANYO-2SK3830_04 Datasheet
42Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
3HN04SS SANYO-3HN04SS Datasheet
55Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com