Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFIZ34GPBF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # IRFIZ34GPBF
Description  Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRFIZ34GPBF Datasheet(HTML) 2 Page - Vishay Siliconix

  IRFIZ34GPBF Datasheet HTML 1Page - Vishay Siliconix IRFIZ34GPBF Datasheet HTML 2Page - Vishay Siliconix IRFIZ34GPBF Datasheet HTML 3Page - Vishay Siliconix IRFIZ34GPBF Datasheet HTML 4Page - Vishay Siliconix IRFIZ34GPBF Datasheet HTML 5Page - Vishay Siliconix IRFIZ34GPBF Datasheet HTML 6Page - Vishay Siliconix IRFIZ34GPBF Datasheet HTML 7Page - Vishay Siliconix IRFIZ34GPBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
Document Number: 91188
2
S-Pending-Rev. A, 24-Jun-08
IRFIZ34G, SiHFIZ34G
Vishay Siliconix
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. Pulse width
≤ 300 µs; duty cycle ≤ 2 %
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYP.
MAX.
UNIT
Maximum Junction-to-Ambient
RthJA
-65
°C/W
Maximum Junction-to-Case (Drain)
RthJC
-3.6
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
60
-
-
V
VDS Temperature Coefficient
ΔV
DS/TJ
Reference to 25 °C, ID = 1 mA
-
0.065
-
V/°C
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
2.0
-
4.0
V
Gate-Source Leakage
IGSS
VGS = ± 20 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 60 V, VGS = 0 V
-
-
25
µA
VDS = 48 V, VGS = 0 V, TJ = 150 °C
-
-
250
Drain-Source On-State Resistance
RDS(on)
VGS = 10 V
ID = 12 Ab
-
-
0.050
Ω
Forward Transconductance
gfs
VDS = 25 V, ID = 12 Ab
9.2
-
-
S
Dynamic
Input Capacitance
Ciss
VGS = 0 V,
VDS = 25 V,
f = 1.0 MHz, see fig. 5
-
1200
-
pF
Output Capacitance
Coss
-
600
-
Reverse Transfer Capacitance
Crss
-
100
-
Drain to Sink Capacitance
C
f = 1.0 MHz
-
12
-
Total Gate Charge
Qg
VGS = 10 V
ID = 30 A, VDS = 48 V
see fig. 6 and 13b
--
46
nC
Gate-Source Charge
Qgs
--
11
Gate-Drain Charge
Qgd
--
22
Turn-On Delay Time
td(on)
VDD = 30 V, ID = 30 A
RG = 12 Ω, RD= 1.0 Ω,
see fig. 10b
-13
-
ns
Rise Time
tr
-
100
-
Turn-Off Delay Time
td(off)
-29
-
Fall Time
tf
-52
-
Internal Drain Inductance
LD
Between lead,
6 mm (0.25") from
package and center of
die contact
-4.5
-
nH
Internal Source Inductance
LS
-7.5
-
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
MOSFET symbol
showing the
integral reverse
p - n junction diode
--
20
A
Pulsed Diode Forward Currenta
ISM
--
80
Body Diode Voltage
VSD
TJ = 25 °C, IS = 20 A, VGS = 0 Vb
--
1.6
V
Body Diode Reverse Recovery Time
trr
TJ = 25 °C, IF = 30 A, dI/dt = 100 A/µsb
-
120
230
ns
Body Diode Reverse Recovery Charge
Qrr
-
0.70
1.4
µC
Forward Turn-On Time
ton
Intrinsic turn-on time is negligible (turn-on is dominated by LS and LD)
D
S
G
S
D
G


Similar Part No. - IRFIZ34GPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFIZ34GPBF IRF-IRFIZ34GPBF Datasheet
1Mb / 8P
   HEXFET짰 Power MOSFET
logo
Vishay Siliconix
IRFIZ34GPBF VISHAY-IRFIZ34GPBF Datasheet
2Mb / 8P
   Power MOSFET
Rev. A, 19-Jan-09
More results

Similar Description - IRFIZ34GPBF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com