Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL211819151E3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MAL211819151E3
Description  Aluminum Capacitors Axial High Temperature
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL211819151E3 Datasheet(HTML) 5 Page - Vishay Siliconix

  MAL211819151E3 Datasheet HTML 1Page - Vishay Siliconix MAL211819151E3 Datasheet HTML 2Page - Vishay Siliconix MAL211819151E3 Datasheet HTML 3Page - Vishay Siliconix MAL211819151E3 Datasheet HTML 4Page - Vishay Siliconix MAL211819151E3 Datasheet HTML 5Page - Vishay Siliconix MAL211819151E3 Datasheet HTML 6Page - Vishay Siliconix MAL211819151E3 Datasheet HTML 7Page - Vishay Siliconix MAL211819151E3 Datasheet HTML 8Page - Vishay Siliconix MAL211819151E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28334
228
Revision: 30-May-08
118 AHT
Vishay BCcomponents
Aluminum Capacitors
Axial High Temperature
63
1.0
6.5 x 18
4
16.4
20
4.1
0.07
110
22
-
28108E3
38108E3
-
2.2
6.5 x 18
4
24.3
20
4.3
0.07
51
15
-
28228E3
38228E3
-
4.7
6.5 x 18
4
35.6
20
4.6
0.07
24
8.9
-
28478E3
38478E3
-
10
6.5 x 18
4
51.9
20
5.3
0.07
11
5.6
-
28109E3
38109E3
-
22
6.5 x 18
4
77.0
20
6.8
0.07
5.1
3.2
-
28229E3
38229E3
-
47
8 x 18
5
126
22
9.9
0.07
2.4
1.5
-
28479E3
38479E3
-
100
10 x 25
7
243
42
17
0.07
1.1
0.7
-
90513E3
90514E3
-
100
10 x 30
00
340
42
17
0.07
1.91
1.62
18101E3
28101E3
-
-
150
12.5 x 30
01
490
61
23
0.07
1.00
0.79
18151E3
28151E3
-
-
220
12.5 x 30
01
550
87
32
0.08
0.94
0.82
18221E3
28221E3
-
-
330
15 x 30
02
730
129
46
0.09
0.63
0.56
18331E3
28331E3
-
48331E3
470
18 x 30
03
970
182
63
0.09
0.44
0.39
18471E3
-
-
48471E3
680
18 x 38
04
1230
261
90
0.09
0.30
0.26
18681E3
-
-
48681E3
1000
21 x 38
05
1400
383
130
0.10
0.16
0.20
18102E3
-
-
48102E3
100
4.7
6.5 x 18
4
36
20
4.9
0.07
24
19
-
29478E3
39478E3
-
10
6.5 x 18
4
52
20
6.0
0.07
11
9.0
-
29109E3
39109E3
-
22
8 x 18
5
91
20
8.4
0.07
5.1
4.0
-
29229E3
39229E3
-
33
10 x 25
7
140
24
11
0.07
3.4
2.7
-
29339E3
39339E3
-
47
10 x 25
7
170
33
13
0.07
2.6
2.0
-
90535E3
90536E3
-
47
10 x 30
00
240
33
13
0.08
2.6
2.0
19479E3
29479E3
-
-
68
12.5 x 30
01
320
45
18
0.08
1.8
1.2
19689E3
29689E3
-
-
100
12.5 x 30
01
380
64
24
0.09
1.4
1.15
19101E3
29101E3
-
-
150
15 x 30
02
500
94
34
0.10
0.94
0.78
19151E3
29151E3
-
49151E3
220
18 x 30
03
690
136
48
0.10
0.66
0.55
19221E3
-
-
49221E3
330
18 x 38
04
890
202
70
0.10
0.45
0.37
19331E3
-
-
49331E3
470
21 x 38
05
1050
286
98
0.10
0.33
0.28
19471E3
-
-
49471E3
200
2.2
6.5 x 18
4
27
20
4.9
0.06
44
23
-
90537E3
90538E3
-
4.7
8 x 18
5
46
20
5.9
0.06
21
11
-
90539E3
90541E3
-
10
10 x 25
7
85
20
8.0
0.06
9.4
5.0
-
90542E3
90543E3
-
15
10 x 30
00
150
22
10
0.046
4.76
3.75
92159E3
90012E3
-
-
22
12.5 x 30
01
210
31
13
0.046
3.17
2.22
92229E3
90013E3
-
-
33
15 x 30
02
290
44
17
0.046
2.11
1.11
92339E3
90014E3
-
90002E3
47
18 x 30
03
390
61
23
0.046
1.48
0.60
92479E3
-
-
90003E3
68
18 x 38
04
500
86
31
0.046
1.02
0.42
92689E3
-
-
90004E3
100
21 x 38
05
610
124
44
0.046
0.96
0.39
92101E3
-
-
90005E3
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE
SIZE
Ø D x L
(mm)
CASE
CODE
IR
100 Hz
125 °C
(mA)
IL1
1MIN
(µA)
IL5
5MIN
(µA)
tan
δ
100 Hz
ESR
100 Hz
(
Ω)
Z
10
kHz
(
Ω)
ORDERING CODE MAL2118.......
IN BOX
FORM AA
TAPED ON
REEL
FORM BR
TAPED IN
BOX
FORM BA
MOUNTING
RING
FORM MR


Similar Part No. - MAL211819151E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL211630101E3 VISHAY-MAL211630101E3 Datasheet
104Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 14-Oct-08
MAL211630339E3 VISHAY-MAL211630339E3 Datasheet
104Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 14-Oct-08
MAL211631108E3 VISHAY-MAL211631108E3 Datasheet
104Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 14-Oct-08
MAL211631109E3 VISHAY-MAL211631109E3 Datasheet
104Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 14-Oct-08
MAL211631158E3 VISHAY-MAL211631158E3 Datasheet
104Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 14-Oct-08
More results

Similar Description - MAL211819151E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
118AHT VISHAY-118AHT_17 Datasheet
245Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature
Revision: 20-Apr-17
118AHT VISHAY-118AHT_V01 Datasheet
223Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature
01-Jan-2023
logo
List of Unclassifed Man...
SERIE118AHT ETC-SERIE118AHT Datasheet
1,008Kb / 19P
   Aluminum electrolytic capacitors Axial High Temperature
logo
Vishay Siliconix
119AHT-DIN VISHAY-119AHT-DIN Datasheet
140Kb / 11P
   Aluminum Capacitors Axial High Temperature, DIN-Based
Revision: 09-May-08
logo
Cornell Dubilier Electr...
AXLH CDE-AXLH Datasheet
90Kb / 5P
   High Temperature Axial Leaded Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
119AHTDIN VISHAY-119AHTDIN Datasheet
225Kb / 11P
   Aluminum Capacitors Axial High Temperature, DIN-Based
Revision: 26-Nov-12
logo
Vaishali Semiconductor
119AHT-DIN VAISH-119AHT-DIN Datasheet
141Kb / 11P
   Aluminum Capacitors Axial High Temperature, DIN-Based
logo
Vishay Siliconix
120ATC VISHAY-120ATC_12 Datasheet
204Kb / 7P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 13-Dec-12
120ATC VISHAY-120ATC Datasheet
266Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 28-Oct-05
120ATC VISHAY-120ATC_08 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com