Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VHD200T2KTCR2VVB Datasheet(PDF) 3 Page - Vaishali Semiconductor

Part # VHD200T2KTCR2VVB
Description  Bulk Metal짰 Foil Hermetically sealed, Small Package, Voltage Dividers with TCR Tracking of 0.1 ppm/째C and Tolerance Match down to 0.001 %
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

VHD200T2KTCR2VVB Datasheet(HTML) 3 Page - Vaishali Semiconductor

  VHD200T2KTCR2VVB Datasheet HTML 1Page - Vaishali Semiconductor VHD200T2KTCR2VVB Datasheet HTML 2Page - Vaishali Semiconductor VHD200T2KTCR2VVB Datasheet HTML 3Page - Vaishali Semiconductor VHD200T2KTCR2VVB Datasheet HTML 4Page - Vaishali Semiconductor VHD200T2KTCR2VVB Datasheet HTML 5Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 63036
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 13-Nov-07
3
VHD200, VHD144
Bulk Metal® Foil Hermetically sealed, Small Package,
Voltage Dividers with TCR Tracking of 0.1 ppm/°C
and Tolerance Match down to 0.001 %
Vishay Foil Resistors
Note
* For non-standard requests, please contact application engineering.
TABLE 2 - GLOBAL PART NUMBER INFORMATION
NEW GLOBAL PART NUMBER: Y0076V0058QT9L (preferred part number format)
DENOTES PRECISION
RESISTANCE VALUE CODE
TOLERANCE MATCH
AER*
YVCODE
S = 0.001 %
V = 0.005 %
T = 0.01 %
Q = 0.02 %
A = 0.05 %
B = 0.1 %
D = 0.5 %
F = 1.0 %
0 = standard
9 = lead (Pb)-free
1 - 999 = custom
PRODUCT CODE
ABSOLUTE
TOLERANCE
PACKAGING
0076 = VHD144
5076 = VHD200
S = ± 0.001 %
V = ± 0.005 %
T = ± 0.01 %
Q = ± 0.02 %
A = ± 0.05 %
B = ± 0.1 %
D = ± 0.5 %
F = ± 1.0 %
L = bulk pack
FOR EXAMPLE: ABOVE GLOBAL ORDER Y0076 V0058 Q T 9 L:
TYPE: VHD144
VALUE: 2K/20K
ABSOLUTE TOLERANCE: ± 0.02 %
TOLERANCE MATCH: 0.01 %
TERMINATION: lead (Pb)-free
PACKAGING: bulk pack
HISTORICAL PART NUMBER: VHD144T 2K/20K TCR2 Q T B (will continue to be used)
VHD144
T
2K/20K
TCR2
Q
T
B
MODEL
TERMINATION
OHMIC VALUE
TCR
ABSOLUTE
TOLERANCE
TOLERANCE
MATCH
PACKAGING
VHD144
VHD200
T = lead (Pb)-free
None = tin/lead alloy
R1 = 2.0 kΩ
R2 = 20.0 kΩ
Characteristic
V = ± 0.005 %
T = ± 0.01 %
Q = ± 0.02 %
A = ± 0.05 %
B = ± 0.1 %
D = ± 0.5 %
F = ± 1.0 %
S = 0.001 %
V = 0.005 %
T = 0.01 %
Q = 0.02 %
A = 0.05 %
B = 0.1 %
D = 0.5 %
F = 1.0 %
B = bulk pack
07
6
V
05
8
0
Y0
9L
Q
T


Similar Part No. - VHD200T2KTCR2VVB

ManufacturerPart #DatasheetDescription
logo
CUI INC
VHD2-DIP CUI-VHD2-DIP Datasheet
780Kb / 3P
   DC-DC Converter
VHD2-S12-S12-DIP CUI-VHD2-S12-S12-DIP Datasheet
780Kb / 3P
   DC-DC Converter
VHD2-S12-S15-DIP CUI-VHD2-S12-S15-DIP Datasheet
780Kb / 3P
   DC-DC Converter
VHD2-S12-S5-DIP CUI-VHD2-S12-S5-DIP Datasheet
780Kb / 3P
   DC-DC Converter
VHD2-S12-S9-DIP CUI-VHD2-S12-S9-DIP Datasheet
780Kb / 3P
   DC-DC Converter
More results

Similar Description - VHD200T2KTCR2VVB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VFCD1505 VISHAY-VFCD1505 Datasheet
109Kb / 4P
   Z-Foil Surface Mount Flip Chip Voltage Divider TCR Tracking of 0.1 ppm/째C,
Revision: 30-Oct-08
VHP202 VISHAY-VHP202 Datasheet
126Kb / 5P
   Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 14-Nov-07
DSM VISHAY-DSM Datasheet
121Kb / 5P
   High Precision Bulk Metal® Foil Surface Mount Voltage Divider, TCR Tracking of < 0.5 ppm/°C, Tolerance Match of 0.01 % and Stability of ± 0.005 % (50 ppm)
Revision: 05-Jun-07
E102 VISHAY-E102 Datasheet
106Kb / 3P
   High Precision Bulk Metal짰 Foil Extended Value Range Resistor, with TCR of 2 ppm/째C, Tolerance to 0.005 %, and Power Rated at 0.6 W
Revision: 27-Feb-08
300144 VISHAY-300144 Datasheet
110Kb / 2P
   Bulk Metal Foil Technology Small Package, Ultimate Tracking Voltage Dividers
Revision 19-Jul-02
300144 VISHAY-300144_07 Datasheet
122Kb / 5P
   High Precision Voltage Divider Resistors with TCR Tracking to 0.5 ppm/°C and Tolerance Match to 0.005 % (50 ppm)
Revision: 21-Nov-07
300190Z VISHAY-300190Z Datasheet
148Kb / 6P
   Ultra High Precision Z-Foil Voltage Divider and Network Resistor with TCR Tracking to 0.1 ppm/°C and Resistance Match to ± 0.005% (50 ppm)
Revision: 08-Aug-06
Y1748120R500S VISHAY-Y1748120R500S Datasheet
132Kb / 5P
   Hermetically Sealed Ultra High Precision Z-Foil Technology Resistors with TCR of ± 0.2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 17-Jun-08
VSR VISHAY-VSR Datasheet
105Kb / 4P
   Bulk Metal® Foil Technology Industrial Precision Resistors with TCR of ± 4 ppm/°C and Tolerance of ± 0.01 %
Revision: 16-Jul-07
VRM VISHAY-VRM Datasheet
109Kb / 3P
   Bulk Metal® Foil Technology Industrial Miniature Precision Resistor with TCR of ± 4 ppm/°C and Tolerance to ± 0.01 %
Revision: 12-Jul-07
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com