Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL211892339E3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MAL211892339E3
Description  Aluminum Capacitors Axial High Temperature
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL211892339E3 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button MAL211892339E3 Datasheet HTML 2Page - Vishay Siliconix MAL211892339E3 Datasheet HTML 3Page - Vishay Siliconix MAL211892339E3 Datasheet HTML 4Page - Vishay Siliconix MAL211892339E3 Datasheet HTML 5Page - Vishay Siliconix MAL211892339E3 Datasheet HTML 6Page - Vishay Siliconix MAL211892339E3 Datasheet HTML 7Page - Vishay Siliconix MAL211892339E3 Datasheet HTML 8Page - Vishay Siliconix MAL211892339E3 Datasheet HTML 9Page - Vishay Siliconix MAL211892339E3 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Document Number: 28334
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 30-May-08
229
118 AHT
Aluminum Capacitors
Axial High Temperature
Vishay BCcomponents
Table 2
Note
For applications at ambient temperatures of
≤ 85 °C, the rated voltage (U
R) may be raised to UR2.
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
AXIAL
MOUNTING RING
Voltage
Surge voltage
Us ≤ 1.15 x UR
Reverse voltage
Urev ≤ 1V
Current
Leakage current
After 1 minute at UR
IL1 ≤ 0.006 CR xUR + 4 µA or 20 µA
(whichever is greater)
After 5 minutes at UR
IL5 ≤ 0.002 CR xUR +4µA
Inductance
Equivalent series inductance (ESL)
Case
∅ D x L mm:
6.5 x 18
typ. 15 nH
-
8 x 18
typ. 35 nH
-
10 x 18
typ. 69 nH
-
10 x 25
typ. 38 nH
-
10 x 30
typ. 38 nH
-
12.5 x 30
typ. 46 nH
-
15 x 30
typ. 48 nH
typ. 39 nH
18 x 30
typ. 50 nH
typ. 39 nH
18 x 38
typ. 54 nH
typ. 39 nH
21 x 38
typ. 59 nH
typ. 39 nH
UPRATING VALUES AT REDUCED AMBIENT TEMPERATURE
SYMBOL
CONDITIONS
VALUES
UNIT
UR
Tamb > 85 to 125 °C
6.3
10
16
25
40
63
100
200
V
UR2
Tamb ≤ 85 °C
10
16
25
40
63
100
125
250
V
CAPACITANCE
Fig.5 Typical multiplier of capacitance as a function
of ambient temperature
Case Ø D x L = 6.5 x 18 to 10 x 25 mm
C
0 = capacitance at 20 °C, 100 Hz
T
amb (°C)
1
10
10
ESR
0
ESR
1
2
2
10
-1
- 50
0
50
100
Curve 1: 63 V
Curve 2: 6.3 V
1.2
1.1
1.0
0.9
0.8
0.7
0.6
C
C
0
Case Ø D x L = 10 x 30 to 21 x 38 mm
C
0 = capacitance at 20 °C, 100 Hz
- 60 - 40
- 20
0
20
40
60
80
100
120
140 160
T
amb (°C)
3
4
4
1
2
1
Curve 1: 100 V; 200 V
Curve 2: 40 V; 63 V
Curve 3: 16 V; 25 V
Curve 4: 6.3 V; 10 V
Fig.6 Typical multiplier of capacitance as a function of
ambient temperature


Similar Part No. - MAL211892339E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL211630101E3 VISHAY-MAL211630101E3 Datasheet
104Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 14-Oct-08
MAL211630339E3 VISHAY-MAL211630339E3 Datasheet
104Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 14-Oct-08
MAL211631108E3 VISHAY-MAL211631108E3 Datasheet
104Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 14-Oct-08
MAL211631109E3 VISHAY-MAL211631109E3 Datasheet
104Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 14-Oct-08
MAL211631158E3 VISHAY-MAL211631158E3 Datasheet
104Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 14-Oct-08
More results

Similar Description - MAL211892339E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
118AHT VISHAY-118AHT_17 Datasheet
245Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature
Revision: 20-Apr-17
118AHT VISHAY-118AHT_V01 Datasheet
223Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature
01-Jan-2023
logo
List of Unclassifed Man...
SERIE118AHT ETC-SERIE118AHT Datasheet
1,008Kb / 19P
   Aluminum electrolytic capacitors Axial High Temperature
logo
Vishay Siliconix
119AHT-DIN VISHAY-119AHT-DIN Datasheet
140Kb / 11P
   Aluminum Capacitors Axial High Temperature, DIN-Based
Revision: 09-May-08
logo
Cornell Dubilier Electr...
AXLH CDE-AXLH Datasheet
90Kb / 5P
   High Temperature Axial Leaded Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
119AHTDIN VISHAY-119AHTDIN Datasheet
225Kb / 11P
   Aluminum Capacitors Axial High Temperature, DIN-Based
Revision: 26-Nov-12
logo
Vaishali Semiconductor
119AHT-DIN VAISH-119AHT-DIN Datasheet
141Kb / 11P
   Aluminum Capacitors Axial High Temperature, DIN-Based
logo
Vishay Siliconix
120ATC VISHAY-120ATC_12 Datasheet
204Kb / 7P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 13-Dec-12
120ATC VISHAY-120ATC Datasheet
266Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 28-Oct-05
120ATC VISHAY-120ATC_08 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com