Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7346 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7346
Description  DIGITAL CONTROLLED SURROUND SOUND MATRIX
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7346 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7346 Datasheet HTML 3Page - STMicroelectronics TDA7346 Datasheet HTML 4Page - STMicroelectronics TDA7346 Datasheet HTML 5Page - STMicroelectronics TDA7346 Datasheet HTML 6Page - STMicroelectronics TDA7346 Datasheet HTML 7Page - STMicroelectronics TDA7346 Datasheet HTML 8Page - STMicroelectronics TDA7346 Datasheet HTML 9Page - STMicroelectronics TDA7346 Datasheet HTML 10Page - STMicroelectronics TDA7346 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
A
CHIP ADDRESS
0
DC (HEX)
1
DE (HEX)
SOFTWARE SPECIFICATION
Interface Protocol
The interface protocol comprises:
A start condition (s)
A chip address byte, containing the TDA7346
address (the 8th bit of the byte must be 0). The
TDA7346 must always acknowledge at the end
of each transmitted byte.
A sequence of data (N bytes + achnowledge).
A stop condition (P)
TDA7346 ADDRESS
MSB
first byte
LSB
MSB
LSB
MSB
LSB
S
1
10
1
1
1A
0
ACK
DATA
ACK
DATA
ACK P
Data Transferred (N-bytes + Acknowledge)
ACK = Acknowledge
S = Start
P = Stop
MAX CLOCK SPEED 100kbits/s
SOFTWARE SPECIFICATION
Chip address
1
MSB
1011
1
A
0
LSB
A = Logic level on pin ADDR
A = 1 if ADDR pin = open
A = 0 if ADDR pin = connected to ground
MSB
LSB
SUBADDRESS
0
0
A5
A4
A3
A2
A1
A0
INPUT ATTENUATION R
0
1
A5
A4
A3
A2
A1
A0
INPUT ATTENUATION L
1
M1
M0
SURROUND MODES
1
0
0
SIMULATED MODE
1
0
1
MUSIC MODE
1
1
0
MOVIE MODE
11111
111
OFF MODE
1
M1
M0
1
B3
B2
B1
B0
EFFECT CONTROL
1
M1
M0
0
0
0
C1
C0
PHASE SHIFTER 4 CONTROL
1
M1
M0
0
0
1
C1
C0
PHASE SHIFTER 3 CONTROL
1
M1
M0
0
1
0
D1
D0
PHASE SHIFTER 2 CONTROL
1
M1
M0
0
1
1
E1
E0
PHASE SHIFTER 1 CONTROL
Software Specification
TDA7346
7/14


Similar Part No. - TDA7346

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7340 STMICROELECTRONICS-TDA7340 Datasheet
115Kb / 16P
   AUDIO SIGNAL PROCESSOR
September 1999
TDA7340G STMICROELECTRONICS-TDA7340G Datasheet
205Kb / 27P
   AUDIO SIGNAL PROCESSOR
September 1999
TDA7340P STMICROELECTRONICS-TDA7340P Datasheet
115Kb / 16P
   AUDIO SIGNAL PROCESSOR
September 1999
TDA7342 STMICROELECTRONICS-TDA7342 Datasheet
97Kb / 14P
   DIGITALLY CONTROLLED AUDIO PROCESSOR
November 1999
TDA7342 STMICROELECTRONICS-TDA7342 Datasheet
221Kb / 20P
   Digitally controlled audio processor
More results

Similar Description - TDA7346

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7344 STMICROELECTRONICS-TDA7344 Datasheet
201Kb / 20P
   DIGITAL CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
logo
NEC
UPC1891A NEC-UPC1891A Datasheet
993Kb / 28P
   MATRIX SURROUND-SOUND PROCESSOR
logo
STMicroelectronics
TDA7429S STMICROELECTRONICS-TDA7429S Datasheet
160Kb / 20P
   DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
July 1999
TDA7429 STMICROELECTRONICS-TDA7429 Datasheet
243Kb / 22P
   DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
TDA7345 STMICROELECTRONICS-TDA7345 Datasheet
122Kb / 18P
   DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
November 1999
logo
NEC
UPC1892 NEC-UPC1892 Datasheet
299Kb / 42P
   MATRIX SURROUND SOUND PROCESSOR WITH SOUND PROCESSOR
logo
Mitsubishi Electric Sem...
M62498FP MITSUBISHI-M62498FP Datasheet
191Kb / 17P
   DIGITAL SOUND CONTROLLER WITH SURROUND
logo
STMicroelectronics
TDA7430 STMICROELECTRONICS-TDA7430 Datasheet
168Kb / 21P
   DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX AND VOICE CANCELLER
September 1999
TDA7430 STMICROELECTRONICS-TDA7430_04 Datasheet
231Kb / 23P
   DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX AND VOICE CANCELLER
logo
Mitsubishi Electric Sem...
M62498AFP MITSUBISHI-M62498AFP Datasheet
272Kb / 17P
   DIGITAL SOUND CONTROLLER WITH SURROUND
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com