Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL211660101E3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MAL211660101E3
Description  Aluminum Capacitors Radial Long Life
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL211660101E3 Datasheet(HTML) 4 Page - Vishay Siliconix

  MAL211660101E3 Datasheet HTML 1Page - Vishay Siliconix MAL211660101E3 Datasheet HTML 2Page - Vishay Siliconix MAL211660101E3 Datasheet HTML 3Page - Vishay Siliconix MAL211660101E3 Datasheet HTML 4Page - Vishay Siliconix MAL211660101E3 Datasheet HTML 5Page - Vishay Siliconix MAL211660101E3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
116 RLL
Vishay BCcomponents
Aluminum Capacitors
Radial Long Life
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28316
116
Revision: 14-Oct-08
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage
Us ≤ 1.3 UR
Reverse voltage
Urev ≤ 1V
Current
Leakage current
After 1 minutes at UR
IL1 ≤ 0.006 CR x UR +3µA
After 5 minutes at UR
IL5 ≤ 0.001 CR x UR +3µA
Inductance
Equivalent series inductance (ESL)
Case Ø D x L = 5 x 11 mm
typ. 13 nH
Case Ø D x L = 8.2 x 11 mm
typ. 16 nH
Resistance
Equivalent series resistance (ESR)
Calculated from tan
δ
max. and CR (see Table 2)
ESR = tan
δ/2 π f C
R
CAPACITANCE (C)
IMPEDANCE (Z)
0.6
0.7
0.8
0.9
1.0
1.1
C
0
C
1
2
3
4
1
2
3
4
- 60
- 40
- 20
0
20
40
60
80
100
120
T
amb (°C)
C
0 = Capacitance at 20 °C, 100 Hz
Fig.6 Typical multiplier of capacitance as a function
of ambient temperature
Curve 1: 6.3 V
Curve 2: 10 V, 16 V
Curve 3: 35 V, 40 V, 63 V, 100 V
Curve 4: 50 V
105
104
103
102
10
f (Hz)
0.7
0.8
0.9
1.0
C
0
C
2
1
3
4
6
5
7
7
1
C
0 = Capacitance at 20 °C, 100 Hz
Fig.7 Typical multiplier of capacitance as a function
of ambient frequency
Curve 1: 50 V (
≤ 2.2 µF)
Curve 2: 50 V (
> 2.2 µF)
Curve 3: 50 V (
≥ 15 µF)
Curve 4: 35 V, 40 V, 63 V, 100 V
Curve 5: 25 V
Curve 6: 16 V
Curve 7: 6.3 V, 10 V
T
amb (°C)
T
amb (°C)
f (Hz)
10
1
Z
( )
Ω
1
2
3
5
4
6
7
9
8
10
11
12
13
15
14
10
2
10
3
10
4
10
5
10
6
10
3
10
2
Case Ø D x L = 5 x 11 mm
Fig.8 Typical impedance as a function of frequency
Curve 1: 0.47 µF
Curve 2: 1.0 µF
Curve 3: 1.5 µF
Curve 4: 2.2 µF
Curve 5: 3.3 µF
Curve 6: 4.7 µF
Curve 7: 6.8 µF
Curve 8: 10 µF
Curve 9: 15 µF
Curve 10: 22 µF
T
amb (°C)
Case Ø D x L = 8.2 x 11 mm
Fig.9 Typical impedance as a function of frequency
1
10
-1
f (Hz)
Z
(
Ω)
2
1
3
4
6
5
7
8
10
9
11
12
13
10
2
10
3
10
4
10
5
106
10
3
10
2
10
Curve 1: 2.2 µF
Curve 2: 4.7 µF
Curve 3: 10 µF, 100 V
Curve 4: 10 µF, 50 V
Curve 5: 22 µF, 50 V
Curve 6: 33 µF
Curve 7: 47 µF
Curve 8: 68 µF
Curve 9: 100 µF


Similar Part No. - MAL211660101E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL211723109E3 VISHAY-MAL211723109E3 Datasheet
87Kb / 5P
   Aluminum Capacitors Axial, Smallest Diameter
Revision: 22-Apr-08
MAL211723229E3 VISHAY-MAL211723229E3 Datasheet
87Kb / 5P
   Aluminum Capacitors Axial, Smallest Diameter
Revision: 22-Apr-08
MAL211724688E3 VISHAY-MAL211724688E3 Datasheet
87Kb / 5P
   Aluminum Capacitors Axial, Smallest Diameter
Revision: 22-Apr-08
MAL211725109E3 VISHAY-MAL211725109E3 Datasheet
87Kb / 5P
   Aluminum Capacitors Axial, Smallest Diameter
Revision: 22-Apr-08
MAL211725478E3 VISHAY-MAL211725478E3 Datasheet
87Kb / 5P
   Aluminum Capacitors Axial, Smallest Diameter
Revision: 22-Apr-08
More results

Similar Description - MAL211660101E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
116RLL VISHAY-116RLL_13 Datasheet
107Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 26-Apr-13
116RLL VISHAY-116RLL Datasheet
204Kb / 5P
   Aluminum Capacitors Radial Long Life
Revision: 17-Jun-05
116RLL VISHAY-116RLL_V01 Datasheet
94Kb / 6P
   Aluminum Electrolytic Capacitors Radial Long Life
01-Jan-2023
046RSL VISHAY-046RSL Datasheet
111Kb / 7P
   Aluminum Capacitors Radial, Standard Long-Life
Revision: 19-Jun-08
048RML VISHAY-048RML Datasheet
111Kb / 8P
   Aluminum Capacitors Radial Miniature Long Life
Revision: 05-May-08
046RSL VISHAY-046RSL_13 Datasheet
107Kb / 7P
   Aluminum Capacitors Radial, Standard Long-Life
Revision: 12-Apr-13
048RML VISHAY-048RML_12 Datasheet
107Kb / 8P
   Aluminum Capacitors Radial Miniature Long Life
Revision: 05-Oct-12
151RLH VISHAY-151RLH_08 Datasheet
98Kb / 6P
   Aluminum Capacitors Radial Long-Life, High Voltage
Revision: 27-May-08
151RLH VISHAY-151RLH Datasheet
59Kb / 5P
   Aluminum Capacitors Radial Long-Life, High Voltage
Revision: 04-Nov-03
151RLH VISHAY-151RLH_12 Datasheet
100Kb / 7P
   Aluminum Capacitors Radial Long-Life, High Voltage
Revision: 31-Jul-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com