Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

134D227X9100C8E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 134D227X9100C8E3
Description  Wet Tantalum HI TMP® Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 200 °C Operation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

134D227X9100C8E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  134D227X9100C8E3 Datasheet HTML 1Page - Vishay Siliconix 134D227X9100C8E3 Datasheet HTML 2Page - Vishay Siliconix 134D227X9100C8E3 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document Number: 40072
For technical questions, contact: wettants@vishay.com
www.vishay.com
Revision: 25-Aug-08
87
134D
Vishay Sprague
Wet Tantalum HI TMP® Capacitors
Tantalum-Case with Glass-to-Tantalum Hermetic Seal
for - 55 °C to + 200 °C Operation
FEATURES
Vishay 134D HI TMP® represents a major
breakthrough in wet tantalum capacitor technology
for high temperature (+ 200 °C) applications such
as that seen in the petroleum exploration industry.
Its unique design provides for the highest
capacitance
per
unit
volume.
The
design
facilitates a doubling of capacitance when compared with
conventional wet tantalum products.
The 134D is housed in an all tantalum, hermetically sealed
case and is manufactured to withstand high stress and
hazardous environments.
• Terminations: standard tin/lead (SnPb)
• 100 % Tin (RoHS compliant) available
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55 °C to + 85 °C (to + 200 °C with
voltage derating)
Capacitance Tolerance: At 120 Hz, + 25 °C; ± 20 %
standard; ± 10 %
DC Leakage Current (DCL Max.): At + 25 °C and above:
Leakage current shall not exceed the values listed in the
Standard Ratings Tables.
Life Test: Capacitors are capable of withstanding a 500 h life
test at a temperature of + 200 °C at the applicable derated
DC working voltage.
* Pb containing terminations are not RoHS compliant, exemptions may apply
Available
Pb-free
RoHS*
COMPLIANT
ORDERING INFORMATION
134D
227
X0
100
K
6
E3
TYPE
CAPACITANCE
CAPACITANCE
TOLERANCE
DC VOLTAGE RATING
AT + 85 °C
CASE
CODE
STYLE NUMBER
ROHS
COMPLIANT
This is expressed in
picofarads. The first
two digits are the
significant figures. The
third is the number of
zeros to follow.
X0 = ± 20 %
X9 = ± 10 %
This is expressed in volts. To
complete the three-digit
block, zeros precede the
voltage rating. A decimal
point is indicated by an “R”
(6R3 = 6.3 V).
See
Ratings
and Case
Codes
Table.
High
Temperature
8 = No outer
insulating sleeve
6 = High
temperature film
insulation
(above + 125 °C)
E3 = 100 % tin
termination
(RoHS compliant
design)
Blank = SnPb
termination
(standard design)
Note
Packaging: The use of formed plastic trays for packaging this type of axial lead component is standard. Tape and reel is not recommended
due to the unit weight.


Similar Part No. - 134D227X9100C8E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
134D227(1)050F(2)(3) VISHAY-134D227(1)050F(2)(3) Datasheet
94Kb / 4P
   Wet Tantalum HI-TMP Capacitors Tantalum Case
Revision: 21-Mar-13
134D227(1)100K(2)(3) VISHAY-134D227(1)100K(2)(3) Datasheet
94Kb / 4P
   Wet Tantalum HI-TMP Capacitors Tantalum Case
Revision: 21-Mar-13
134D227(1)100T(2)(3) VISHAY-134D227(1)100T(2)(3) Datasheet
94Kb / 4P
   Wet Tantalum HI-TMP Capacitors Tantalum Case
Revision: 21-Mar-13
More results

Similar Description - 134D227X9100C8E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
135D306X0006C2E3 VISHAY-135D306X0006C2E3 Datasheet
108Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal For - 55 °C to 200 °C Operation
Revision: 26-Sep-06
HE3A VISHAY-HE3A Datasheet
133Kb / 4P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 125 °C Operation
Revision: 30-Jun-08
135D306X0006C2 VISHAY-135D306X0006C2 Datasheet
78Kb / 5P
   Tantalum-Case with Glass-to-Tantalum Hermetic Seal For-55°C to 200°C Operation
Revision 15-Jan-01
135D VISHAY-135D Datasheet
100Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 째C to 200 째C Operation
Revision: 10-Oct-08
DLA10011 VISHAY-DLA10011 Datasheet
89Kb / 5P
   Wet Tantalum Capacitors, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
134D687X9050K6 VISHAY-134D687X9050K6 Datasheet
94Kb / 4P
   Wet Tantalum HI-TMP Capacitors Tantalum Case
Revision: 21-Mar-13
T22 VISHAY-T22 Datasheet
158Kb / 10P
   Wet Tantalum SMD Capacitors, Tantalum Metal Case With Glass-to-Tantalum Hermetic Seal
Revision: 13-May-2020
T18D108M075EZSS VISHAY-T18D108M075EZSS Datasheet
78Kb / 4P
   Wet Tantalum Capacitors, Ultra High Capacitance, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
Revision: 11-Jan-16
136D VISHAY-136D Datasheet
109Kb / 7P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum
735D VISHAY-735D_08 Datasheet
112Kb / 10P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision: 29-Jun-07
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com