Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30CTT100 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 30CTT100
Description  High Performance Schottky Generation 5.0, 2 x 15 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

30CTT100 Datasheet(HTML) 3 Page - Vishay Siliconix

  30CTT100 Datasheet HTML 1Page - Vishay Siliconix 30CTT100 Datasheet HTML 2Page - Vishay Siliconix 30CTT100 Datasheet HTML 3Page - Vishay Siliconix 30CTT100 Datasheet HTML 4Page - Vishay Siliconix 30CTT100 Datasheet HTML 5Page - Vishay Siliconix 30CTT100 Datasheet HTML 6Page - Vishay Siliconix 30CTT100 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 94558
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 07-Oct-08
3
30CTT100
High Performance
Schottky Generation 5.0,
2 x 15 A
Vishay High Power Products
Fig. 1 - Maximum Forward Voltage Drop Characteristics
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
Forward Voltage Drop-V
FM (V)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1
10
100
Tj = 25°C
Tj = 125°C
Tj = 175°C
Reverse Voltage-V
R (V)
020
40
60
80
100
120
0.0001
0.001
0.01
0.1
1
10
100
75°C
100°C
50°C
125°C
150°C
175°C
25°C
Reverse Voltage-V
R (V)
0
20
40
60
80
100
120
100
1000
t1,RectangularPulseDuration(Seconds)
1E-05
1E-04
1E-03
1E-02
1E-01
1E+00
0.001
0.01
0.1
1
10
Single Pulse
(Thermal Resistance)
D = 0.2
D = 0.25
D = 0.33
D = 0.5
D = 0.75


Similar Part No. - 30CTT100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30CTT100 VISHAY-30CTT100 Datasheet
149Kb / 8P
   High Performance Schottky Generation 5.0, 2 x 15 A
Revision: 07-Oct-08
30CTT100 VISHAY-30CTT100 Datasheet
85Kb / 6P
   High Performance Schottky Generation 5.0, 30 A
2014
30CTT100 VISHAY-30CTT100_12 Datasheet
149Kb / 8P
   High Performance Schottky Generation 5.0, 2 x 15 A
Revision: 07-Oct-08
30CTT100 VISHAY-30CTT100_15 Datasheet
82Kb / 7P
   Schottky Generation 5.0
Revision: 19-Feb-08
30CTT100 VISHAY-30CTT100_V01 Datasheet
85Kb / 6P
   High Performance Schottky Generation 5.0, 30 A
2014
More results

Similar Description - 30CTT100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30CTT050-F VISHAY-30CTT050-F Datasheet
151Kb / 8P
   High Performance Schottky Generation 5.0, 2 x 15 A
Revision: 01-Oct-09
30CPT100 VISHAY-30CPT100 Datasheet
116Kb / 7P
   High Performance Schottky Generation 5.0, 2 x 15 A
Revision: 07-Oct-08
30CTT045 VISHAY-30CTT045_12 Datasheet
149Kb / 8P
   High Performance Schottky Generation 5.0, 2 x 15 A
Revision: 07-Oct-08
30CTT045 VISHAY-30CTT045 Datasheet
115Kb / 7P
   High Performance Schottky Generation 5.0, 2 x 15 A
Revision: 07-Oct-08
30CPT100 VISHAY-30CPT100_12 Datasheet
147Kb / 8P
   High Performance Schottky Generation 5.0, 2 x 15 A
Revision: 07-Oct-08
30CTT100 VISHAY-30CTT100_12 Datasheet
149Kb / 8P
   High Performance Schottky Generation 5.0, 2 x 15 A
Revision: 07-Oct-08
15TT100 VISHAY-15TT100 Datasheet
146Kb / 8P
   High Performance Schottky Generation 5.0, 15 A
Revision: 04-Aug-08
60CPT045 VISHAY-60CPT045 Datasheet
115Kb / 7P
   High Performance Schottky Generation 5.0, 2 x 30 A
Revision: 07-Oct-08
MBR20T100CT VISHAY-MBR20T100CT Datasheet
116Kb / 7P
   High Performance Schottky Generation 5.0, 2 x 10 A
Revision: 15-Oct-08
6CUT10-E VISHAY-6CUT10-E_12 Datasheet
136Kb / 8P
   High Performance Schottky Generation 5.0, 2 x 3 A
Revision: 03-Nov-11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com