Electronic Components Datasheet Search |
|
MAL211890013E3 Datasheet(PDF) 1 Page - Vishay Siliconix |
|
MAL211890013E3 Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 11 page www.vishay.com For technical questions, contact: aluminumcaps1@vishay.com Document Number: 28334 224 Revision: 30-May-08 118 AHT Vishay BCcomponents Aluminum Capacitors Axial High Temperature FEATURES • Polarized aluminum electrolytic capacitors, non-solid electrolyte • Axial leads, cylindrical aluminum case, insulated with a blue sleeve • Mounting ring version not available in insulated form • Taped versions up to case Ø 15 x 30 mm available for automatic insertion. • Charge and discharge proof • Extra long useful life: up to 8000 hours at 125 °C, high reliability • Extended temperature range: 125 °C (usable up to 150 °C) • Miniaturized, high CV-product per unit volume • Lead (Pb)-free versions are RoHS compliant APPLICATIONS • Automotive, industrial and telecommunication • Smoothing, filtering, coupling, decoupling, timing • For use after very long storage (10 years) without voltage applied • Portable and mobile equipment (small size, low mass) • Low mounting height boards, vibration and shock resistant • Outdoor applications, e.g. aerial amplifiers MARKING The capacitors are marked (where possible) with the following information: • Rated capacitance (in µF) • Tolerance on rated capacitance, code letter in accordance with IEC 60062 (M for ± 20 %) • Rated voltage (in V) at 125 °C and 85 °C • Date code, in accordance with IEC 60062 • Code indicating factory of origin • Name of manufacturer • Band to indicate the negative terminal • ‘+’ sign to identify the positive terminal • Series number (118) QUICK REFERENCE DATA DESCRIPTION VALUE Nominal case sizes (Ø D x L in mm) 6.5 x 18 to 10 x 25 10 x 30 to 21 x 38 Rated capacitance range, CR 1 to 10 000 µF Tolerance on CR ± 20 % Rated voltage range, UR 6.3to200 V Category temperature range - 40 to + 125 °C - 55 to + 125 °C Endurance test at 150 °C (6.3 to 100 V) 500 hours 500 hours Endurance test at 125 °C 2000 hours 3000 hours Useful life at 125 °C 4000 hours 8000 hours Useful life at 40 °C, 1.8 × I R applied 500 000 hours 1 000 000 hours Shelf life at 0 V, 125 °C: UR = 6.3 to 63 V 500 hours UR = 100 and 200 V 100 hours Based on sectional specification IEC 60384-4/EN130300 Climatic category IEC 60068 40/125/56 55/125/56 118 AHT 125°C 138 AML high ripple, low impedance 105 °C 120 ATC 125 °C very high ripple 119 AHT-DIN Fig.1 Component outlines RoHS COMPLIANT |
Similar Part No. - MAL211890013E3 |
|
Similar Description - MAL211890013E3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |