Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

135D686X0006C2 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 135D686X0006C2
Description  Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 째C to 200 째C Operation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

135D686X0006C2 Datasheet(HTML) 1 Page - Vishay Siliconix

  135D686X0006C2 Datasheet HTML 1Page - Vishay Siliconix 135D686X0006C2 Datasheet HTML 2Page - Vishay Siliconix 135D686X0006C2 Datasheet HTML 3Page - Vishay Siliconix 135D686X0006C2 Datasheet HTML 4Page - Vishay Siliconix 135D686X0006C2 Datasheet HTML 5Page - Vishay Siliconix 135D686X0006C2 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum
Hermetic Seal for - 55 °C to + 200 °C Operation
135D
Vishay
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40024
42
Revision: 10-Oct-08
FEATURES
• Terminations:
standard
tin/lead
(SnPb),
100 % Tin (RoHS compliant) available
• Standard and extended ratings
• Model
135D
tantalum-case
electrolytic
capacitors incorporate the advantages of all the
varieties of electrolytic capacitors and eliminate most of the
disadvantages. These units have a 3 volt reverse voltage
capability at + 85 °C and a higher ripple current capability
than any other electrolytic type with similar combinations of
capacitance and case size.
• Designed for the aerospace applications, this capacitor
was developed under partial sponsorship of the Marshall
Space Flight Center, National Aeronautics and Space
Administration. The capacitors have a high resistance to
damage from shock and vibration. Extended range ratings
and high temperature designs areavailable.
• Model 135D capacitors are commercial equivalents of
Tansitor Style; AQ, AR, HAQ, HAR, Mallory-NACC Style;
TLT, TXT, THT, THX and Military Style CLR79 and CLR81,
designed to meet the performance requirements of Military
Specification MIL-PRF-39006/22/25. Capacitors to meet
MILPRF- 39006/22/25 should be ordered by part numbers
shown in that specification.
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55 °C to + 85 °C.
(To + 200 °C with voltage derating.)
Capacitance Tolerance: At 120 Hz, + 25 °C. ± 20 %
standard. ± 10 %, ± 5 % available as special.
DC Leakage Current (DCL Max.): At + 25 °C and above:
Leakage current shall not exceed the values listed in the
Standard Ratings Tables.
Life Test: Capacitors are capable of withstanding a 2000 h
life test at a temperature of + 85 °C or + 125 °C at the
applicable rated DC working voltage.
Following life test:
1. DCL, measured at + 85 °C rated voltage, shall not be in
excess of the original requirement.
2. The equivalent series resistance shall not exceed 150 %
of the initial requirement.
3. Change in capacitance shall not exceed 10 % from the
initial measurement.
* Pb containing terminations are not RoHS compliant, exemptions may apply
Available
Pb-free
RoHS*
COMPLIANT
ORDERING INFORMATION
135D
306
X0
006
C
2
E3
MODEL
CAPACITANCE
CAPACITANCE
TOLERANCE
DC VOLTAGE RATING
AT + 85
°C
CASE CODE
STYLE NUMBER
RoHS COMPLIANT
This is expressed
in picofarads. The
first two digits are
the significant
figures. The third
is the number of
zeros to follow
X0 = ± 20 %
X9 = ± 10 %
X5 = ± 5 %
This is expressed in volts.
To complete the
three-digit block, zeros
precede the voltage
rating. A decimal point is
indicated by an “R”
(6R3 = 6.3 V)
See Ratings
and
Case Codes
Table
Standard
0 = No outer tube.
2 = Outer polyesterfilm
insulation.
High Temperature
8 = No outer tube.
6 = High temperature film
insulation (above + 125 °C)
E3 = 100 % tin
termination (RoHS
compliant design)
Blank = SnPb
termination
(standard design)
Note
Packaging: The use of formed plastic trays for packaging these axial lead components is standard. Tape and reel is not recommended due to
the unit weight.


Similar Part No. - 135D686X0006C2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
135D686X0006C2 VISHAY-135D686X0006C2 Datasheet
78Kb / 5P
   Tantalum-Case with Glass-to-Tantalum Hermetic Seal For-55°C to 200°C Operation
Revision 15-Jan-01
135D686X0006C2 VISHAY-135D686X0006C2 Datasheet
108Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal For - 55 °C to 200 °C Operation
Revision: 26-Sep-06
135D686X0006C2 VISHAY-135D686X0006C2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
135D686X0006C2 VISHAY-135D686X0006C2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
More results

Similar Description - 135D686X0006C2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
135D306X0006C2E3 VISHAY-135D306X0006C2E3 Datasheet
108Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal For - 55 °C to 200 °C Operation
Revision: 26-Sep-06
HE3A VISHAY-HE3A Datasheet
133Kb / 4P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 125 °C Operation
Revision: 30-Jun-08
DLA10011 VISHAY-DLA10011 Datasheet
89Kb / 5P
   Wet Tantalum Capacitors, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
134D VISHAY-134D Datasheet
95Kb / 3P
   Wet Tantalum HI TMP® Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 200 °C Operation
Revision: 25-Aug-08
135D306X0006C2 VISHAY-135D306X0006C2 Datasheet
78Kb / 5P
   Tantalum-Case with Glass-to-Tantalum Hermetic Seal For-55°C to 200°C Operation
Revision 15-Jan-01
T22 VISHAY-T22 Datasheet
158Kb / 10P
   Wet Tantalum SMD Capacitors, Tantalum Metal Case With Glass-to-Tantalum Hermetic Seal
Revision: 13-May-2020
T18D108M075EZSS VISHAY-T18D108M075EZSS Datasheet
78Kb / 4P
   Wet Tantalum Capacitors, Ultra High Capacitance, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
Revision: 11-Jan-16
136D VISHAY-136D Datasheet
109Kb / 7P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum
735D VISHAY-735D_08 Datasheet
112Kb / 10P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision: 29-Jun-07
735D VISHAY-735D Datasheet
136Kb / 9P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision 17-Oct-03
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com