Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30D337M010CC2A Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 30D337M010CC2A
Description  Aluminum Capacitors 105 °C, Miniature, Axial Lead, General Purpose
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

30D337M010CC2A Datasheet(HTML) 3 Page - Vishay Siliconix

  30D337M010CC2A Datasheet HTML 1Page - Vishay Siliconix 30D337M010CC2A Datasheet HTML 2Page - Vishay Siliconix 30D337M010CC2A Datasheet HTML 3Page - Vishay Siliconix 30D337M010CC2A Datasheet HTML 4Page - Vishay Siliconix 30D337M010CC2A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 42041
For technical questions, contact: aluminumcaps4@vishay.com
www.vishay.com
Revision: 22-Jul-08
487
30D
Aluminum Capacitors
+ 105 °C, Miniature, Axial Lead, General Purpose
Vishay Sprague
25 WVDC at + 105 °C, SURGE = 35 V
22.0
30D226M025BA2A
0.248 x 0.512 [6.3 x 13.0]
13.270
0.067
47.0
30D476M025BB2A
0.248 x 0.689 [6.3 x 17.5]
6.128
0.112
100.0
30D107M025CC2A
0.315 x 0.807 [8.0 x 20.5]
2.914
0.197
220.0
30D227M025DC2A
0.374 x 0.807 [9.5 x 20.5]
1.327
0.326
330.0
30D337M025DD2A
0.374 x 0.945 [9.5 x 24.0]
0.885
0.423
470.0
30D477M025DF2A
0.374 x 1.260 [9.5 x 32.0]
0.612
0.575
1200.0
30D128M025EH2A
0.433 x 1.496 [11.0 x 38.0]
0.239
1.090
3300.0
30D338M025LS2A
0.709 x 1.575 [18.0 x 40.0]
0.108
2.190
35 WVDC at + 105 °C, SURGE = 45 V
33.0
30D336M035BB2A
0.248 x 0.689 [6.3 x 17.5]
8.330
0.096
100.0
30D107M035DC2A
0.374 x 0.807 [9.5 x 20.5]
2.740
0.212
220.0
30D227M035DD2A
0.374 x 0.945 [9.5 x 24.0]
1.250
0.356
330.0
30D337M035DF2A
0.374 x 1.260 [9.5 x 32.0]
0.830
0.495
1000.0
30D108M035EH2A
0.433 x 1.496 [11.0 x 38.0]
0.274
1.020
2200.0
30D228M035GK2A
0.630 x 1.752 [16.0 x 44.5]
0.125
1.980
40 WVDC at + 105 °C, SURGE = 50 V
15.0
30D156M040BA2A
0.248 x 0.512 [6.3 x 13.0]
17.600
0.058
22.0
30D226M040BB2A
0.248 x 0.689 [6.3 x 17.5]
11.700
0.081
47.0
30D476M040CB2A
0.315 x 0.689 [8.0 x 17.5]
5.435
0.134
100.0
30D107M040DC2A
0.374 x 0.807 [9.5 x 20.5]
2.585
0.234
470.0
30D477M040DH2A
0.374 x 1.496 [9.5 x 38.0]
0.543
0.663
1000.0
30D108M040FK2A
0.492 x 1.752 [12.5 x 44.5]
0.258
1.210
2200.0
30D228M040LS2A
0.709 x 1.575 [18.0 x 40.0]
0.125
2.040
50 WVDC at + 105 °C, SURGE = 65 V
10.0
30D106M050BA2A
0.248 x 0.512 [6.3 x 13.0]
25.85
0.048
22.0
30D226M050BB2A
0.248 x 0.689 [6.3 x 17.5]
11.700
0.081
33.0
30D336M050CB2A
0.315 x 0.689 [8.0 x 17.5]
7.850
0.112
100.0
30D107M050DC2A
0.374 x 0.807 [9.5 x 20.5]
2.585
0.233
220.0
30D227M050DF2A
0.374 x 1.260 [9.5 x 32.0]
1.177
0.417
330.0
30D337M050DH2A
0.374 x 1.496 [9.5 x 38.0]
0.785
0.551
1500.0
30D158M050GK2A
0.630 x 1.752 [16.0 x 44.5]
0.176
1.670
63 WVDC at + 105 °C, SURGE = 75 V
15.0
30D156M063BB2A
0.248 x 0.689 [6.3 x 17.5]
16.580
0.068
33.0
30D336M063CB2A
0.315 x 0.689 [8.0 x 17.5]
7.370
0.116
47.0
30D476M063CC2A
0.315 x 0.807 [8.0 x 20.5]
5.100
0.149
100.0
30D107M063DD2A
0.374 x 0.945 [9.5 x 24.0]
2.426
0.256
220.0
30D227M063EF2A
0.433 x 1.260 [11.0 x 32.0]
1.105
0.467
470.0
30D477M063EH2A
0.433 x 1.496 [11.0 x 38.0]
0.510
0.745
1000.0
30D108M063GK2A
0.630 x 1.752 [16.0 x 44.5]
0.242
1.420
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE
(µF)
PART NUMBER
NOMINAL CASE SIZE
D x L
[mm]
MAX. ESR
at + 25 °C
120 Hz
(
Ω)
MAX. RIPPLE
at + 85 °C
120 Hz
(A)


Similar Part No. - 30D337M010CC2A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30D305F100CB2 VISHAY-30D305F100CB2 Datasheet
76Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 28-Aug-12
30D305F100CB2 VISHAY-30D305F100CB2 Datasheet
77Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 06-Dec-13
30D305F150CB2 VISHAY-30D305F150CB2 Datasheet
76Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 28-Aug-12
30D305F150CB2 VISHAY-30D305F150CB2 Datasheet
77Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 06-Dec-13
30D305G050BA2 VISHAY-30D305G050BA2 Datasheet
76Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 28-Aug-12
More results

Similar Description - 30D337M010CC2A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30D VISHAY-30D_13 Datasheet
76Kb / 5P
   Aluminum Capacitors 105 °C, Miniature, Axial Lead, General Purpose
Revision: 16-Apr-13
517D VISHAY-517D_12 Datasheet
98Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
Revision: 13-Apr-12
517D VISHAY-517D Datasheet
103Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
Revision: 07-Nov-06
517D VISHAY-517D_V01 Datasheet
117Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
01-Jan-2022
601D VISHAY-601D_13 Datasheet
112Kb / 9P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
Revision: 26-Apr-13
601D VISHAY-601D_V01 Datasheet
115Kb / 9P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
19-Mar-18
601D VISHAY-601D Datasheet
43Kb / 2P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
Revision: 17-Nov-06
601D VISHAY-601D_08 Datasheet
148Kb / 3P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
Revision: 10-Jul-08
672D VISHAY-672D Datasheet
116Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 22-May-13
678D VISHAY-678D Datasheet
105Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 23-May-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com