Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL212027681E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MAL212027681E3
Description  Aluminum Capacitors Axial High Temperature, High Ripple Current
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL212027681E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  MAL212027681E3 Datasheet HTML 1Page - Vishay Siliconix MAL212027681E3 Datasheet HTML 2Page - Vishay Siliconix MAL212027681E3 Datasheet HTML 3Page - Vishay Siliconix MAL212027681E3 Datasheet HTML 4Page - Vishay Siliconix MAL212027681E3 Datasheet HTML 5Page - Vishay Siliconix MAL212027681E3 Datasheet HTML 6Page - Vishay Siliconix MAL212027681E3 Datasheet HTML 7Page - Vishay Siliconix MAL212027681E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28336
246
Revision: 21-Apr-08
120 ATC
Vishay BCcomponents
Aluminum Capacitors
Axial High Temperature, High Ripple Current
Table 1
Note
Lead diameter Ø d = 1.0 mm, available on request.
Detailed tape dimensions see section ‘PACKAGING’.
Table 2
AXIAL; DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL
CASE SIZE
Ø D x L
(mm)
AXIAL: FORM AA AND BR
MASS
(g)
PACKAGING QUANTITIES
Ø d ()
IØ Dmax.
Lmax.
Fmin.
FORM
AA
FORM
BR
10 x 30
0.8
55 ± 1
10.5
30.5
35
≈ 4.8
340
500
12.5 x 30
0.8
55 ± 1
13.0
30.5
35
≈ 7.4
260
400
15 x 30
0.8
55 ± 1
15.5
30.5
35
≈ 11.7
200
250
18 x 30
0.8
55 ± 1
18.5
30.5
35
≈ 12.9
120
-
18 x 38
0.8
34 ± 1
18.5
39.5
44
≈ 19.0
125
-
21 x 38
0.8
34 ± 1
21.5
39.5
44
≈ 24.0
100
-
D3
120 °C
(3 x)
d2
-
1.3 + 0.1
0
(3 x)
1.05 + 0.03
- 0.1
3.6 + 0.2
- 0.2
(3 x)
1.3 + 0
(3 x)
Mounting holes
90° ± 2°
(3 x)
- 0.05
D
L
+ 1.0
- 0.5
Ø d1
Ø D2
Fig.4
Mounting hole digram and outline; Form MR: With mounting ring and pins
Case Ø D x L = 15 x 30 to 21 x 38 mm
Case not insulated (insulation on request)
Especially for applications with severe shocks and vibrations
MOUNTING RING; DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL
CASE SIZE
Ø D x L
CASE
CODE
MOUNTING RING: FORM MR
MASS
(g)
PACKAGING
QUANTITIES
Ø d1
Ø d2
Ø Dmax.
Ø D2max.
D3
Lmax.
15 x 30
02
0.8
1.0 + 0.4
15.5
17.5
16.5 ± 0.2
33
≈ 8.6
200
18 x 30
03
0.8
1.0 + 0.4
18.5
19.5
18.5 ± 0.2
33
≈ 11.5
240
18 x 38
04
0.8
1.0 + 0.4
18.5
19.5
18.5 ± 0.2
42
≈ 14.0
100
21 x 38
05
0.8
1.0 + 0.4
21.5
22.5
21.5 ± 0.2
42
≈ 19.2
100


Similar Part No. - MAL212027681E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL212310101 VISHAY-MAL212310101 Datasheet
1Mb / 12P
   Aluminum Capacitors Solid Axial
Revision: 23-Jun-08
MAL212310108 VISHAY-MAL212310108 Datasheet
1Mb / 12P
   Aluminum Capacitors Solid Axial
Revision: 23-Jun-08
MAL212310109 VISHAY-MAL212310109 Datasheet
1Mb / 12P
   Aluminum Capacitors Solid Axial
Revision: 23-Jun-08
MAL212310151 VISHAY-MAL212310151 Datasheet
1Mb / 12P
   Aluminum Capacitors Solid Axial
Revision: 23-Jun-08
MAL212310158 VISHAY-MAL212310158 Datasheet
1Mb / 12P
   Aluminum Capacitors Solid Axial
Revision: 23-Jun-08
More results

Similar Description - MAL212027681E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
120ATC VISHAY-120ATC_12 Datasheet
204Kb / 7P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 13-Dec-12
120ATC VISHAY-120ATC Datasheet
266Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 28-Oct-05
126ALX VISHAY-126ALX_V01 Datasheet
203Kb / 9P
   Aluminum Electrolytic Capacitors Axial High Temperature, High Ripple Current
01-Jan-2023
120ATC VISHAY-120ATC_V01 Datasheet
196Kb / 7P
   Aluminum Electrolytic Capacitors Axial High Temperature, High Ripple Current
01-Jan-2023
120ATC VISHAY-120ATC_17 Datasheet
214Kb / 7P
   Aluminum Electrolytic Capacitors Axial High Temperature, High Ripple Current
Revision: 09-Jan-17
126ALX VISHAY-126ALX Datasheet
219Kb / 9P
   Aluminum Electrolytic Capacitors Axial High Temperature, High Ripple Current
118AHT VISHAY-118AHT Datasheet
150Kb / 11P
   Aluminum Capacitors Axial High Temperature
Revision: 30-May-08
118AHT VISHAY-118AHT_17 Datasheet
245Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature
Revision: 20-Apr-17
118AHT VISHAY-118AHT_V01 Datasheet
223Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature
01-Jan-2023
logo
List of Unclassifed Man...
SERIE118AHT ETC-SERIE118AHT Datasheet
1,008Kb / 19P
   Aluminum electrolytic capacitors Axial High Temperature
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com