Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30ETH06-1TRLPBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 30ETH06-1TRLPBF
Description  Hyperfast Rectifier, 30 A FRED PtTM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

30ETH06-1TRLPBF Datasheet(HTML) 1 Page - Vishay Siliconix

  30ETH06-1TRLPBF Datasheet HTML 1Page - Vishay Siliconix 30ETH06-1TRLPBF Datasheet HTML 2Page - Vishay Siliconix 30ETH06-1TRLPBF Datasheet HTML 3Page - Vishay Siliconix 30ETH06-1TRLPBF Datasheet HTML 4Page - Vishay Siliconix 30ETH06-1TRLPBF Datasheet HTML 5Page - Vishay Siliconix 30ETH06-1TRLPBF Datasheet HTML 6Page - Vishay Siliconix 30ETH06-1TRLPBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 94020
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 26-May-08
1
Hyperfast Rectifier,
30 A FRED PtTM
30ETH06SPbF/30ETH06-1PbF
Vishay High Power Products
FEATURES
• Hyperfast recovery time
• Low forward voltage drop
• Low leakage current
• 125 °C operating junction temperature
• Dual diode center tap
• Lead (Pb)-free (“PbF” suffix)
• Designed and qualified for Q101 level
DESCRIPTION/APPLICATIONS
State of the art hyperfast recovery rectifiers designed with
optimized performance of forward voltage drop, hyperfast
recovery time and soft recovery.
The planar structure and the platinum doped life time
control guarantee the best overall performance, ruggedness
and reliability characteristics.
These devices are intended for use in PFC boost stage in
the AC-DC section of SMPS, inverters or as freewheeling
diodes.
Their extremely optimized stored charge and low recovery
current minimize the switching losses and reduce over
dissipation in the switching element and snubbers.
PRODUCT SUMMARY
trr (typical)
28 ns
IF(AV)
30 A
VR
600 V
30ETH06SPbF
D2PAK
30ETH06-1PbF
TO-262
Anode
1
3
Base
cathode
2
N/C
Anode
1
3
2
N/C
Available
RoHS*
COMPLIANT
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
MAX.
UNITS
Peak repetitive reverse voltage
VRRM
600
V
Average rectified forward current
IF(AV)
TC = 103 °C
30
A
Non-repetitive peak surge current
IFSM
TJ = 25 °C
200
Operating junction and storage temperatures
TJ, TStg
- 65 to 175
°C
ELECTRICAL SPECIFICATIONS (TJ = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Breakdown voltage,
blocking voltage
VBR,
VR
IR = 100 µA
600
-
-
V
Forward voltage
VF
IF = 30 A
-
2.0
2.6
IF = 30 A, TJ = 150 °C
-
1.34
1.75
Reverse leakage current
IR
VR = VR rated
-
0.3
50
µA
TJ = 150 °C, VR = VR rated
-
60
500
Junction capacitance
CT
VR = 600 V
-
33
-
pF
Series inductance
LS
Measured lead to lead 5 mm from package body
-
8.0
-
nH
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - 30ETH06-1TRLPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30ETH06-1TRLPBF IRF-30ETH06-1TRLPBF Datasheet
288Kb / 8P
   Hyperfast Rectifier
logo
Vishay Siliconix
30ETH06-1TRLPBF VISHAY-30ETH06-1TRLPBF Datasheet
176Kb / 9P
   Hyperfast Rectifier, 30 A FRED Pt
Revision: 11-Mar-10
More results

Similar Description - 30ETH06-1TRLPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30ETH06S VISHAY-30ETH06S Datasheet
123Kb / 7P
   Hyperfast Rectifier, 30 A FRED PtTM
Revision: 08-Sep-08
30ETH06 VISHAY-30ETH06 Datasheet
109Kb / 7P
   Hyperfast Rectifier, 30 A FRED PtTM
Revision: 23-Jun-08
30EPH06 VISHAY-30EPH06 Datasheet
113Kb / 7P
   Hyperfast Rectifier, 30 A FRED PtTM
Revision: 02-Jun-08
30EPH06PBF VISHAY-30EPH06PBF Datasheet
108Kb / 7P
   Hyperfast Rectifier, 30 A FRED PtTM
Revision: 07-Apr-08
60CPH03PBF VISHAY-60CPH03PBF Datasheet
116Kb / 7P
   Hyperfast Rectifier, 2 x 30 A FRED PtTM
Revision: 21-Jul-08
15ETH03 VISHAY-15ETH03 Datasheet
114Kb / 7P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 20-Jun-08
15ETX06S VISHAY-15ETX06S Datasheet
126Kb / 7P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 08-Sep-08
8ETX06PBF VISHAY-8ETX06PBF Datasheet
117Kb / 7P
   Hyperfast Rectifier, 8 A FRED PtTM
Revision: 08-Aug-08
30ETH06PBF VISHAY-30ETH06PBF Datasheet
108Kb / 7P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 07-Apr-08
8ETH03 VISHAY-8ETH03 Datasheet
110Kb / 7P
   Hyperfast Rectifier, 8 A FRED PtTM
Revision: 23-Jun-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com