Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL211630101E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MAL211630101E3
Description  Aluminum Capacitors Radial Long Life
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL211630101E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  MAL211630101E3 Datasheet HTML 1Page - Vishay Siliconix MAL211630101E3 Datasheet HTML 2Page - Vishay Siliconix MAL211630101E3 Datasheet HTML 3Page - Vishay Siliconix MAL211630101E3 Datasheet HTML 4Page - Vishay Siliconix MAL211630101E3 Datasheet HTML 5Page - Vishay Siliconix MAL211630101E3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
116 RLL
Vishay BCcomponents
Aluminum Capacitors
Radial Long Life
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28316
114
Revision: 14-Oct-08
DIMENSIONS in millimeters AND AVAILABLE FORMS
Table 1
Note
Tape dimension see section ‘PACKAGING’.
L
F
15 min
5 min
Ø d
Ø D
+
-
Fig.2 Form CA: Long leads
Fig.4 Form CB: Cut leads
Case Ø D x L = 8.2 x 11 mm only
Ø D
Ø d
5 ± 0.5
L
4
+1
0
+
-
Fig.3 Form TFA: Taped in box (ammopack)
Case Ø D x L = 5 x 11 and 8.2 x 11 mm
Pitch F = 5 mm
Fig.5 Form TNA: Taped in box (ammopack)
Case Ø D x L = 5 x 11 mm only
Pitch F = 2.5 mm
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL
CASE SIZE
Ø D x L
CASE
CODE
Ø D
Ø Dmax.
Lmax.
F
MASS (g)
PACKAGING QUANTITIES
FORM
CA, CB
FORM
TFA, TNA
5 x 11
11
0.5
5.5
12
2.5 ± 0.5
≈ 0.4
1000
2000
8.2 x 11
13
0.6
8.7
12
5.0 ± 0.5
≈ 1.1
1000
1000


Similar Part No. - MAL211630101E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL211723109E3 VISHAY-MAL211723109E3 Datasheet
87Kb / 5P
   Aluminum Capacitors Axial, Smallest Diameter
Revision: 22-Apr-08
MAL211723229E3 VISHAY-MAL211723229E3 Datasheet
87Kb / 5P
   Aluminum Capacitors Axial, Smallest Diameter
Revision: 22-Apr-08
MAL211724688E3 VISHAY-MAL211724688E3 Datasheet
87Kb / 5P
   Aluminum Capacitors Axial, Smallest Diameter
Revision: 22-Apr-08
MAL211725109E3 VISHAY-MAL211725109E3 Datasheet
87Kb / 5P
   Aluminum Capacitors Axial, Smallest Diameter
Revision: 22-Apr-08
MAL211725478E3 VISHAY-MAL211725478E3 Datasheet
87Kb / 5P
   Aluminum Capacitors Axial, Smallest Diameter
Revision: 22-Apr-08
More results

Similar Description - MAL211630101E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
116RLL VISHAY-116RLL_13 Datasheet
107Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 26-Apr-13
116RLL VISHAY-116RLL Datasheet
204Kb / 5P
   Aluminum Capacitors Radial Long Life
Revision: 17-Jun-05
116RLL VISHAY-116RLL_V01 Datasheet
94Kb / 6P
   Aluminum Electrolytic Capacitors Radial Long Life
01-Jan-2023
046RSL VISHAY-046RSL Datasheet
111Kb / 7P
   Aluminum Capacitors Radial, Standard Long-Life
Revision: 19-Jun-08
048RML VISHAY-048RML Datasheet
111Kb / 8P
   Aluminum Capacitors Radial Miniature Long Life
Revision: 05-May-08
046RSL VISHAY-046RSL_13 Datasheet
107Kb / 7P
   Aluminum Capacitors Radial, Standard Long-Life
Revision: 12-Apr-13
048RML VISHAY-048RML_12 Datasheet
107Kb / 8P
   Aluminum Capacitors Radial Miniature Long Life
Revision: 05-Oct-12
151RLH VISHAY-151RLH_08 Datasheet
98Kb / 6P
   Aluminum Capacitors Radial Long-Life, High Voltage
Revision: 27-May-08
151RLH VISHAY-151RLH Datasheet
59Kb / 5P
   Aluminum Capacitors Radial Long-Life, High Voltage
Revision: 04-Nov-03
151RLH VISHAY-151RLH_12 Datasheet
100Kb / 7P
   Aluminum Capacitors Radial Long-Life, High Voltage
Revision: 31-Jul-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com