Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30ETH06-1TRR Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 30ETH06-1TRR
Description  Hyperfast Rectifier, 30 A FRED PtTM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

30ETH06-1TRR Datasheet(HTML) 6 Page - Vishay Siliconix

  30ETH06-1TRR Datasheet HTML 1Page - Vishay Siliconix 30ETH06-1TRR Datasheet HTML 2Page - Vishay Siliconix 30ETH06-1TRR Datasheet HTML 3Page - Vishay Siliconix 30ETH06-1TRR Datasheet HTML 4Page - Vishay Siliconix 30ETH06-1TRR Datasheet HTML 5Page - Vishay Siliconix 30ETH06-1TRR Datasheet HTML 6Page - Vishay Siliconix 30ETH06-1TRR Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 93932
6
Revision: 08-Sep-08
30ETH06S/30ETH06-1
Vishay High Power Products
Hyperfast Rectifier,
30 A FRED PtTM
ORDERING INFORMATION TABLE
1
-
Current rating (30 = 30 A)
2
-
E = Single diode
3
-
T = TO-220, D2PAK
4
-
H = Hyperfast recovery
5
-
Voltage rating (06 = 600 V)
6
-
S = D2PAK
-1 = TO-262
7
-
None = Tube (50 pieces)
TRL = Tape and reel (left oriented, for D2PAK package)
TRR = Tape and reel (right oriented, for D2PAK package)
8
-
None = Standard production
PbF = Lead (Pb)-free
Device code
5
13
24
67
8
30
E
T
H
06
S
TRL
-
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95014
Part marking information
http://www.vishay.com/doc?95008
Packaging information
http://www.vishay.com/doc?95032


Similar Part No. - 30ETH06-1TRR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30ETH06-1TRR IRF-30ETH06-1TRR Datasheet
288Kb / 8P
   Hyperfast Rectifier
30ETH06-1TRRPBF IRF-30ETH06-1TRRPBF Datasheet
288Kb / 8P
   Hyperfast Rectifier
logo
Vishay Siliconix
30ETH06-1TRRPBF VISHAY-30ETH06-1TRRPBF Datasheet
124Kb / 7P
   Hyperfast Rectifier, 30 A FRED PtTM
Revision: 26-May-08
30ETH06-1TRRPBF VISHAY-30ETH06-1TRRPBF Datasheet
176Kb / 9P
   Hyperfast Rectifier, 30 A FRED Pt
Revision: 11-Mar-10
More results

Similar Description - 30ETH06-1TRR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30ETH06SPBF VISHAY-30ETH06SPBF Datasheet
124Kb / 7P
   Hyperfast Rectifier, 30 A FRED PtTM
Revision: 26-May-08
30ETH06 VISHAY-30ETH06 Datasheet
109Kb / 7P
   Hyperfast Rectifier, 30 A FRED PtTM
Revision: 23-Jun-08
30EPH06 VISHAY-30EPH06 Datasheet
113Kb / 7P
   Hyperfast Rectifier, 30 A FRED PtTM
Revision: 02-Jun-08
30EPH06PBF VISHAY-30EPH06PBF Datasheet
108Kb / 7P
   Hyperfast Rectifier, 30 A FRED PtTM
Revision: 07-Apr-08
60CPH03PBF VISHAY-60CPH03PBF Datasheet
116Kb / 7P
   Hyperfast Rectifier, 2 x 30 A FRED PtTM
Revision: 21-Jul-08
15ETH03 VISHAY-15ETH03 Datasheet
114Kb / 7P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 20-Jun-08
15ETX06S VISHAY-15ETX06S Datasheet
126Kb / 7P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 08-Sep-08
8ETX06PBF VISHAY-8ETX06PBF Datasheet
117Kb / 7P
   Hyperfast Rectifier, 8 A FRED PtTM
Revision: 08-Aug-08
30ETH06PBF VISHAY-30ETH06PBF Datasheet
108Kb / 7P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 07-Apr-08
8ETH03 VISHAY-8ETH03 Datasheet
110Kb / 7P
   Hyperfast Rectifier, 8 A FRED PtTM
Revision: 23-Jun-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com