Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL212873229E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MAL212873229E3
Description  Aluminum Capacitors Solid Al, Radial Pearl Miniature
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL212873229E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  MAL212873229E3 Datasheet HTML 1Page - Vishay Siliconix MAL212873229E3 Datasheet HTML 2Page - Vishay Siliconix MAL212873229E3 Datasheet HTML 3Page - Vishay Siliconix MAL212873229E3 Datasheet HTML 4Page - Vishay Siliconix MAL212873229E3 Datasheet HTML 5Page - Vishay Siliconix MAL212873229E3 Datasheet HTML 6Page - Vishay Siliconix MAL212873229E3 Datasheet HTML 7Page - Vishay Siliconix MAL212873229E3 Datasheet HTML 8Page - Vishay Siliconix MAL212873229E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
128 SAL-RPM
Vishay BCcomponents
Aluminum Capacitors Solid Al,
Radial Pearl Miniature
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28354
154
Revision: 23-Jun-08
DIMENSIONS in millimeters AND AVAILABLE FORMS
Table 1
Notes
(1) In plastic bags of 200 units each.
Detailed tape dimensions see section ‘PACKAGING’.
SELECTION CHART FOR CR, UR, UC AND RELEVANT MAXIMUM CASE SIZES (H x W x T in mm)
CR
(µF)
UR (V) at Tamb = 85 °C
6.3
10
162540
UC (V) at Tamb = 125 °C
6.3
10
162525
0.22
-
-
-
-
10 x 7 x 3.5
0.33
-
-
-
-
10 x 7 x 4
0.47
-
-
-
-
10 x 7 x 5
0.68
-
-
-
10 x 7 x 3.5
10 x 7 x 5
1
-
-
-
10 x 7 x 3.5
10 x 7 x 5
1.5
-
-
-
10 x 7 x 3.5
10 x 8 x 6
2.2
-
-
10 x 7 x 3.5
10 x 7 x 4
10 x 8 x 6
3.3
-
-
10 x 7 x 3.5
10 x 7 x 5
-
4.7
-
10 x 7 x 3.5
10 x 7 x 4
10 x 8 x 5
-
6.8
-
10 x 7 x 3.5
10 x 7 x 4
10 x 8 x 5
-
10
10 x 7 x 3.5
10 x 7 x 4
10 x 7 x 5
10 x 8 x 6
-
15
-
10 x 7 x 4
10 x 8 x 5
-
-
22
10 x 7 x 4
10 x 7 x 5
10 x 8 x 6
-
-
33
10 x 7 x 5
10 x 8 x 5
-
-
-
47
10 x 8 x 5
10 x 8 x 6
-
-
-
68
10 x 8 x 6
-
-
-
-
W
T
Bottom view
9.5 ± 0.5
5.2 ± 0.2
4.5
+ 0.3
- 0.7
Ø 0.6
+ 0.06
- 0.05
Printed-circuit
board
The diameter of the mounting holes in the printed-circuit board is 0.8 ± 0.1 mm.
Flanges are provided with degassing grooves.
Fig.2 Form CB: Short leads, in boxes
W
T
Bottom view
9.5 ± 0.5
5.2 ± 0.2
1.0 ± 0.1
9 ± 1
2 ± 0.5
12.5 ± 0.5
0.25
± 0.05
Ø 0.6
+ 0.06
- 0.05
Printed-circuit
board
The diameter of the mounting holes in the printed-circuit board is 0.8 ± 0.1 mm,
except for the hole of the anode lead of Form CA capacitors: 1.3 - 0.2 mm.
Flanges are provided with degassing grooves.
Fig.3 Form CA: Long- leads with keyed polarity, in boxes
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
MAXIMUM
CASE SIZE
H x W x T
(mm)
CASE
CODE
MASS
(g)
PACKAGING QUANTITIES
FORM
CA
Note (1)
FORM
CB
Note (1)
FORM
TR+
FORM
TFA
10 x7x3.5
20
≈ 0.25
1000
1000
2000
1000
10 x7x4
30
≈ 0.30
1000
1000
2000
1000
10 x7x5
40
≈ 0.35
1000
1000
1000
1000
10 x8x5
50
≈ 0.50
1000
1000
1000
1000
10 x8x6
60
≈ 0.60
1000
1000
1000
1000


Similar Part No. - MAL212873229E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL212015102E3 VISHAY-MAL212015102E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
MAL212015152E3 VISHAY-MAL212015152E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
MAL212015222E3 VISHAY-MAL212015222E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
MAL212015332E3 VISHAY-MAL212015332E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
MAL212015472E3 VISHAY-MAL212015472E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
More results

Similar Description - MAL212873229E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
128SALRPM VISHAY-128SALRPM Datasheet
142Kb / 10P
   Aluminum Capacitors Solid AI, Radial Pearl Miniature
Revision: 07-May-13
037RSM VISHAY-037RSM_08 Datasheet
114Kb / 7P
   Aluminum Capacitors Radial Standard Miniature
Revision: 14-Nov-07
037RSM VISHAY-037RSM Datasheet
486Kb / 7P
   Aluminum Capacitors Radial Standard Miniature
Revision: 16-Nov-05
048RML VISHAY-048RML Datasheet
111Kb / 8P
   Aluminum Capacitors Radial Miniature Long Life
Revision: 05-May-08
152RMH VISHAY-152RMH Datasheet
98Kb / 6P
   Aluminum Capacitors Radial Miniature, High Voltage
Revision: 15-May-08
150RMI VISHAY-150RMI_12 Datasheet
114Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 10-Oct-12
140RTM VISHAY-140RTM Datasheet
226Kb / 6P
   Aluminum Capacitors Radial, High Temperature Miniature
Revision: 30-Jun-05
222203851101 VISHAY-222203851101 Datasheet
116Kb / 7P
   Aluminum Capacitors Radial Standard Ultra Miniature
Revision: 05-May-08
152RMH VISHAY-152RMH_12 Datasheet
98Kb / 6P
   Aluminum Capacitors Radial Miniature, High Voltage
Revision: 09-Nov-12
140RTM VISHAY-140RTM_12 Datasheet
104Kb / 7P
   Aluminum Capacitors Radial, High Temperature Miniature
Revision: 15-Nov-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com